Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F72820 Datasheet(PDF) 6 Page - Feature Integration Technology Inc.

Part # F72820
Description  Synchronous Buck PWM DC-DC Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F72820 Datasheet(HTML) 6 Page - Feature Integration Technology Inc.

Back Button F72820 Datasheet HTML 2Page - Feature Integration Technology Inc. F72820 Datasheet HTML 3Page - Feature Integration Technology Inc. F72820 Datasheet HTML 4Page - Feature Integration Technology Inc. F72820 Datasheet HTML 5Page - Feature Integration Technology Inc. F72820 Datasheet HTML 6Page - Feature Integration Technology Inc. F72820 Datasheet HTML 7Page - Feature Integration Technology Inc. F72820 Datasheet HTML 8Page - Feature Integration Technology Inc. F72820 Datasheet HTML 9Page - Feature Integration Technology Inc. F72820 Datasheet HTML 10Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
F72820
Jul 2007
V0.24P
-3-
F72820
5V
PWM
CONTROLLER
VOUT
Q1
Q2
BOOT
VIN
Figure 2: Simplified power system diagram
5. Pin Description
AIN
- Input pin(Analog)
AOUT
- Output pin(Analog)
P
- Power
Pin No
Pin Name
TYPE
PWR
Description
1
BOOT
P
Provide ground reference voltage for high side MOSFET by bootstrap
circuit or ATX 12V.
2
UGATE
AOUT
BOOT
Higher gate drive output. Connect this pin to gate of the high side
MOSFET
3
GND
P
Power ground pin for the chip
4
LGATE
AOUT
VCC
Lower gate drive output. Connect this pin to gate of the low side
MOSFET
5
VCC
P
IC supply voltage. This voltage is monitored for power-on-reset purpose.
6
FB
AIN
VCC
Inverting input of the error amplifier used to compensate the feedback
loop of the PWM controller.
7
OCSET/SD
AOUT/AIN
VCC
This is multi-function pin. Connecting a resistor from this pin to drain of
high side MOSFET and an internal 40uA current source to ground.
OCSET voltage is reference for over current detect. When OCSET
voltage is under 1.25V, shut down function will be enabled.
8
PHASE
AIN
VCC
Connect to high side MOSFET source and monitor its voltage drop for
over current protection.


Similar Part No. - F72820

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F72814 FINTEK-F72814 Datasheet
486Kb / 16P
Synchronous Buck PWM DC-DC Controller
F72814SG FINTEK-F72814SG Datasheet
486Kb / 16P
Synchronous Buck PWM DC-DC Controller
F72815 FINTEK-F72815 Datasheet
637Kb / 18P
Synchronous Buck PWM DC-DC Controller with External Reference Voltage Input
F72815SG FINTEK-F72815SG Datasheet
637Kb / 18P
Synchronous Buck PWM DC-DC Controller with External Reference Voltage Input
F72830 FINTEK-F72830 Datasheet
743Kb / 23P
Four-Phase Linear Controller with I2C Interface
More results

Similar Description - F72820

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2014 DIODES-AP2014 Datasheet
405Kb / 13P
SYNCHRONOUS PWM DC-DC BUCK CONTROLLER
DS30883 Rev. 1 - 0
logo
Feature Integration Tec...
F72814 FINTEK-F72814 Datasheet
486Kb / 16P
Synchronous Buck PWM DC-DC Controller
logo
Fitipower Integrated Te...
FP6329 FITIPOWER-FP6329 Datasheet
699Kb / 16P
Synchronous Buck PWM DC-DC Controller
logo
Richtek Technology Corp...
RT9202B RICHTEK-RT9202B Datasheet
197Kb / 14P
Single Synchronous Buck PWM DC-DC Controller
RT9202 RICHTEK-RT9202_07 Datasheet
197Kb / 14P
Single Synchronous Buck PWM DC-DC Controller
RT9202 RICHTEK-RT9202 Datasheet
149Kb / 16P
SINGLE SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
logo
Unisonic Technologies
USR1101 UTC-USR1101_15 Datasheet
170Kb / 5P
5V/12V SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
logo
Richtek Technology Corp...
RT8105 RICHTEK-RT8105 Datasheet
216Kb / 12P
5V/12V Synchronous Buck PWM DC/DC Controller
RT9214 RICHTEK-RT9214 Datasheet
345Kb / 17P
5V/12V Synchronous Buck PWM DC-DC Controller
logo
Unisonic Technologies
USR1101 UTC-USR1101 Datasheet
152Kb / 6P
5V/12V SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com