Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1460GCZ-10 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1460GCZ-10
Description  Micropower Precision Series Reference Family
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1460GCZ-10 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1460GCZ-10 Datasheet HTML 2Page - Linear Technology LT1460GCZ-10 Datasheet HTML 3Page - Linear Technology LT1460GCZ-10 Datasheet HTML 4Page - Linear Technology LT1460GCZ-10 Datasheet HTML 5Page - Linear Technology LT1460GCZ-10 Datasheet HTML 6Page - Linear Technology LT1460GCZ-10 Datasheet HTML 7Page - Linear Technology LT1460GCZ-10 Datasheet HTML 8Page - Linear Technology LT1460GCZ-10 Datasheet HTML 9Page - Linear Technology LT1460GCZ-10 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LT1460
6
1460f
The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = VOUT + 2.5V, IOUT = 0 unless otherwise specified.
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Line Regulation
LT1460A, LT1460B, LT1460C, LT1460D, LT1460E,
LT1460F, LT1460G, LT1460H, LT1460L, LT1460M
VOUT + 0.9V ≤ VIN ≤ VOUT + 2.5V
30
60
80
ppm/V
ppm/V
VOUT + 2.5V ≤ VIN ≤ 20V
10
25
35
ppm/V
ppm/V
LT1460HC, LT1460JC, LT1460KC
VOUT + 0.9V ≤ VIN ≤ VOUT + 2.5V
150
800
1000
ppm/V
ppm/V
VOUT + 2.5V ≤ VIN ≤ 20V
50
100
130
ppm/V
ppm/V
Load Regulation Sourcing (Note 4)
LT1460A, LT1460B, LT1460C, LT1460D, LT1460E,
LT1460F, LT1460G, LT1460H, LT1460L, LT1460M
IOUT = 100µA
1500
2800
3500
ppm/mA
ppm/mA
IOUT = 10mA
80
135
180
ppm/mA
ppm/mA
IOUT = 20mA
0°C to 70°C
70
100
140
ppm/mA
ppm/mA
LT1460HC, LT1460JC, LT1460KC
IOUT = 100µA
1000
3000
4000
ppm/mA
ppm/mA
IOUT = 10mA
50
200
300
ppm/mA
ppm/mA
IOUT = 20mA
20
70
100
ppm/mA
ppm/mA
Thermal Regulation (Note 5)
LT1460A, LT1460B, LT1460C, LT1460D, LT1460E,
LT1460F, LT1460G, LT1460H, LT1460L, LT1460M
ΔP = 200mW
0.5
2.5
ppm/mW
LT1460HC, LT1460JC, LT1460KC
ΔP = 200mW
2.5
10
ppm/mW
Dropout Voltage (Note 6)
VIN – VOUT, IOUT = 0
0.9
V
VIN – VOUT, IOUT = 10mA
1.3
1.4
V
V
Output Current
Short VOUT to GND
40
mA
Reverse Leakage
VIN = –15V
0.5
10
µA
Supply Current
LT1460-2.5
100
130
165
µA
µA
LT1460-5
125
175
225
µA
µA
LT1460-10
190
270
360
µA
µA
LT1460S3-2.5
115
145
175
µA
µA
LT1460S3-3
145
180
220
µA
µA
LT1460S3-3.3
145
180
220
µA
µA
LT1460S3-5
160
200
240
µA
µA
LT1460S3-10
215
270
350
µA
µA


Similar Part No. - LT1460GCZ-10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1460GCZ-10 LINER-LT1460GCZ-10 Datasheet
287Kb / 12P
Micropower Precision Series Reference
LT1460GCZ-10-PBF LINER-LT1460GCZ-10-PBF Datasheet
1Mb / 26P
Micropower Precision Series Reference Family
LT1460GCZ-10-TRPBF LINER-LT1460GCZ-10-TRPBF Datasheet
1Mb / 26P
Micropower Precision Series Reference Family
More results

Similar Description - LT1460GCZ-10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1460-10 LINER-LT1460-10 Datasheet
287Kb / 12P
Micropower Precision Series Reference
LT1460-5 LINER-LT1460-5 Datasheet
289Kb / 12P
Micropower Precision Series Reference
logo
List of Unclassifed Man...
REF50Z ETC-REF50Z Datasheet
238Kb / 9P
5V MICROPOWER PRECISION REFERENCE
logo
Linear Technology
LT1461 LINER-LT1461 Datasheet
254Kb / 16P
Micropower Precision Low Dropout Series Voltage Reference Family
logo
National Semiconductor ...
LM4128 NSC-LM4128_08 Datasheet
412Kb / 18P
Precision Micropower Series Voltage Reference
logo
Linear Technology
LT1460 LINER-LT1460_10 Datasheet
1Mb / 26P
Micropower Precision Series Reference Family
LT1460 LINER-LT1460_15 Datasheet
1Mb / 26P
Micropower Precision Series Reference Family
LT1461 LINER-LT1461_15 Datasheet
1Mb / 18P
Micropower Precision Low Dropout Series Voltage Reference Family
logo
Texas Instruments
LMP7300 TI1-LMP7300_15 Datasheet
1Mb / 30P
Micropower Precision Comparator and Precision Reference
logo
STMicroelectronics
TS33 STMICROELECTRONICS-TS33 Datasheet
853Kb / 24P
Micropower high precision series voltage reference
December 2021 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com