Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1460GCZ-10 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1460GCZ-10
Description  Micropower Precision Series Reference Family
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1460GCZ-10 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1460GCZ-10 Datasheet HTML 4Page - Linear Technology LT1460GCZ-10 Datasheet HTML 5Page - Linear Technology LT1460GCZ-10 Datasheet HTML 6Page - Linear Technology LT1460GCZ-10 Datasheet HTML 7Page - Linear Technology LT1460GCZ-10 Datasheet HTML 8Page - Linear Technology LT1460GCZ-10 Datasheet HTML 9Page - Linear Technology LT1460GCZ-10 Datasheet HTML 10Page - Linear Technology LT1460GCZ-10 Datasheet HTML 11Page - Linear Technology LT1460GCZ-10 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LT1460
8
1460f
IOUT = 10mA
10
1
0.1
0
1460 G09
INPUT VOLTAGE (V)
0
175
150
125
100
75
50
25
0
15
1460 G05
510
20
125
°C
25
°C
–55
°C
TEMPERATURE (
°C)
–50
2.503
2.502
2.501
2.500
2.499
2.498
–25
025
50
1460 G04
75
100
3 TYPICAL PARTS
OUTPUT CURRENT (mA)
0
0.5
1.0
1.5
1460 G03
80
70
60
50
40
30
20
10
0
–55
°C
125
°C
25
°C
OUTPUT CURRENT (mA)
0.1
6
5
4
3
2
1
0
1
10
100
1460 G02
125
°C
25
°C
–55
°C
INPUT-OUTPUT VOLTAGE (V)
0
100
10
1
0.1
1.0
0.5
1.5
2.0
2.5
1460 G01
125
°C
–55
°C
25
°C
INPUT VOLTAGE (V)
0
4
8
10
20
1460 G06
26
12 14 16 18
2.5014
2.5010
2.5006
2.5002
2.4998
2.4994
2.4990
125
°C
25
°C
–55
°C
FREQUENCY (Hz)
90
80
70
60
50
40
30
20
10
0
–10
100
10k
100k
1M
1460 G07
1k
FREQUENCY (Hz)
10
1k
100
10
1
1k
100
10k
100k
1M
1460 G08
CL = 0
CL= 0.1µF
CL= 1µF
2.5V Minimum Input-Output
Voltage Differential
2.5V Load Regulation, Sourcing
2.5V Load Regulation, Sinking
2.5V Output Voltage
Temperature Drift
2.5V Supply Current vs Input
Voltage
2.5V Line Regulation
2.5V Power Supply Rejection
Ratio vs Frequency
2.5V Output Impedance vs
Frequency
2.5V Transient Responses
TYPICAL PERFOR A CE CHARACTERISTICS
LT1460-2.5 (N8, S8, MS8, Z Packages)


Similar Part No. - LT1460GCZ-10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1460GCZ-10 LINER-LT1460GCZ-10 Datasheet
287Kb / 12P
   Micropower Precision Series Reference
LT1460GCZ-10-PBF LINER-LT1460GCZ-10-PBF Datasheet
1Mb / 26P
   Micropower Precision Series Reference Family
LT1460GCZ-10-TRPBF LINER-LT1460GCZ-10-TRPBF Datasheet
1Mb / 26P
   Micropower Precision Series Reference Family
More results

Similar Description - LT1460GCZ-10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1460 LINER-LT1460_10 Datasheet
1Mb / 26P
   Micropower Precision Series Reference Family
LT1460 LINER-LT1460_15 Datasheet
1Mb / 26P
   Micropower Precision Series Reference Family
LT1461 LINER-LT1461_15 Datasheet
1Mb / 18P
   Micropower Precision Low Dropout Series Voltage Reference Family
LT1461 LINER-LT1461 Datasheet
254Kb / 16P
   Micropower Precision Low Dropout Series Voltage Reference Family
LT1460-10 LINER-LT1460-10 Datasheet
287Kb / 12P
   Micropower Precision Series Reference
LT1460-5 LINER-LT1460-5 Datasheet
289Kb / 12P
   Micropower Precision Series Reference
logo
National Semiconductor ...
LM4128 NSC-LM4128_08 Datasheet
412Kb / 18P
   Precision Micropower Series Voltage Reference
logo
List of Unclassifed Man...
REF50Z ETC-REF50Z Datasheet
238Kb / 9P
   5V MICROPOWER PRECISION REFERENCE
logo
STMicroelectronics
TS33 STMICROELECTRONICS-TS33 Datasheet
853Kb / 24P
   Micropower high precision series voltage reference
December 2021 Rev 5
logo
Texas Instruments
LMP7300 TI1-LMP7300_15 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower Precision Comparator and Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com