Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1460ACN8-10 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1460ACN8-10
Description  Micropower Precision Series Reference Family
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1460ACN8-10 Datasheet(HTML) 2 Page - Linear Technology

  LT1460ACN8-10 Datasheet HTML 1Page - Linear Technology LT1460ACN8-10 Datasheet HTML 2Page - Linear Technology LT1460ACN8-10 Datasheet HTML 3Page - Linear Technology LT1460ACN8-10 Datasheet HTML 4Page - Linear Technology LT1460ACN8-10 Datasheet HTML 5Page - Linear Technology LT1460ACN8-10 Datasheet HTML 6Page - Linear Technology LT1460ACN8-10 Datasheet HTML 7Page - Linear Technology LT1460ACN8-10 Datasheet HTML 8Page - Linear Technology LT1460ACN8-10 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LT1460
2
1460f
Input Voltage.............................................................30V
Reverse Voltage ......................................................–15V
Output Short-Circuit Duration, TA = 25°C
VIN > 10V ............................................................5 sec
VIN ≤ 10V..................................................... Indefinite
(Note 1)
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
Specified Temperature Range
Commercial (C)........................................ 0°C to 70°C
Industrial (I)......................................... –40°C to 85°C
High (H)............................................. –40°C to 125°C
Storage Temperature Range (Note 2)..... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
3 GND
IN 1
TOP VIEW
S3 PACKAGE
3-LEAD PLASTIC SOT-23
OUT 2
TJMAX = 125°C, θJA = 325°C/W
ORDER PART NUMBER
S3 PART MARKING
LT1460HCS3-2.5
LT1460JCS3-2.5
LT1460KCS3-2.5
LT1460HCS3-3
LT1460JCS3-3
LT1460KCS3-3
LT1460HCS3-3.3
LT1460JCS3-3.3
LT1460KCS3-3.3
LT1460HCS3-5
LT1460JCS3-5
LT1460KCS3-5
LT1460HCS3-10
LT1460JCS3-10
LT1460KCS3-10
LTAC
LTAD
LTAE
LTAN
LTAP
LTAQ
LTAR
LTAS
LTAT
LTAK
LTAL
LTAM
LTAU
LTAV
LTAW
}ORLTH8*
}ORLTH9*
}ORLTJ1*
}ORLTJ2*
}ORLTJ3*
*The temperature grades and parametric grades are identified by a label on the shipping container. Product may be identified with either part marking.


Similar Part No. - LT1460ACN8-10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1460ACN8-10 LINER-LT1460ACN8-10 Datasheet
287Kb / 12P
Micropower Precision Series Reference
LT1460ACN8-10-PBF LINER-LT1460ACN8-10-PBF Datasheet
1Mb / 26P
Micropower Precision Series Reference Family
LT1460ACN8-10-TRPBF LINER-LT1460ACN8-10-TRPBF Datasheet
1Mb / 26P
Micropower Precision Series Reference Family
More results

Similar Description - LT1460ACN8-10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1460-10 LINER-LT1460-10 Datasheet
287Kb / 12P
Micropower Precision Series Reference
LT1460-5 LINER-LT1460-5 Datasheet
289Kb / 12P
Micropower Precision Series Reference
logo
List of Unclassifed Man...
REF50Z ETC-REF50Z Datasheet
238Kb / 9P
5V MICROPOWER PRECISION REFERENCE
logo
Linear Technology
LT1461 LINER-LT1461 Datasheet
254Kb / 16P
Micropower Precision Low Dropout Series Voltage Reference Family
logo
National Semiconductor ...
LM4128 NSC-LM4128_08 Datasheet
412Kb / 18P
Precision Micropower Series Voltage Reference
logo
Linear Technology
LT1460 LINER-LT1460_10 Datasheet
1Mb / 26P
Micropower Precision Series Reference Family
LT1460 LINER-LT1460_15 Datasheet
1Mb / 26P
Micropower Precision Series Reference Family
LT1461 LINER-LT1461_15 Datasheet
1Mb / 18P
Micropower Precision Low Dropout Series Voltage Reference Family
logo
Texas Instruments
LMP7300 TI1-LMP7300_15 Datasheet
1Mb / 30P
Micropower Precision Comparator and Precision Reference
logo
STMicroelectronics
TS33 STMICROELECTRONICS-TS33 Datasheet
853Kb / 24P
Micropower high precision series voltage reference
December 2021 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com