Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1460 Datasheet(PDF) 17 Page - Linear Technology

Part # LT1460
Description  Micropower Precision Series Reference Family
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1460 Datasheet(HTML) 17 Page - Linear Technology

Back Button LT1460 Datasheet HTML 13Page - Linear Technology LT1460 Datasheet HTML 14Page - Linear Technology LT1460 Datasheet HTML 15Page - Linear Technology LT1460 Datasheet HTML 16Page - Linear Technology LT1460 Datasheet HTML 17Page - Linear Technology LT1460 Datasheet HTML 18Page - Linear Technology LT1460 Datasheet HTML 19Page - Linear Technology LT1460 Datasheet HTML 20Page - Linear Technology LT1460 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
LT1460
17
1460f
APPLICATIO S I FOR ATIO
Table 1 gives the maximum output capacitance for vari-
ous load currents and output voltages to avoid instability.
Load capacitors with low ESR (effective series resistance)
cause more ringing than capacitors with higher ESR such
as polarized aluminum or tantalum capacitors.
Table 1. Maximum Output Capacitance
VOLTAGE
OPTION
IOUT = 100µA
IOUT = 1mA
IOUT = 10mA IOUT = 20mA
2.5V
>10µF
>10µF
2µF
0.68µF
3V
>10µF
>10µF
2µF
0.68µF
3.3V
>10µF
>10µF
1µF
0.68µF
5V
>10µF
>10µF
1µF
0.68µF
10V
>10µF
1µF
0.15µF
0.1µF
Long-Term Drift
Long-term drift cannot be extrapolated from accelerated
high temperature testing. This erroneous technique gives
drift numbers that are wildly optimistic. The only way
long-term drift can be determined is to measure it over
the time interval of interest. The LT1460S3 long-term
drift data was taken on over 100 parts that were soldered
into PC boards similar to a “real world” application. The
boards were then placed into a constant temperature oven
with TA = 30°C, their outputs were scanned regularly and
measured with an 8.5 digit DVM. Figure 12 shows typical
long-term drift of the LT1460S3s.
Hysteresis
Hysteresis data shown in Figure 13 and Figure 14 represents
the worst-case data taken on parts from 0°C to 70°C and
from –40°C to 85°C. The device is capable of dissipating
relatively high power, i.e., for the LT1460S3-2.5, PD =
17.5V • 20mA = 350mW. The thermal resistance of the
SOT-23 package is 325°C/W and this dissipation causes
a 114°C internal rise producing a junction temperature of
TJ = 25°C + 114°C = 139°C. This elevated temperature will
cause the output to shift due to thermal hysteresis. For
highest performance in precision applications, do not
let the LT1460S3’s junction temperature exceed 85°C.
Figure 12. Typical Long-Term Drift
Figure 13. 0°C to 70°C Hysteresis
Figure 14. –40°C to 85°C Hysteresis
HOURS
–150
–50
50
150
–100
0
100
200
400
600
800
1460 F12
1000
100
0
300
500
700
900
HYSTERESIS (ppm)
–240
–160
– 80
0
8
70
°C TO 25°C0°C TO 25°C
10
12
1460 F13
6
4
80
160
–200
–120
–40
40
120
200
2
0
18
16
14
240
WORST-CASE HYSTERESIS
ON 40 UNITS
HYSTERESIS (ppm)
–600
–400
–200
0
4
85
°C TO 25°C–40°C TO 25°C
5
6
1460 F14
3
2
200
400
–500
–300
–100
100
300
500
1
0
9
8
7
600
WORST-CASE HYSTERESIS
ON 34 UNITS


Similar Part No. - LT1460

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1460 LINER-LT1460 Datasheet
1Mb / 26P
Micropower Precision Series Reference Family
LT1460 LINER-LT1460 Datasheet
844Kb / 18P
SOT-23 Precision Wide Supply High Output Drive Low Noise Reference
logo
Linear Integrated Syste...
LT1460 LINEAR-LT1460 Datasheet
105Kb / 8P
2.5V Reference
LT1460 LINEAR-LT1460 Datasheet
747Kb / 22P
1.5ppm C Drift, Low Noise, Buffered Reference
LT1460 LINEAR-LT1460 Datasheet
2Mb / 30P
Precision Dual Output, High Current, Low Noise, Voltage Reference
More results

Similar Description - LT1460

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1460-10 LINER-LT1460-10 Datasheet
287Kb / 12P
Micropower Precision Series Reference
LT1460-5 LINER-LT1460-5 Datasheet
289Kb / 12P
Micropower Precision Series Reference
logo
List of Unclassifed Man...
REF50Z ETC-REF50Z Datasheet
238Kb / 9P
5V MICROPOWER PRECISION REFERENCE
logo
Linear Technology
LT1461 LINER-LT1461 Datasheet
254Kb / 16P
Micropower Precision Low Dropout Series Voltage Reference Family
logo
National Semiconductor ...
LM4128 NSC-LM4128_08 Datasheet
412Kb / 18P
Precision Micropower Series Voltage Reference
logo
Linear Technology
LT1460 LINER-LT1460_10 Datasheet
1Mb / 26P
Micropower Precision Series Reference Family
LT1460 LINER-LT1460_15 Datasheet
1Mb / 26P
Micropower Precision Series Reference Family
LT1461 LINER-LT1461_15 Datasheet
1Mb / 18P
Micropower Precision Low Dropout Series Voltage Reference Family
logo
Texas Instruments
LMP7300 TI1-LMP7300_15 Datasheet
1Mb / 30P
Micropower Precision Comparator and Precision Reference
logo
STMicroelectronics
TS33 STMICROELECTRONICS-TS33 Datasheet
853Kb / 24P
Micropower high precision series voltage reference
December 2021 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com