Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1460 Datasheet(PDF) 16 Page - Linear Technology

Part # LT1460
Description  Micropower Precision Series Reference Family
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1460 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1460 Datasheet HTML 12Page - Linear Technology LT1460 Datasheet HTML 13Page - Linear Technology LT1460 Datasheet HTML 14Page - Linear Technology LT1460 Datasheet HTML 15Page - Linear Technology LT1460 Datasheet HTML 16Page - Linear Technology LT1460 Datasheet HTML 17Page - Linear Technology LT1460 Datasheet HTML 18Page - Linear Technology LT1460 Datasheet HTML 19Page - Linear Technology LT1460 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
LT1460
16
1460f
LT1460-5
RL
VOUT
VGEN
1460 F06
CIN
0.1
µF
5V
4V
CL
VIN = 5V
2
µs/DIV
5V
4V
RL = 10k
RL = 1k
1460 F07
VGEN
VOUT
VOUT
10
µs/DIV
5V
4V
RL = 10k
RL = 1k
1460 F08
VGEN
VOUT
VOUT
APPLICATIO S I FOR ATIO
RS = 2Ω and CL = 1µF. RS should not be made arbitrarily
large because it will limit the load regulation.
Figure 6 to Figure 8 illustrate response in the LT1460-5.
The 1V step from 5V to 4V produces a current step of
1mA or 100µA for RL = 1k or RL = 10k. Figure 7 shows
the response of the reference with no load capacitance.
The reference settles to 5mV (0.1%) in less than 2µs for
a 100µA pulse and to 0.1% in 3µs with a 1mA step. When
load capacitance is greater than 0.01µF, the reference begins
to ring due to the pole formed with the output impedance.
Figure 8 shows the response of the reference to a 1mA
Figure 6. Response Time Test Circuit
Figure 8. CL = 0.01µF
Figure 7. CL = 0
and 100µA load current step with a 0.01µF load capacitor.
Figure 9 to Figure 11 illustrate response of the LT1460-10.
The 1V step from 10V to 9V produces a current step of
1mA or 100µA for RL = 1k or RL = 10k. Figure 10 shows
the response of the reference with no load capacitance.
The reference settles to 10mV (0.1%) in 0.4µs for a 100µA
pulse and to 0.1% in 0.8µs with a 1mA step. When load
capacitance is greater than 0.01µF, the reference begins
to ring due to the pole formed with the output impedance.
Figure 11 shows the response of the reference to a 1mA and
100µA load current step with a 0.01µF load capacitor.
Figure 11. CL = 0.01µF
Figure 10. CL = 0
Figure 9. Response Time Test Circuit
LT1460-10
RL
VOUT
VGEN
1460 F09
CIN
0.1
µF
10V
9V
CL
VIN = 12.5V
2
µs/DIV
10V
9V
RL = 10k
RL = 1k
1460 F10
VGEN
VOUT
VOUT
10
µs/DIV
10V
9V
RL = 10k
RL = 1k
1460 F11
VGEN
VOUT
VOUT


Similar Part No. - LT1460

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1460 LINER-LT1460 Datasheet
1Mb / 26P
Micropower Precision Series Reference Family
LT1460 LINER-LT1460 Datasheet
844Kb / 18P
SOT-23 Precision Wide Supply High Output Drive Low Noise Reference
logo
Linear Integrated Syste...
LT1460 LINEAR-LT1460 Datasheet
105Kb / 8P
2.5V Reference
LT1460 LINEAR-LT1460 Datasheet
747Kb / 22P
1.5ppm C Drift, Low Noise, Buffered Reference
LT1460 LINEAR-LT1460 Datasheet
2Mb / 30P
Precision Dual Output, High Current, Low Noise, Voltage Reference
More results

Similar Description - LT1460

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1460-10 LINER-LT1460-10 Datasheet
287Kb / 12P
Micropower Precision Series Reference
LT1460-5 LINER-LT1460-5 Datasheet
289Kb / 12P
Micropower Precision Series Reference
logo
List of Unclassifed Man...
REF50Z ETC-REF50Z Datasheet
238Kb / 9P
5V MICROPOWER PRECISION REFERENCE
logo
Linear Technology
LT1461 LINER-LT1461 Datasheet
254Kb / 16P
Micropower Precision Low Dropout Series Voltage Reference Family
logo
National Semiconductor ...
LM4128 NSC-LM4128_08 Datasheet
412Kb / 18P
Precision Micropower Series Voltage Reference
logo
Linear Technology
LT1460 LINER-LT1460_10 Datasheet
1Mb / 26P
Micropower Precision Series Reference Family
LT1460 LINER-LT1460_15 Datasheet
1Mb / 26P
Micropower Precision Series Reference Family
LT1461 LINER-LT1461_15 Datasheet
1Mb / 18P
Micropower Precision Low Dropout Series Voltage Reference Family
logo
Texas Instruments
LMP7300 TI1-LMP7300_15 Datasheet
1Mb / 30P
Micropower Precision Comparator and Precision Reference
logo
STMicroelectronics
TS33 STMICROELECTRONICS-TS33 Datasheet
853Kb / 24P
Micropower high precision series voltage reference
December 2021 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com