Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

78L05 Datasheet(PDF) 1 Page - Wing Shing Computer Components

Part # 78L05
Description  Positive-Voltage Regulators
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

78L05 Datasheet(HTML) 1 Page - Wing Shing Computer Components

  78L05 Datasheet HTML 1Page - Wing Shing Computer Components 78L05 Datasheet HTML 2Page - Wing Shing Computer Components 78L05 Datasheet HTML 3Page - Wing Shing Computer Components 78L05 Datasheet HTML 4Page - Wing Shing Computer Components 78L05 Datasheet HTML 5Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
D 3-Terminal Regulators
D Output Current up to 100 mA
D No External Components
D Internal Thermal-Overload Protection
D Internal Short-Circuit Current Limiting
D Provided Pb-Free packages from the end
of 2004
description
This series of fixed-voltage integrated-circuit
voltage regulators is designed for a wide range of
applications. These applications include on-card
regulation for elimination of noise and distribution
problems associated with single-point regulation.
In addition, they can be used with power-pass
elements to make high-current voltage regulators.
One of these regulators can deliver up to 100 mA
of output current. The internal limiting and
thermal-shutdown features of these regulators
make them essentially immune to overload. When
used as a replacement for a zener diode-resistor
combination, an effective improvement in output
impedance can be obtained, together with lower
bias current.
electrical characteristics at specified virtual junction temperature, VI = 10 V, I = 40 mA (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
TJ‡
UNIT
J
MIN
TYP
MAX
V
7Vto20V
I
1 mA to 40 mA
25
°C
4.8
5
5.2
Output voltage
V
7 V t
o
20 V
I
1
A t 40
A
Full range
4.75
5.25
V
IO = 1 mA to 70 mA
Full range
4.75
5.25
Input
VI = 7 V to 20 V
25
°C
32
150
mV
voltage regulation
VI = 8 V to 20 V
25
°C
26
100
mV
Ripple rejection
VI = 8 V to 18 V,
f = 120 Hz
25
°C
41
49
dB
Output
IO = 1 mA to 100 mA
25
°C
15
60
mV
voltage regulation
IO = 1 mA to 40 mA
25
°C
8
30
mV
Output
noise voltage
f = 10 Hz to 100 kHz
25
°C
42
µV
Dropout voltage
25
°C
1.7
V
Bias current
25
°C
3.8
6
mA
Bias c rrent
125
°C
5.5
mA
Bias
VI = 8 V to 20 V
Full range
1.5
mA
current change
IO = 1 mA to 40 mA
F ll range
0.1
mA
‡ Pulse-testing techniques maintain TJ as close to TA as possible. Thermal effects must be taken into account separately. All characteristics are
measured with a 0.33-
µF capacitor across the input and a 0.1-µF capacitor across the output. Full range for the 78L05 is T J = 0°C to 70°C
78L05
o
I =1mA to 40MA, V =7V to20V
5
5
25 C
25 C
Bias current
Full
mV
mV
mA
mA
78L05
INPUT
COMMON
OUTPUT
TO-92
OUTPUT
GND INPUT
SOT-89
78L05ACZ-Bulk
78L05CPK
O
C
I
SO-8
78L05ACM
Positive-Voltage Regulators
1
78L05ACZM-Ammo


Similar Part No. - 78L05

ManufacturerPart #DatasheetDescription
logo
NEC
78L05 NEC-78L05 Datasheet
387Kb / 12P
THREE TERMINAL POSITIVE VOLTAGE REGULATORS?
logo
National Semiconductor ...
78L05 NSC-78L05 Datasheet
211Kb / 12P
3-Terminal Positive Regulators
logo
STMicroelectronics
78L05 STMICROELECTRONICS-78L05 Datasheet
145Kb / 19P
POSITIVE VOLTAGE REGULATORS
logo
List of Unclassifed Man...
78L05 ETC1-78L05 Datasheet
253Kb / 2P
LINEAR INTEGRATED CIRCUITS 3-TERMINAL VOLATGE REGULATORS
logo
Estek Electronics Co. L...
78L05 ESTEK-78L05 Datasheet
122Kb / 3P
3-Terminal Regulators
More results

Similar Description - 78L05

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
POSITIVE VOLTAGE REGULATORS
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
Positive-Voltage Regulators
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
POSITIVE VOLTAGE REGULATORS
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
POSITIVE-VOLTAGE REGULATORS
logo
Wing Shing Computer Com...
78L24 WINGS-78L24 Datasheet
145Kb / 2P
Positive-Voltage Regulators
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
Positive voltage regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
Positive voltage regulators
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com