Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RH1034-1.2 Datasheet(PDF) 1 Page - Linear Technology

Part # RH1034-1.2
Description  Micropower Dual Reference
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1034-1.2 Datasheet(HTML) 1 Page - Linear Technology

  RH1034-1.2 Datasheet HTML 1Page - Linear Technology RH1034-1.2 Datasheet HTML 2Page - Linear Technology RH1034-1.2 Datasheet HTML 3Page - Linear Technology RH1034-1.2 Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RH1034-1.2
1
DESCRIPTION
Micropower Dual
Reference
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
ABSOLUTE MAXIMUM RATINGS
(Note 1)
Operating Current ..................................................20mA
Forward Current (Note 2).......................................20mA
Operating Temperature Range................ –55°C to 125°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
PACKAGE INFORMATION
The RH1034-1.2 is a micropower, precision 1.2V reference
combined with a 7V auxiliary reference. The 1.2V reference
is a trimmed, thin-film, band-gap, voltage reference oper-
ating on only 20μA of quiescent current. The RH1034-1.2
offers guaranteed drift, low temperature cycling hysteresis
and good long-term stability. The low dynamic impedance
makes the RH1034-1.2 easy to use from unregulated sup-
plies. The 7V reference is a subsurface zener device for
less demanding applications.
The wafer lots are processed to Linear Technology’s in-
house Class S flow to yield circuits usable in stringent
military applications.
14k
20V
7V
19.1k
1.2V
RH10341.2 BC
BURN-IN CIRCUIT
BOTTOM VIEW
H PACKAGE
3-LEAD TO-46 METAL CAN
1.2V
7V
TOP VIEW
W PACKAGE
10-LEAD CERPAC
1
5
4
3
2
10
6
7
8
9
NC
NC
7V
1.2V
NC
NC
NC
GND
NC
NC


Similar Part No. - RH1034-1.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH1034-1 LINER-RH1034-1 Datasheet
82Kb / 4P
   Micropower Dual Reference
RH1034-1 LINER-RH1034-1_15 Datasheet
82Kb / 4P
   Micropower Dual Reference
More results

Similar Description - RH1034-1.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1034-1.2 LINER-LT1034-1.2_15 Datasheet
111Kb / 8P
   Micropower Dual Reference
RH1034-1 LINER-RH1034-1_15 Datasheet
82Kb / 4P
   Micropower Dual Reference
LT1034-2.5 LINER-LT1034-2.5_15 Datasheet
111Kb / 8P
   Micropower Dual Reference
LT1034-1.2 LINER-LT1034-1.2 Datasheet
101Kb / 8P
   Micropower Dual Reference
logo
Sipex Corporation
SPX385-2.5 SIPEX-SPX385-2.5 Datasheet
140Kb / 9P
   Micropower Voltage Reference
logo
Linear Technology
LT1004 LINER-LT1004_15 Datasheet
182Kb / 8P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100A-2.5 ADMOS-AMS3100A-2.5 Datasheet
45Kb / 4P
   MICROPOWER VOLTAGE REFERENCE
AMS1004-1.2 ADMOS-AMS1004-1.2_05 Datasheet
71Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
logo
Renesas Technology Corp
ISL21010 RENESAS-ISL21010 Datasheet
3Mb / 37P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS1004-12 ADMOS-AMS1004-12 Datasheet
76Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com