Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1077 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1077
Description  Micropower, Single Supply, Precision Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1077 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1077_1 Datasheet HTML 6Page - Linear Technology LT1077_1 Datasheet HTML 7Page - Linear Technology LT1077_1 Datasheet HTML 8Page - Linear Technology LT1077_1 Datasheet HTML 9Page - Linear Technology LT1077_1 Datasheet HTML 10Page - Linear Technology LT1077_1 Datasheet HTML 11Page - Linear Technology LT1077_1 Datasheet HTML 12Page - Linear Technology LT1077_1 Datasheet HTML 13Page - Linear Technology LT1077_1 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LT1077
1077fa
APPLICATIO S I FOR ATIO
resistors.) When the output is high the pull-down resistor
draws 80µA which dominates the micropower current
budget. This situation is much worse in the gain of one
circuit with V=0V. At 100V common mode, the output has
to sink 2µA. At a minimum output voltage of 20mV
competing devices require a 10k pull-down resistor. As
the output now swings to 10V, this resistor draws 1mA of
current.
Since the output of the LT1077 cannot go exactly to
ground, but can only approach ground to within a few
millivolts, care should be exercised to ensure that the
output is not saturated. For example, a 1mV input signal
will cause the amplifier to set up in its linear region in the
gain 100 configuration shown below; however, it is not
enough to make the amplifier function properly in the
voltage follower mode.
Voltage Follower with Input Exceeding the Negative Common Mode Range (VS = 5V, 0V)
Single supply operation can also create difficulties at the
input. The driving signal can fall below 0V—inadvertently
or on a transient basis. If the input is more than a few
hundred millivolts below ground, two distinct problems
can occur on previous single supply designs, such as the
LM124, LM158, OP-20, OP-21, OP-220, OP-221, OP-420
(a and b), OP-90/290/490 (b only):
a) When the input is more than a diode drop below
ground, unlimited current will flow from the substrate
(V terminal) to the input (this can destroy the unit). On the
LT1077, resistors in series with the input protect the
device even when the input is 5V below ground.
b) When the input is more than 400mV below ground
(at 25°C), the input stage saturates and phase reversal
occurs at the output (this can cause lock-up in servo
systems). Due to a unique phase reversal protection
circuitry, the LT1077’s output does not reverse, as
illustrated below, even when the input is at – 1.0V.
100mV
1mV
99R
5V
R
+
OUTPUT
SATURATED
≈ 3.5mV
1mV
5V
+
LT1077 • AI01
Gain 100 Amplifier
Voltage Follower
1ms/DIV
2V
1ms/DIV
2V
2V
4V
4V
4V
0
0
0
LT1077
NO PHASE REVERSAL
OP-90
EXHIBITS OUTPUT
PHASE REVERSAL
1ms/DIV
6VP-P INPUT
–1.0 TO 5.0V


Similar Part No. - LT1077_1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1077 LINER-LT1077_15 Datasheet
307Kb / 16P
Micropower, Single Supply, Precision Op Amp
More results

Similar Description - LT1077_1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1077 LINER-LT1077 Datasheet
838Kb / 11P
Micropower, Single Supply, Precision Op Amp
LT1077 LINER-LT1077_15 Datasheet
307Kb / 16P
Micropower, Single Supply, Precision Op Amp
RH1078M LINER-RH1078M Datasheet
194Kb / 8P
Micropower, Dual, Single Supply Precision Op Amp
RH1078M LINER-RH1078M_15 Datasheet
162Kb / 2P
Micropower, Dual, Single-Supply Precision Op Amp
RH1078M LINER-RH1078M_12 Datasheet
253Kb / 2P
RH1078M Micropower, Dual, Single-Supply Precision Op Amp
LT1006 LINER-LT1006 Datasheet
878Kb / 12P
Precision, Single Supply Op Amp
LT1006S8 LINER-LT1006S8 Datasheet
219Kb / 4P
Precision, Single Supply Op Amp?
LT1006 LINER-LT1006_15 Datasheet
302Kb / 16P
Precision, Single Supply Op Amp
LT1006 LINER-LT1006_02 Datasheet
292Kb / 16P
Precision, Single Supply Op Amp
logo
Intersil Corporation
ISL28286 INTERSIL-ISL28286_07 Datasheet
434Kb / 14P
Dual and Quad Micropower Single Supply Dual and Quad Micropower Single Supply Precision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com