Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM319J Datasheet(PDF) 8 Page - Linear Technology

Part # LM319J
Description  Dual Comparator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LM319J Datasheet(HTML) 8 Page - Linear Technology

Back Button LM319J Datasheet HTML 4Page - Linear Technology LM319J Datasheet HTML 5Page - Linear Technology LM319J Datasheet HTML 6Page - Linear Technology LM319J Datasheet HTML 7Page - Linear Technology LM319J Datasheet HTML 8Page - Linear Technology LM319J Datasheet HTML 9Page - Linear Technology LM319J Datasheet HTML 10Page - Linear Technology LM319J Datasheet HTML 11Page - Linear Technology LM319J Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LT119A/LT319A
LM119/LM319
119a319afb
SCHEMATIC DIAGRAM
R2
4k
R4
3k
R5
3k
R8
2k
R11
13k
R12
13k
R17
3
R10
170
C1
18pF
R6
3k
R7
3k
R3
4k
R1
3.5k
Q4
Q6
Q7
Q8
Q9
Q5
Q21
Q11
Q12
Q13
Q10
Q15
Q17
GND
V
V+
Q16
Q14
Q20
Q18
Q19
Q22
Q3
Q2
Q1
5.6V
5.6V
R25
600
R24
250
R23
4k
R22
60
R20
3.6k
R21
900
R18
1.9k
R9
18k
R19
250
R14
2k
R13
600
R15
300
R16
600
TO OTHER
SIDE
LT119A
OUTPUT
INPUTS
+


Similar Part No. - LM319J

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM319J NSC-LM319J Datasheet
329Kb / 11P
   High Speed Dual Comparator
logo
Linear Technology
LM319J LINER-LM319J Datasheet
240Kb / 8P
   Dual Comparator
More results

Similar Description - LM319J

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA17903 HITACHI-HA17903 Datasheet
40Kb / 8P
   Dual Comparator
logo
Mitsubishi Electric Sem...
M51923P MITSUBISHI-M51923P Datasheet
110Kb / 4P
   DUAL COMPARATOR
logo
Fairchild Semiconductor
LM319 FAIRCHILD-LM319_12 Datasheet
174Kb / 8P
   Dual Comparator
logo
Renesas Technology Corp
M5233L RENESAS-M5233L Datasheet
1Mb / 4P
   DUAL COMPARATOR
logo
Linear Technology
LM119 LINER-LM119_15 Datasheet
198Kb / 12P
   Dual Comparator
LT319A LINER-LT319A_15 Datasheet
198Kb / 12P
   Dual Comparator
LM319 LINER-LM319_15 Datasheet
198Kb / 12P
   Dual Comparator
LT119A LINER-LT119A_15 Datasheet
198Kb / 12P
   Dual Comparator
logo
Fairchild Semiconductor
LM319 FAIRCHILD-LM319 Datasheet
111Kb / 10P
   Dual Comparator
logo
Fujitsu Component Limit...
MB47393 FUJITSU-MB47393 Datasheet
81Kb / 9P
   DUAL COMPARATOR
logo
Renesas Technology Corp
M51923P RENESAS-M51923P Datasheet
1Mb / 5P
   DUAL COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com