Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24C1024BN-SH25-T Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT24C1024BN-SH25-T
Description  Two-wire Serial EEPROM 1M (131,072 x 8)
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C1024BN-SH25-T Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT24C1024BN-SH25-T Datasheet HTML 2Page - ATMEL Corporation AT24C1024BN-SH25-T Datasheet HTML 3Page - ATMEL Corporation AT24C1024BN-SH25-T Datasheet HTML 4Page - ATMEL Corporation AT24C1024BN-SH25-T Datasheet HTML 5Page - ATMEL Corporation AT24C1024BN-SH25-T Datasheet HTML 6Page - ATMEL Corporation AT24C1024BN-SH25-T Datasheet HTML 7Page - ATMEL Corporation AT24C1024BN-SH25-T Datasheet HTML 8Page - ATMEL Corporation AT24C1024BN-SH25-T Datasheet HTML 9Page - ATMEL Corporation AT24C1024BN-SH25-T Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
6
5194F–SEEPR–1/08
AT24C1024B
START CONDITION: A high-to-low transition of SDA with SCL high is a start condition which
must precede any other command (see Figure 4-5 on page 8).
STOP CONDITION: A low-to-high transition of SDA with SCL high is a stop condition. After a
read sequence, the Stop command will place the EEPROM in a standby power mode (see Fig-
ure 4-5 on page 8).
ACKNOWLEDGE: All addresses and data words are serially transmitted to and from the
EEPROM in 8-bit words. The EEPROM sends a zero during the ninth clock cycle to acknowl-
edge that it has received each word.
STANDBY MODE: The AT24C1024B features a low-power standby mode which is enabled: a)
upon power-up and b) after the receipt of the stop bit and the completion of any internal
operations.
SOFTWARE RESET: After an interruption in protocol, power loss or system reset, any 2-wire
part can be protocol reset by following these steps: (a) Create a start bit condition, (b) clock 9
cycles, (c) create another start bit followed by stop bit condition as shown below. The device is
ready for next communication after above steps have been completed.
Figure 4-1.
Software Reset
Figure 4-2.
Bus Timing (SCL: Serial Clock, SDA: Serial Data I/O®)
Start bit
Stop bit
Start bit
Dummy Clock Cycles
SCL
SDA
12
3
8
9
SCL
SDA IN
SDA OUT
t
F
t
HIGH
t
LOW
t
LOW
t
R
t
AA
t
DH
t
BUF
t
SU.STO
t
SU.DAT
t
HD.DAT
t
HD.STA
t
SU.STA


Similar Part No. - AT24C1024BN-SH25-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C1024B ATMEL-AT24C1024B Datasheet
934Kb / 21P
   Two-wire Serial EEPROM
AT24C1024B ATMEL-AT24C1024B_14 Datasheet
1Mb / 25P
   Schmitt Triggers, Filtered Inputs for Noise Suppression
More results

Similar Description - AT24C1024BN-SH25-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C1024 ATMEL-AT24C1024 Datasheet
291Kb / 19P
   2-wire Serial EEPROM 1M (131,072 x 8)
logo
Renesas Technology Corp
HN58W241000I RENESAS-HN58W241000I Datasheet
143Kb / 21P
   Two-wire serial interface 1M EEPROM (128-kword x 8-bit)
logo
ATMEL Corporation
AT24C01B ATMEL-AT24C01B_08 Datasheet
634Kb / 25P
   Two-wire Serial EEPROM 1K (128 x 8)
AT24C164 ATMEL-AT24C164_06 Datasheet
441Kb / 17P
   Two-Wire Serial EEPROM 16K (2048 x 8)
AT24HC02B ATMEL-AT24HC02B_08 Datasheet
619Kb / 19P
   Two-wire Serial EEPROM 2K (256 x 8)
AT24HC04B ATMEL-AT24HC04B Datasheet
617Kb / 19P
   Two-wire Serial EEPROM 4K (512 x 8)
AT24C512B ATMEL-AT24C512B_08 Datasheet
673Kb / 26P
   Two-wire Serial EEPROM 512K (65,536 x 8)
AT24C256B ATMEL-AT24C256B_07 Datasheet
712Kb / 21P
   Two-wire Serial EEPROM 256K (32,768 x 8)
AT24C256B ATMEL-AT24C256B Datasheet
563Kb / 18P
   Two-wire Serial EEPROM 256K (32,768 x 8)
AT24C256B ATMEL-AT24C256B_08 Datasheet
980Kb / 24P
   Two-wire Serial EEPROM 256K (32,768 x 8)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com