Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24C1024BN-SH25-T Datasheet(PDF) 23 Page - ATMEL Corporation

Part # AT24C1024BN-SH25-T
Description  Two-wire Serial EEPROM 1M (131,072 x 8)
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C1024BN-SH25-T Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button AT24C1024BN-SH25-T Datasheet HTML 17Page - ATMEL Corporation AT24C1024BN-SH25-T Datasheet HTML 18Page - ATMEL Corporation AT24C1024BN-SH25-T Datasheet HTML 19Page - ATMEL Corporation AT24C1024BN-SH25-T Datasheet HTML 20Page - ATMEL Corporation AT24C1024BN-SH25-T Datasheet HTML 21Page - ATMEL Corporation AT24C1024BN-SH25-T Datasheet HTML 22Page - ATMEL Corporation AT24C1024BN-SH25-T Datasheet HTML 23Page - ATMEL Corporation AT24C1024BN-SH25-T Datasheet HTML 24Page - ATMEL Corporation AT24C1024BN-SH25-T Datasheet HTML 25Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
23
5194F–SEEPR–1/08
AT24C1024B
8Y7 – SAP
1150 E. Cheyenne Mtn. Blvd.
Colorado Springs, CO 80906
TITLE
DRAWING NO.
R
REV.
8Y7, 8-lead (6.00 x 4.90 mm Body) Ultra-Thin SOIC Array
Package (UTSAP) Y7
B
8Y7
10/13/05
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
A
0.60
A1
0.00
0.05
D
5.80
6.00
6.20
E
4.70
4.90
5.10
D1
3.30
3.40
3.50
E1
3.90
4.00
4.10
b
0.35
0.40
0.45
e
1.27 TYP
e1
3.81 REF
L
0.50
0.60
0.70
PIN 1 ID
E1
L
b
e1
e
PIN 1 INDEX AREA
A
E
D
A1
A


Similar Part No. - AT24C1024BN-SH25-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C1024B ATMEL-AT24C1024B Datasheet
934Kb / 21P
   Two-wire Serial EEPROM
AT24C1024B ATMEL-AT24C1024B_14 Datasheet
1Mb / 25P
   Schmitt Triggers, Filtered Inputs for Noise Suppression
More results

Similar Description - AT24C1024BN-SH25-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C1024 ATMEL-AT24C1024 Datasheet
291Kb / 19P
   2-wire Serial EEPROM 1M (131,072 x 8)
logo
Renesas Technology Corp
HN58W241000I RENESAS-HN58W241000I Datasheet
143Kb / 21P
   Two-wire serial interface 1M EEPROM (128-kword x 8-bit)
logo
ATMEL Corporation
AT24C01B ATMEL-AT24C01B_08 Datasheet
634Kb / 25P
   Two-wire Serial EEPROM 1K (128 x 8)
AT24C164 ATMEL-AT24C164_06 Datasheet
441Kb / 17P
   Two-Wire Serial EEPROM 16K (2048 x 8)
AT24HC02B ATMEL-AT24HC02B_08 Datasheet
619Kb / 19P
   Two-wire Serial EEPROM 2K (256 x 8)
AT24HC04B ATMEL-AT24HC04B Datasheet
617Kb / 19P
   Two-wire Serial EEPROM 4K (512 x 8)
AT24C512B ATMEL-AT24C512B_08 Datasheet
673Kb / 26P
   Two-wire Serial EEPROM 512K (65,536 x 8)
AT24C256B ATMEL-AT24C256B_07 Datasheet
712Kb / 21P
   Two-wire Serial EEPROM 256K (32,768 x 8)
AT24C256B ATMEL-AT24C256B Datasheet
563Kb / 18P
   Two-wire Serial EEPROM 256K (32,768 x 8)
AT24C256B ATMEL-AT24C256B_08 Datasheet
980Kb / 24P
   Two-wire Serial EEPROM 256K (32,768 x 8)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com