Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24C1024BN-SH25-T Datasheet(PDF) 20 Page - ATMEL Corporation

Part # AT24C1024BN-SH25-T
Description  Two-wire Serial EEPROM 1M (131,072 x 8)
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C1024BN-SH25-T Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button AT24C1024BN-SH25-T Datasheet HTML 16Page - ATMEL Corporation AT24C1024BN-SH25-T Datasheet HTML 17Page - ATMEL Corporation AT24C1024BN-SH25-T Datasheet HTML 18Page - ATMEL Corporation AT24C1024BN-SH25-T Datasheet HTML 19Page - ATMEL Corporation AT24C1024BN-SH25-T Datasheet HTML 20Page - ATMEL Corporation AT24C1024BN-SH25-T Datasheet HTML 21Page - ATMEL Corporation AT24C1024BN-SH25-T Datasheet HTML 22Page - ATMEL Corporation AT24C1024BN-SH25-T Datasheet HTML 23Page - ATMEL Corporation AT24C1024BN-SH25-T Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
20
5194F–SEEPR–1/08
AT24C1024B
8S2 – EIAJ SOIC
2325 Orchard Parkway
San Jose, CA 95131
TITLE
DRAWING NO.
R
REV.
8S2, 8-lead, 0.209" Body, Plastic Small
Outline Package (EIAJ)
4/7/06
8S2
D
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
Notes: 1. This drawing is for general information only; refer to EIAJ Drawing EDR-7320 for additional information.
2. Mismatch of the upper and lower dies and resin burrs aren't included.
3. It is recommended that upper and lower cavities be equal. If they are different, the larger dimension shall be regarded.
4. Determines the true geometric position.
5. Values b,C apply to plated terminal. The standard thickness of the plating layer shall measure between 0.007 to .021 mm.
A
1.70
2.16
A1
0.05
0.25
b
0.35
0.48
5
C
0.15
0.35
5
D
5.13
5.35
E1
5.18
5.40
2, 3
E
7.70
8.26
L
0.51
0.85
θ
e
1.27 BSC
4
θθ
1
1
N
N
E
E
TOP VIEW
C
C
E1
E1
END VIEW
A
A
b
b
L
L
A1
A1
e
e
D
D
SIDE VIEW


Similar Part No. - AT24C1024BN-SH25-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C1024B ATMEL-AT24C1024B Datasheet
934Kb / 21P
   Two-wire Serial EEPROM
AT24C1024B ATMEL-AT24C1024B_14 Datasheet
1Mb / 25P
   Schmitt Triggers, Filtered Inputs for Noise Suppression
More results

Similar Description - AT24C1024BN-SH25-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C1024 ATMEL-AT24C1024 Datasheet
291Kb / 19P
   2-wire Serial EEPROM 1M (131,072 x 8)
logo
Renesas Technology Corp
HN58W241000I RENESAS-HN58W241000I Datasheet
143Kb / 21P
   Two-wire serial interface 1M EEPROM (128-kword x 8-bit)
logo
ATMEL Corporation
AT24C01B ATMEL-AT24C01B_08 Datasheet
634Kb / 25P
   Two-wire Serial EEPROM 1K (128 x 8)
AT24C164 ATMEL-AT24C164_06 Datasheet
441Kb / 17P
   Two-Wire Serial EEPROM 16K (2048 x 8)
AT24HC02B ATMEL-AT24HC02B_08 Datasheet
619Kb / 19P
   Two-wire Serial EEPROM 2K (256 x 8)
AT24HC04B ATMEL-AT24HC04B Datasheet
617Kb / 19P
   Two-wire Serial EEPROM 4K (512 x 8)
AT24C512B ATMEL-AT24C512B_08 Datasheet
673Kb / 26P
   Two-wire Serial EEPROM 512K (65,536 x 8)
AT24C256B ATMEL-AT24C256B_07 Datasheet
712Kb / 21P
   Two-wire Serial EEPROM 256K (32,768 x 8)
AT24C256B ATMEL-AT24C256B Datasheet
563Kb / 18P
   Two-wire Serial EEPROM 256K (32,768 x 8)
AT24C256B ATMEL-AT24C256B_08 Datasheet
980Kb / 24P
   Two-wire Serial EEPROM 256K (32,768 x 8)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com