Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B10011S Datasheet(PDF) 1 Page - ATMEL Corporation

Part # B10011S
Description  Can Transceiver IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

B10011S Datasheet(HTML) 1 Page - ATMEL Corporation

  B10011S Datasheet HTML 1Page - ATMEL Corporation B10011S Datasheet HTML 2Page - ATMEL Corporation B10011S Datasheet HTML 3Page - ATMEL Corporation B10011S Datasheet HTML 4Page - ATMEL Corporation B10011S Datasheet HTML 5Page - ATMEL Corporation B10011S Datasheet HTML 6Page - ATMEL Corporation B10011S Datasheet HTML 7Page - ATMEL Corporation B10011S Datasheet HTML 8Page - ATMEL Corporation B10011S Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Features
Capability of Single-wire Operation
Hardware Fault Recognition
Inputs with High Common-mode and Differential-mode Interference Rejection Above
100 VPP due to External Filters at the Receiver Input
Immunity Against Electromagnetic Interference
Immunity Against Ground-voltage Offsets < 6V
Ruggedized Against ESD by MIL-STD-883C, Method 3015
Benefits
Systems which employ this device have the following benefits compared to solutions
using discrete components:
High Reliability
Applications
Especially Suited for Truck and Van Applications
Interface Between Truck and Trailer
Interface Between Dashboard and Engine
1.
Description
The CAN driver IC B10011S is a low-speed, high-level interface for 24V (27V) opera-
tion with transmission levels according to ISO WD 11992-1 (point-to-point interface
between trucks and trailers). It is developed for signal levels of 8V/16V and a speed of
up to 250 kbits/s.
This device allows transmission, that is insensitive to electromagnetic interference.
Such interferences may especially occur in truck applications where (due to the length
of the wires) high common-mode voltages (e.g., 50) can be coupled into the lines.
This device contains a fault recognition circuit that detects faults on one of the two
wires, which are normally used for transmission. If a fault occurs the operation can be
switched from double-wire to single-wire mode thus, allowing proper operation even if
one wire is broken, has a short-cut or a high series resistance.
Can Transceiver
IC
B10011S
4749D–AUTO–10/07


Similar Part No. - B10011S

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
B10011S ATMEL-B10011S Datasheet
127Kb / 11P
   CAN TRANSCEIVER IC
B10011S-MFP ATMEL-B10011S-MFP Datasheet
127Kb / 11P
   CAN TRANSCEIVER IC
B10011S-MFPG1 ATMEL-B10011S-MFPG1 Datasheet
127Kb / 11P
   CAN TRANSCEIVER IC
B10011S-MFPG1Y ATMEL-B10011S-MFPG1Y Datasheet
208Kb / 12P
   Can Transceiver IC
B10011S-MFPG3Y ATMEL-B10011S-MFPG3Y Datasheet
208Kb / 12P
   Can Transceiver IC
More results

Similar Description - B10011S

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
B10011S ATMEL-B10011S Datasheet
127Kb / 11P
   CAN TRANSCEIVER IC
B10011S ATMEL-B10011S_05 Datasheet
208Kb / 12P
   Can Transceiver IC
logo
Sanyo Semicon Device
LA2360M SANYO-LA2360M Datasheet
67Kb / 5P
   Monolithic Linear IC CAN Transceiver
logo
Infineon Technologies A...
TLE6250 INFINEON-TLE6250 Datasheet
615Kb / 27P
   CAN-Transceiver
Version 3.4 2002-10-08
logo
Texas Instruments
SN65HVD251 TI-SN65HVD251_06 Datasheet
378Kb / 19P
[Old version datasheet]   CAN TRANSCEIVER
SN65HVD251-Q1 TI1-SN65HVD251-Q1 Datasheet
349Kb / 20P
[Old version datasheet]   CAN TRANSCEIVER
logo
Renesas Technology Corp
HA13721RP RENESAS-HA13721RP Datasheet
114Kb / 9P
   CAN Transceiver
HA13721RP RENESAS-HA13721RP_15 Datasheet
139Kb / 11P
   CAN Transceiver
logo
Texas Instruments
UC5350 TI-UC5350 Datasheet
110Kb / 6P
[Old version datasheet]   CAN Transceiver
SN65HVD251 TI-SN65HVD251_08 Datasheet
557Kb / 21P
[Old version datasheet]   CAN TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com