Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U4083B-MFPY Datasheet(PDF) 5 Page - ATMEL Corporation

Part # U4083B-MFPY
Description  Low-power Audio Amplifier for Telephone Applications
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U4083B-MFPY Datasheet(HTML) 5 Page - ATMEL Corporation

  U4083B-MFPY Datasheet HTML 1Page - ATMEL Corporation U4083B-MFPY Datasheet HTML 2Page - ATMEL Corporation U4083B-MFPY Datasheet HTML 3Page - ATMEL Corporation U4083B-MFPY Datasheet HTML 4Page - ATMEL Corporation U4083B-MFPY Datasheet HTML 5Page - ATMEL Corporation U4083B-MFPY Datasheet HTML 6Page - ATMEL Corporation U4083B-MFPY Datasheet HTML 7Page - ATMEL Corporation U4083B-MFPY Datasheet HTML 8Page - ATMEL Corporation U4083B-MFPY Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
4655C–CORD–03/06
U4083B
3.5
Layout Considerations
Normally, a snubber is not needed at the output of the IC, unlike many other audio amplifiers.
However, the PC-board layout, stray capacitances, and the manner in which the speaker wires
are configured may dictate otherwise. Generally, the speaker wires should be twisted tightly,
and should not be more than a few cm (or inches) in length.
4.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Reference point pin 7, T
amb = 25° C unless otherwise specified.
Parameters
Symbol
Value
Unit
Supply voltage
Pin 6
V
S
1.0 to +18
V
Voltages
Disabled
Pins 1, 2, 3 and 4
Pins 5 and 8
1.0 to (V
S + 1.0)
1.0 to (V
S + 1.0)
V
V
Output current
Pins 5 and 8
±250
mA
Junction temperature
T
j
+140
°C
Storage temperature range
T
stg
55 to +150
°C
Ambient temperature range
T
amb
20 to +70
°C
Power dissipation SO8: T
amb = 60°C
P
tot
440
mW
5.
Thermal Resistance
Parameters
Symbol
Value
Unit
Junction ambient
SO8
R
thJA
180
K/W
6.
Recommended Operating Conditions
Parameters
Symbol
Value
Unit
Supply voltage
Pin 6
VS
2 to 16
V
Load impedance
Pins 5 to 8
RL
8.0 to 100
Load current
IL
±200
mA
Differential gain (5.0 kHz bandwidth)
DG
0 to 46
dB
Voltage at CD
Pin 1
VCD
VS
V
Ambient temperature range
Tamb
20 to +70
°C


Similar Part No. - U4083B-MFPY

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U4083B-AFP TEMIC-U4083B-AFP Datasheet
132Kb / 11P
   Low-Power Audio Amplifier for Telephone Applications
U4083B-AFPG3 TEMIC-U4083B-AFPG3 Datasheet
132Kb / 11P
   Low-Power Audio Amplifier for Telephone Applications
More results

Similar Description - U4083B-MFPY

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U4083B TEMIC-U4083B Datasheet
132Kb / 11P
   Low-Power Audio Amplifier for Telephone Applications
logo
Toshiba Semiconductor
2SC2458 TOSHIBA-2SC2458 Datasheet
179Kb / 4P
   Audio Amplifier Applications Low Noise Audio Amplifier Applications
2SK369-BL TOSHIBA-2SK369-BL Datasheet
358Kb / 5P
   For Low Noise Audio Amplifier Applications
2SK3320Y TOSHIBA-2SK3320Y Datasheet
312Kb / 5P
   For Low Noise Audio Amplifier Applications
2SA1313-Y TOSHIBA-2SA1313-Y Datasheet
198Kb / 4P
   Audio Frequency Low Power Amplifier Applications
2SC3325-Y TOSHIBA-2SC3325-Y Datasheet
144Kb / 4P
   Audio Frequency Low Power Amplifier Applications
2SC2859Y TOSHIBA-2SC2859Y Datasheet
141Kb / 3P
   Audio Frequency Low Power Amplifier Applications
2SC2710 TOSHIBA-2SC2710_03 Datasheet
116Kb / 3P
   For Audio Amplifier Applications
logo
Fairchild Semiconductor
KSC2328AYTA FAIRCHILD-KSC2328AYTA Datasheet
45Kb / 4P
   Audio Power Amplifier Applications
logo
Toshiba Semiconductor
2SA950 TOSHIBA-2SA950_07 Datasheet
304Kb / 3P
   Audio Power Amplifier Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com