Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U4083B-MFPY Datasheet(PDF) 4 Page - ATMEL Corporation

Part # U4083B-MFPY
Description  Low-power Audio Amplifier for Telephone Applications
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U4083B-MFPY Datasheet(HTML) 4 Page - ATMEL Corporation

  U4083B-MFPY Datasheet HTML 1Page - ATMEL Corporation U4083B-MFPY Datasheet HTML 2Page - ATMEL Corporation U4083B-MFPY Datasheet HTML 3Page - ATMEL Corporation U4083B-MFPY Datasheet HTML 4Page - ATMEL Corporation U4083B-MFPY Datasheet HTML 5Page - ATMEL Corporation U4083B-MFPY Datasheet HTML 6Page - ATMEL Corporation U4083B-MFPY Datasheet HTML 7Page - ATMEL Corporation U4083B-MFPY Datasheet HTML 8Page - ATMEL Corporation U4083B-MFPY Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
4655C–CORD–03/06
U4083B
3.3
Pin 4: Amplifier Input V
i, Pin 5: Amplifier Output 1 VO1, Pin 8: Amplifier Output 2 VO2
There are two identical operational amplifiers. Amplifier 1 has an open-loop gain
≥ 80 dB at
100Hz (Figure 8-2 on page 7), whereas the closed-loop gain is set by external resistors, R
f and
R
i (Figure 8-3 on page 8). The amplifier is unity gain stable, and has a unity gain frequency of
approximately 1.5 MHz. A closed-loop gain of 46 dB is recommended for a frequency range of
300Hz to 3400Hz (voice band). Amplifier 2 is internally set to a gain of –1.0 dB (0 dB). The out-
puts of both amplifiers are capable of sourcing and sinking a peak current of 200 mA. Output
voltage swing is between 0.4V and V
S – 1.3V at maximum current (Figure 8-18 on page 13 and
Figure 8-19 on page 13).
The output DC offset voltage between Pins 5 and 8 (V
O1 – VO2) is mainly a function of the feed-
back resistor, R
f, because the input offset voltages of the two amplifiers neutralize each other.
Bias current of Amplifier 1 which is constant with respect to V
s, flows out of Pin 4 (Vi) and
through R
f, forcing VO1 to shift negative by an amount equal to RfIIB and VO2 positive to an equal
amount.
The output offset voltage specified in the electrical characteristics is measured with the feedback
resistor (R
f = 75 kΩ) shown in the typical application circuit, Figure 8-20 on page 14. It takes into
account the bias current as well as internal offset voltages of the amplifiers.
3.4
Pin 6: Supply and Power Dissipation
Power dissipation is shown in Figure 8-8 on page 9 to Figure 8-10 on page 10 for different loads.
Distortion characteristics are given in Figure 8-11 on page 10 to Figure 8-13 on page 11.
where
T
jmax = Junction temperature = 140°C
T
amb = Ambient temperature
R
thJA = Thermal resistance, junction-ambient
Power dissipated within the IC in a given application is found from the following equation:
P
tot = (VS × IS) + (IRMS × VS) – (RL × IRMS
2)
I
S is obtained from Figure 8-15 on page 12.
I
RMS is the RMS current at the load RL.
The IC's operating range is defined by a peak operating load current of ±200 mA (Figure 8-8 on
page 9 to Figure 8-13 on page 11). It is further specified with respect to different loads (see Fig-
ure 8-14 on page 12). The left (ascending) portion of each of the three curves is defined by the
power level at which 10% distortion occurs. The center flat portion of each curve is defined by
the maximum output current capability of the integrated circuit. The right (descending) portion of
each curve is defined by the maximum internal power dissipation of the IC at 25°C. At higher
ambient temperatures, the maximum load power must be reduced according to the above men-
tioned equation.
P
totmax
T
jmax
T
amb
R
thJA
---------------------------------
=


Similar Part No. - U4083B-MFPY

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U4083B-AFP TEMIC-U4083B-AFP Datasheet
132Kb / 11P
Low-Power Audio Amplifier for Telephone Applications
U4083B-AFPG3 TEMIC-U4083B-AFPG3 Datasheet
132Kb / 11P
Low-Power Audio Amplifier for Telephone Applications
More results

Similar Description - U4083B-MFPY

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U4083B TEMIC-U4083B Datasheet
132Kb / 11P
Low-Power Audio Amplifier for Telephone Applications
logo
Toshiba Semiconductor
2SC2458 TOSHIBA-2SC2458 Datasheet
179Kb / 4P
Audio Amplifier Applications Low Noise Audio Amplifier Applications
2SA950 TOSHIBA-2SA950_07 Datasheet
304Kb / 3P
Audio Power Amplifier Applications
2SC2710 TOSHIBA-2SC2710_03 Datasheet
116Kb / 3P
For Audio Amplifier Applications
logo
Fairchild Semiconductor
KSC2328AYTA FAIRCHILD-KSC2328AYTA Datasheet
45Kb / 4P
Audio Power Amplifier Applications
logo
Toshiba Semiconductor
2SK369-BL TOSHIBA-2SK369-BL Datasheet
358Kb / 5P
For Low Noise Audio Amplifier Applications
2SA1313-Y TOSHIBA-2SA1313-Y Datasheet
198Kb / 4P
Audio Frequency Low Power Amplifier Applications
2SC2859Y TOSHIBA-2SC2859Y Datasheet
141Kb / 3P
Audio Frequency Low Power Amplifier Applications
2SC3325-Y TOSHIBA-2SC3325-Y Datasheet
144Kb / 4P
Audio Frequency Low Power Amplifier Applications
2SK3320Y TOSHIBA-2SK3320Y Datasheet
312Kb / 5P
For Low Noise Audio Amplifier Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com