Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U4083B-MFPY Datasheet(PDF) 14 Page - ATMEL Corporation

Part # U4083B-MFPY
Description  Low-power Audio Amplifier for Telephone Applications
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U4083B-MFPY Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button U4083B-MFPY Datasheet HTML 7Page - ATMEL Corporation U4083B-MFPY Datasheet HTML 8Page - ATMEL Corporation U4083B-MFPY Datasheet HTML 9Page - ATMEL Corporation U4083B-MFPY Datasheet HTML 10Page - ATMEL Corporation U4083B-MFPY Datasheet HTML 11Page - ATMEL Corporation U4083B-MFPY Datasheet HTML 12Page - ATMEL Corporation U4083B-MFPY Datasheet HTML 13Page - ATMEL Corporation U4083B-MFPY Datasheet HTML 14Page - ATMEL Corporation U4083B-MFPY Datasheet HTML 15Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
14
4655C–CORD–03/06
U4083B
Figure 8-20. Application Circuit
Bias circuit
U4083B
4k
4k
50k
50k
125k
4
3
2
7
1
8
5
6
100nF
10R
Amp1
Amp2
100nF
10R
0.1µF
3k
Ci
Ri
Rf
75k
C2
C1
1µF
5µF
FC2
FC3
Vi
VS
VO1
VO2
CD
GND
C1B
C2B
R1B
R2B


Similar Part No. - U4083B-MFPY

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U4083B-AFP TEMIC-U4083B-AFP Datasheet
132Kb / 11P
Low-Power Audio Amplifier for Telephone Applications
U4083B-AFPG3 TEMIC-U4083B-AFPG3 Datasheet
132Kb / 11P
Low-Power Audio Amplifier for Telephone Applications
More results

Similar Description - U4083B-MFPY

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U4083B TEMIC-U4083B Datasheet
132Kb / 11P
Low-Power Audio Amplifier for Telephone Applications
logo
Toshiba Semiconductor
2SC2458 TOSHIBA-2SC2458 Datasheet
179Kb / 4P
Audio Amplifier Applications Low Noise Audio Amplifier Applications
2SA950 TOSHIBA-2SA950_07 Datasheet
304Kb / 3P
Audio Power Amplifier Applications
2SC2710 TOSHIBA-2SC2710_03 Datasheet
116Kb / 3P
For Audio Amplifier Applications
logo
Fairchild Semiconductor
KSC2328AYTA FAIRCHILD-KSC2328AYTA Datasheet
45Kb / 4P
Audio Power Amplifier Applications
logo
Toshiba Semiconductor
2SK369-BL TOSHIBA-2SK369-BL Datasheet
358Kb / 5P
For Low Noise Audio Amplifier Applications
2SA1313-Y TOSHIBA-2SA1313-Y Datasheet
198Kb / 4P
Audio Frequency Low Power Amplifier Applications
2SC2859Y TOSHIBA-2SC2859Y Datasheet
141Kb / 3P
Audio Frequency Low Power Amplifier Applications
2SC3325-Y TOSHIBA-2SC3325-Y Datasheet
144Kb / 4P
Audio Frequency Low Power Amplifier Applications
2SK3320Y TOSHIBA-2SK3320Y Datasheet
312Kb / 5P
For Low Noise Audio Amplifier Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com