Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U4083B-MFPY Datasheet(PDF) 9 Page - ATMEL Corporation

Part # U4083B-MFPY
Description  Low-power Audio Amplifier for Telephone Applications
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U4083B-MFPY Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button U4083B-MFPY Datasheet HTML 5Page - ATMEL Corporation U4083B-MFPY Datasheet HTML 6Page - ATMEL Corporation U4083B-MFPY Datasheet HTML 7Page - ATMEL Corporation U4083B-MFPY Datasheet HTML 8Page - ATMEL Corporation U4083B-MFPY Datasheet HTML 9Page - ATMEL Corporation U4083B-MFPY Datasheet HTML 10Page - ATMEL Corporation U4083B-MFPY Datasheet HTML 11Page - ATMEL Corporation U4083B-MFPY Datasheet HTML 12Page - ATMEL Corporation U4083B-MFPY Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
4655C–CORD–03/06
U4083B
Figure 8-6.
Power Supply Rejection versus Frequency — C
2 = 1 µF
Figure 8-7.
Power Supply Rejection versus Frequency — C
2 = 0
Figure 8-8.
Device Dissipation — R
L = 8Ω
0.1
1
10
10
20
30
40
50
60
f (kHz)
100
C
1 > 5 µF
C
1 = 0.1 µF
C
2 = 1 µF
C
1 = 0
C
1 = 1 µF
0.1
1
10
5
15
25
35
45
55
f (kHz)
100
C
1 > 5 µF
C
1 = 0.1 µF
C
2 = 0
C
1 = 1 µF
030
60
90
120
0
200
400
600
800
1000
P
L (mW)
150
V
S = 12 V
6 V
3 V
R
L= 8 Ohm
1200
180


Similar Part No. - U4083B-MFPY

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U4083B-AFP TEMIC-U4083B-AFP Datasheet
132Kb / 11P
Low-Power Audio Amplifier for Telephone Applications
U4083B-AFPG3 TEMIC-U4083B-AFPG3 Datasheet
132Kb / 11P
Low-Power Audio Amplifier for Telephone Applications
More results

Similar Description - U4083B-MFPY

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U4083B TEMIC-U4083B Datasheet
132Kb / 11P
Low-Power Audio Amplifier for Telephone Applications
logo
Toshiba Semiconductor
2SC2458 TOSHIBA-2SC2458 Datasheet
179Kb / 4P
Audio Amplifier Applications Low Noise Audio Amplifier Applications
2SA950 TOSHIBA-2SA950_07 Datasheet
304Kb / 3P
Audio Power Amplifier Applications
2SC2710 TOSHIBA-2SC2710_03 Datasheet
116Kb / 3P
For Audio Amplifier Applications
logo
Fairchild Semiconductor
KSC2328AYTA FAIRCHILD-KSC2328AYTA Datasheet
45Kb / 4P
Audio Power Amplifier Applications
logo
Toshiba Semiconductor
2SK369-BL TOSHIBA-2SK369-BL Datasheet
358Kb / 5P
For Low Noise Audio Amplifier Applications
2SA1313-Y TOSHIBA-2SA1313-Y Datasheet
198Kb / 4P
Audio Frequency Low Power Amplifier Applications
2SC2859Y TOSHIBA-2SC2859Y Datasheet
141Kb / 3P
Audio Frequency Low Power Amplifier Applications
2SC3325-Y TOSHIBA-2SC3325-Y Datasheet
144Kb / 4P
Audio Frequency Low Power Amplifier Applications
2SK3320Y TOSHIBA-2SK3320Y Datasheet
312Kb / 5P
For Low Noise Audio Amplifier Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com