Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT89S52 Datasheet(PDF) 30 Page - ATMEL Corporation

Part # AT89S52
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89S52 Datasheet(HTML) 30 Page - ATMEL Corporation

Back Button AT89S52_08 Datasheet HTML 26Page - ATMEL Corporation AT89S52_08 Datasheet HTML 27Page - ATMEL Corporation AT89S52_08 Datasheet HTML 28Page - ATMEL Corporation AT89S52_08 Datasheet HTML 29Page - ATMEL Corporation AT89S52_08 Datasheet HTML 30Page - ATMEL Corporation AT89S52_08 Datasheet HTML 31Page - ATMEL Corporation AT89S52_08 Datasheet HTML 32Page - ATMEL Corporation AT89S52_08 Datasheet HTML 33Page - ATMEL Corporation AT89S52_08 Datasheet HTML 34Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
30
1919D–MICRO–6/08
AT89S52
28. AC Characteristics
Under operating conditions, load capacitance for Port 0, ALE/PROG, and PSEN = 100 pF; load capacitance for all other
outputs = 80 pF.
28.1
External Program and Data Memory Characteristics
Symbol
Parameter
12 MHz Oscillator
Variable Oscillator
Units
Min
Max
Min
Max
1/tCLCL
Oscillator Frequency
0
33
MHz
t
LHLL
ALE Pulse Width
127
2t
CLCL-40
ns
tAVLL
Address Valid to ALE Low
43
tCLCL-25
ns
tLLAX
Address Hold After ALE Low
48
tCLCL-25
ns
t
LLIV
ALE Low to Valid Instruction In
233
4t
CLCL-65
ns
tLLPL
ALE Low to PSEN Low
43
tCLCL-25
ns
tPLPH
PSEN Pulse Width
205
3tCLCL-45
ns
t
PLIV
PSEN Low to Valid Instruction In
145
3t
CLCL-60
ns
tPXIX
Input Instruction Hold After PSEN
00
ns
tPXIZ
Input Instruction Float After PSEN
59
tCLCL-25
ns
t
PXAV
PSEN to Address Valid
75
t
CLCL-8
ns
tAVIV
Address to Valid Instruction In
312
5tCLCL-80
ns
tPLAZ
PSEN Low to Address Float
10
10
ns
t
RLRH
RD Pulse Width
400
6t
CLCL-100
ns
tWLWH
WR Pulse Width
400
6tCLCL-100
ns
t
RLDV
RD Low to Valid Data In
252
5t
CLCL-90
ns
t
RHDX
Data Hold After RD
00
ns
tRHDZ
Data Float After RD
97
2tCLCL-28
ns
t
LLDV
ALE Low to Valid Data In
517
8t
CLCL-150
ns
t
AVDV
Address to Valid Data In
585
9t
CLCL-165
ns
tLLWL
ALE Low to RD or WR Low
200
300
3tCLCL-50
3tCLCL+50
ns
t
AVWL
Address to RD or WR Low
203
4t
CLCL-75
ns
t
QVWX
Data Valid to WR Transition
23
t
CLCL-30
ns
tQVWH
Data Valid to WR High
433
7tCLCL-130
ns
t
WHQX
Data Hold After WR
33
t
CLCL-25
ns
t
RLAZ
RD Low to Address Float
0
0
ns
tWHLH
RD or WR High to ALE High
43
123
tCLCL-25
tCLCL+25
ns


Similar Part No. - AT89S52_08

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89S52 ATMEL-AT89S52_05 Datasheet
478Kb / 39P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results

Similar Description - AT89S52_08

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA48V ATMEL-ATMEGA48V_06 Datasheet
3Mb / 374P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88_1 Datasheet
369Kb / 10P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89LP51 ATMEL-AT89LP51 Datasheet
4Mb / 113P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8515 ATMEL-ATMEGA8515_10 Datasheet
1Mb / 257P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88 Datasheet
210Kb / 20P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATTINY25B ATMEL-ATTINY25B Datasheet
254Kb / 7P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM3 ATMEL-AT90PWM3 Datasheet
3Mb / 365P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM1 ATMEL-AT90PWM1 Datasheet
399Kb / 20P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_05 Datasheet
478Kb / 39P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90S8515 ATMEL-AT90S8515_01 Datasheet
2Mb / 112P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com