Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT89S52 Datasheet(PDF) 25 Page - ATMEL Corporation

Part # AT89S52
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89S52 Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button AT89S52_08 Datasheet HTML 21Page - ATMEL Corporation AT89S52_08 Datasheet HTML 22Page - ATMEL Corporation AT89S52_08 Datasheet HTML 23Page - ATMEL Corporation AT89S52_08 Datasheet HTML 24Page - ATMEL Corporation AT89S52_08 Datasheet HTML 25Page - ATMEL Corporation AT89S52_08 Datasheet HTML 26Page - ATMEL Corporation AT89S52_08 Datasheet HTML 27Page - ATMEL Corporation AT89S52_08 Datasheet HTML 28Page - ATMEL Corporation AT89S52_08 Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
25
1919D–MICRO–6/08
AT89S52
Figure 23-1. Flash Programming and Verification Waveforms – Parallel Mode
23. Flash Programming and Verification Characteristics (Parallel Mode)
T
A = 20°C to 30°C, VCC = 4.5 to 5.5V
Symbol
Parameter
Min
Max
Units
V
PP
Programming Supply Voltage
11.5
12.5
V
IPP
Programming Supply Current
10
mA
I
CC
V
CC Supply Current
30
mA
1/tCLCL
Oscillator Frequency
3
33
MHz
tAVGL
Address Setup to PROG Low
48 tCLCL
t
GHAX
Address Hold After PROG
48 t
CLCL
tDVGL
Data Setup to PROG Low
48 tCLCL
tGHDX
Data Hold After PROG
48 tCLCL
t
EHSH
P2.7 (ENABLE) High to V
PP
48 t
CLCL
tSHGL
VPP Setup to PROG Low
10
µs
tGHSL
VPP Hold After PROG
10
µs
t
GLGH
PROG Width
0.2
1
µs
tAVQV
Address to Data Valid
48 tCLCL
tELQV
ENABLE Low to Data Valid
48 tCLCL
t
EHQZ
Data Float After ENABLE
0
48 t
CLCL
tGHBL
PROG High to BUSY Low
1.0
µs
t
WC
Byte Write Cycle Time
50
µs
t
GLGH
t
GHSL
t
AVGL
t
SHGL
t
DVGL
t
GHAX
t
AVQV
t
GHDX
t
EHSH
t
ELQV
t
WC
BUSY
READY
t
GHBL
t
EHQZ
P1.0 - P1.7
P2.0 - P2.4
ALE/PROG
PORT 0
LOGIC 1
LOGIC 0
EA/V
PP
V
PP
P2.7
(ENABLE)
P3.0
(RDY/BSY)
PROGRAMMING
ADDRESS
VERIFICATION
ADDRESS
DATA IN
DATA OUT


Similar Part No. - AT89S52_08

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89S52 ATMEL-AT89S52_05 Datasheet
478Kb / 39P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results

Similar Description - AT89S52_08

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA48V ATMEL-ATMEGA48V_06 Datasheet
3Mb / 374P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88_1 Datasheet
369Kb / 10P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89LP51 ATMEL-AT89LP51 Datasheet
4Mb / 113P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8515 ATMEL-ATMEGA8515_10 Datasheet
1Mb / 257P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88 Datasheet
210Kb / 20P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATTINY25B ATMEL-ATTINY25B Datasheet
254Kb / 7P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM3 ATMEL-AT90PWM3 Datasheet
3Mb / 365P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM1 ATMEL-AT90PWM1 Datasheet
399Kb / 20P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_05 Datasheet
478Kb / 39P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90S8515 ATMEL-AT90S8515_01 Datasheet
2Mb / 112P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com