Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT29LV020 Datasheet(PDF) 14 Page - ATMEL Corporation

Part # AT29LV020
Description  2-megabit (256K x 8) 3-volt Only Flash Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT29LV020 Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button AT29LV020_08 Datasheet HTML 8Page - ATMEL Corporation AT29LV020_08 Datasheet HTML 9Page - ATMEL Corporation AT29LV020_08 Datasheet HTML 10Page - ATMEL Corporation AT29LV020_08 Datasheet HTML 11Page - ATMEL Corporation AT29LV020_08 Datasheet HTML 12Page - ATMEL Corporation AT29LV020_08 Datasheet HTML 13Page - ATMEL Corporation AT29LV020_08 Datasheet HTML 14Page - ATMEL Corporation AT29LV020_08 Datasheet HTML 15Page - ATMEL Corporation AT29LV020_08 Datasheet HTML 16Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
0565E–FLASH–9/08
AT29LV020
27. Packaging Information
27.1
32J – PLCC
DRAWING NO.
REV.
2325 Orchard Parkway
San Jose, CA 95131
R
TITLE
32J, 32-lead, Plastic J-leaded Chip Carrier (PLCC)
B
32J
10/04/01
1.14(0.045) X 45˚
PIN NO. 1
IDENTIFIER
1.14(0.045) X 45˚
0.51(0.020)MAX
0.318(0.0125)
0.191(0.0075)
A2
45˚ MAX (3X)
A
A1
B1
E2
B
e
E1
E
D1
D
D2
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
Notes:
1. This package conforms to JEDEC reference MS-016, Variation AE.
2. Dimensions D1 and E1 do not include mold protrusion.
Allowable protrusion is .010"(0.254 mm) per side. Dimension D1
and E1 include mold mismatch and are measured at the extreme
material condition at the upper or lower parting line.
3. Lead coplanarity is 0.004" (0.102 mm) maximum.
A
3.175
3.556
A1
1.524
2.413
A2
0.381
D
12.319
12.573
D1
11.354
11.506
Note 2
D2
9.906
10.922
E
14.859
15.113
E1
13.894
14.046
Note 2
E2
12.471
13.487
B
0.660
0.813
B1
0.330
0.533
e
1.270 TYP


Similar Part No. - AT29LV020_08

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29LV020-20 ATMEL-AT29LV020-20 Datasheet
486Kb / 10P
2 Megabit 256K x 8 3-volt Only CMOS Flash Memory
AT29LV020-20JC ATMEL-AT29LV020-20JC Datasheet
486Kb / 10P
2 Megabit 256K x 8 3-volt Only CMOS Flash Memory
AT29LV020-20JI ATMEL-AT29LV020-20JI Datasheet
486Kb / 10P
2 Megabit 256K x 8 3-volt Only CMOS Flash Memory
AT29LV020-20TC ATMEL-AT29LV020-20TC Datasheet
486Kb / 10P
2 Megabit 256K x 8 3-volt Only CMOS Flash Memory
AT29LV020-20TI ATMEL-AT29LV020-20TI Datasheet
486Kb / 10P
2 Megabit 256K x 8 3-volt Only CMOS Flash Memory
More results

Similar Description - AT29LV020_08

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29LV020 ATMEL-AT29LV020 Datasheet
486Kb / 10P
2 Megabit 256K x 8 3-volt Only CMOS Flash Memory
AT29C020 ATMEL-AT29C020 Datasheet
426Kb / 17P
2-megabit (256K x 8) 5-volt Only Flash Memory
logo
Hynix Semiconductor
HY29F002T HYNIX-HY29F002T Datasheet
381Kb / 38P
2 Megabit (256K x 8), 5 Volt-only, Flash Memory
logo
ATMEL Corporation
AT49F002 ATMEL-AT49F002 Datasheet
182Kb / 16P
2-Megabit 256K x 8 5-volt Only Flash Memory
AT49F002 ATMEL-AT49F002 Datasheet
213Kb / 20P
2-megabit (256K x 8) 5-volt Only Flash Memory
AT29C020 ATMEL-AT29C020 Datasheet
257Kb / 11P
2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F020 ATMEL-AT49F020 Datasheet
84Kb / 10P
2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
logo
PMC-Sierra, Inc
PM29F002 PMC-PM29F002 Datasheet
148Kb / 21P
2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
logo
ATMEL Corporation
AT49F002T ATMEL-AT49F002T Datasheet
119Kb / 12P
2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49BV008 ATMEL-AT49BV008 Datasheet
117Kb / 12P
8-Megabit 1M x 8 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com