Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT29LV020 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT29LV020
Description  2-megabit (256K x 8) 3-volt Only Flash Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT29LV020 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT29LV020_08 Datasheet HTML 7Page - ATMEL Corporation AT29LV020_08 Datasheet HTML 8Page - ATMEL Corporation AT29LV020_08 Datasheet HTML 9Page - ATMEL Corporation AT29LV020_08 Datasheet HTML 10Page - ATMEL Corporation AT29LV020_08 Datasheet HTML 11Page - ATMEL Corporation AT29LV020_08 Datasheet HTML 12Page - ATMEL Corporation AT29LV020_08 Datasheet HTML 13Page - ATMEL Corporation AT29LV020_08 Datasheet HTML 14Page - ATMEL Corporation AT29LV020_08 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
0565E–FLASH–9/08
AT29LV020
Notes:
1. These parameters are characterized and not 100% tested.
2. See tOE spec in AC Read Characteristics.
20. Data Polling Waveforms
Notes:
1. These parameters are characterized and not 100% tested.
2. See tOE spec in AC Read Characteristics.
22. Toggle Bit Waveforms
(1)(3)
Notes:
1. Toggling either OE or CE or both OE and CE will operate toggle bit.
2. Beginning and ending state of I/O6 will vary.
3. Any address location may be used but the address should not vary.
19. Data Polling Characteristics
(1)
Symbol
Parameter
Min
Typ
Max
Units
t
DH
Data Hold Time
10
ns
t
OEH
OE Hold Time
10
ns
tOE
OE to Output Delay(2)
ns
t
WR
Write Recovery Time
0
ns
21. Toggle Bit Characteristics
(1)
Symbol
Parameter
Min
Typ
Max
Units
t
DH
Data Hold Time
10
ns
t
OEH
OE Hold Time
10
ns
tOE
OE to Output Delay(2)
ns
t
OEHP
OE High Pulse
150
ns
tWR
Write Recovery Time
0
ns


Similar Part No. - AT29LV020_08

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29LV020-20 ATMEL-AT29LV020-20 Datasheet
486Kb / 10P
2 Megabit 256K x 8 3-volt Only CMOS Flash Memory
AT29LV020-20JC ATMEL-AT29LV020-20JC Datasheet
486Kb / 10P
2 Megabit 256K x 8 3-volt Only CMOS Flash Memory
AT29LV020-20JI ATMEL-AT29LV020-20JI Datasheet
486Kb / 10P
2 Megabit 256K x 8 3-volt Only CMOS Flash Memory
AT29LV020-20TC ATMEL-AT29LV020-20TC Datasheet
486Kb / 10P
2 Megabit 256K x 8 3-volt Only CMOS Flash Memory
AT29LV020-20TI ATMEL-AT29LV020-20TI Datasheet
486Kb / 10P
2 Megabit 256K x 8 3-volt Only CMOS Flash Memory
More results

Similar Description - AT29LV020_08

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29C020 ATMEL-AT29C020 Datasheet
257Kb / 11P
2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT29LV020 ATMEL-AT29LV020 Datasheet
486Kb / 10P
2 Megabit 256K x 8 3-volt Only CMOS Flash Memory
AT49BV008 ATMEL-AT49BV008 Datasheet
117Kb / 12P
8-Megabit 1M x 8 3-volt Only Flash Memory
AT49F002 ATMEL-AT49F002 Datasheet
182Kb / 16P
2-Megabit 256K x 8 5-volt Only Flash Memory
AT49F002T ATMEL-AT49F002T Datasheet
119Kb / 12P
2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F020 ATMEL-AT49F020 Datasheet
84Kb / 10P
2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
logo
Hynix Semiconductor
HY29F002T HYNIX-HY29F002T Datasheet
381Kb / 38P
2 Megabit (256K x 8), 5 Volt-only, Flash Memory
logo
ATMEL Corporation
AT49F002 ATMEL-AT49F002 Datasheet
213Kb / 20P
2-megabit (256K x 8) 5-volt Only Flash Memory
logo
PMC-Sierra, Inc
PM29F002 PMC-PM29F002 Datasheet
148Kb / 21P
2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
logo
ATMEL Corporation
AT29C020 ATMEL-AT29C020 Datasheet
426Kb / 17P
2-megabit (256K x 8) 5-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com