Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT29C020 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT29C020
Description  2-megabit (256K x 8) 5-volt Only Flash Memory
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT29C020 Datasheet(HTML) 3 Page - ATMEL Corporation

  AT29C020 Datasheet HTML 1Page - ATMEL Corporation AT29C020 Datasheet HTML 2Page - ATMEL Corporation AT29C020 Datasheet HTML 3Page - ATMEL Corporation AT29C020 Datasheet HTML 4Page - ATMEL Corporation AT29C020 Datasheet HTML 5Page - ATMEL Corporation AT29C020 Datasheet HTML 6Page - ATMEL Corporation AT29C020 Datasheet HTML 7Page - ATMEL Corporation AT29C020 Datasheet HTML 8Page - ATMEL Corporation AT29C020 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
0291S–FLASH–11/08
AT29C020
3.
Block Diagram
4.
Device Operation
4.1
Read
The AT29C020 is accessed like an EPROM. When CE and OE are low and WE is high, the data
stored at the memory location determined by the address pins is asserted on the outputs. The
outputs are put in the high impedance state whenever CE or OE is high. This dual-line control
gives designers flexibility in preventing bus contention.
4.2
Byte Load
Byte loads are used to enter the 256 bytes of a sector to be programmed or the software codes
for data protection. A byte load is performed by applying a low pulse on the WE or CE input with
CE or WE low (respectively) and OE high. The address is latched on the falling edge of CE or
WE, whichever occurs last. The data is latched by the first rising edge of CE or WE.
4.3
Program
The device is reprogrammed on a sector basis. If a byte of data within a sector is to be changed,
data for the entire sector must be loaded into the device. Any byte that is not loaded during the
programming of its sector will be indeterminate. Once the bytes of a sector are loaded into the
device, they are simultaneously programmed during the internal programming period. After the
first data byte has been loaded into the device, successive bytes are entered in the same man-
ner. Each new byte to be programmed must have its high-to-low transition on WE (or CE) within
150 µs of the low-to-high transition of WE (or CE) of the preceding byte. If a high-to-low transi-
tion is not detected within 150 µs of the last low-to-high transition, the load period will end and
the internal programming period will start. A8 to A17 specify the sector address. The sector
address must be valid during each high-to-low transition of WE (or CE). A0 to A7 specify the
byte address within the sector. The bytes may be loaded in any order; sequential loading is not
required. Once a programming operation has been initiated, and for the duration of t
WC, a read
operation will effectively be a polling operation.
4.4
Software Data Protection
A software controlled data protection feature is available on the AT29C020. Once the software
protection is enabled a software algorithm must be issued to the device before a program may
be performed. The software protection feature may be enabled or disabled by the user; when


Similar Part No. - AT29C020

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29C020 ATMEL-AT29C020 Datasheet
257Kb / 11P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT29C020-10 ATMEL-AT29C020-10 Datasheet
257Kb / 11P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT29C020-10JC ATMEL-AT29C020-10JC Datasheet
257Kb / 11P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT29C020-10JI ATMEL-AT29C020-10JI Datasheet
257Kb / 11P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT29C020-10PC ATMEL-AT29C020-10PC Datasheet
257Kb / 11P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
More results

Similar Description - AT29C020

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29F002T HYNIX-HY29F002T Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
logo
ATMEL Corporation
AT49F002 ATMEL-AT49F002 Datasheet
182Kb / 16P
   2-Megabit 256K x 8 5-volt Only Flash Memory
AT49F002 ATMEL-AT49F002 Datasheet
213Kb / 20P
   2-megabit (256K x 8) 5-volt Only Flash Memory
AT29C020 ATMEL-AT29C020 Datasheet
257Kb / 11P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F020 ATMEL-AT49F020 Datasheet
84Kb / 10P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F002T ATMEL-AT49F002T Datasheet
119Kb / 12P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT29LV020 ATMEL-AT29LV020_08 Datasheet
387Kb / 16P
   2-megabit (256K x 8) 3-volt Only Flash Memory
AT29LV020 ATMEL-AT29LV020 Datasheet
486Kb / 10P
   2 Megabit 256K x 8 3-volt Only CMOS Flash Memory
AT49F2048A ATMEL-AT49F2048A Datasheet
275Kb / 13P
   2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory
logo
PMC-Sierra, Inc
PM29F002 PMC-PM29F002 Datasheet
148Kb / 21P
   2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com