Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT572D940HF-CJ Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT572D940HF-CJ
Description  DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT572D940HF-CJ Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT572D940HF-CJ Datasheet HTML 2Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 3Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 4Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 5Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 6Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 7Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 8Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 9Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
6
7010AS–DSP–07/07
AT572D940HF Preliminary
PIOB29
B10
PIOC11
L13
PIOC25
K15
SD_NWE
B4
PIOB30
A10
PIOC12
L18
PIOC26
K11
TEST
J18
PIOB31
A9
PIOC13
K12
PIOC27
K10
USBD_DM
N8
PIOC0
D15
PIOC14
H13
PIOC28
E12
USBD_DP
P8
PIOC1
D14
PIOC15
G17
PIOC29
D12
USBHA_DM
R7
PIOC2
C14
PIOC16
G18
PIOC30
P16
USBHA_DP
T7
PIOC3
D13
PIOC17
G14
PIOC31
P17
USBHB_DM
U7
PIOC4
C13
PIOC18
F17
PLL_RCA
U2
USBHB_DP
V7
PIOC5
G12
PIOC19
H14
PLL_RCB
P6
XIN
U5
PIOC6
F12
PIOC20
F16
SD_A10
A7
XOUT
V5
PIOC7
G13
PIOC21
E18
SD_CK
B5
X32EN
N7
PIOC8
F18
PIOC22
K14
SD_CKE
C5
X32IN
V2
PIOC9
M18
PIOC23
K16
SD_NCAS
A4
X32OUT
V3
PIOC10
L12
PIOC24
K17
SD_NRAS
D5
Table 2-1.
AT572D940HF Ball Assignment (I/O: 191 balls) (Continued)
Name
Pin
Name
Pin
Name
Pin
Name
Pin
Table 2-2.
AT572D940HF Ball Assignment (Power and Ground: 127 balls)
Name
Pin
Name
Pin
Name
Pin
Name
Pin
VDDCORE
F4
VDDIOM
B3
VDDIOP
T9
VDDPLLA
T3
VDDCORE
J4
VDDIOM
E5
VDDIOP
V8
GND
D2
VDDCORE
L6
VDDIOM
E1
VDDIOP
F14
GND
E2
VDDCORE
T2
VDDIOM
G4
VDDIOP
G16
GND
F5
VDDCORE
M9
VDDIOM
H4
VDDIOP
H18
GND
G5
VDDCORE
P11
VDDIOM
J5
VDDIOP
J15
GND
H5
VDDCORE
T14
VDDIOM
K3
VDDIOP
K13
GND
J6
VDDCORE
N13
VDDIOM
M2
VDDIOP
L16
GND
J3
VDDCORE
L15
VDDIOM
N3
VDDIOP
M12
GND
K4
VDDCORE
J13
VDDIOM
P2
VDDIOP
N14
GND
L3
VDDCORE
H11
VDDIOMP
E9
VDDIOP
U17
GND
M1
VDDCORE
D16
VDDIOMP
G8
VDDIOP
P14
GND
N2
VDDCORE
E13
VDDIOP
C10
VDDIOP
P12
GND
N6
VDDCORE
H9
VDDIOP
D11
VDDIOP
U11
GND
R4
VDDCORE
E8
VDDIOP
G11
VDDIOP
R10
GND
T1
VDDCORE
A2
VDDIOP
A13
VDDIOP
V6
GND
T8
VDDIOM
D7
VDDIOP
A15
VDDOSC32
U4
GND
R8
VDDIOM
A5
VDDIOP
C16
VDDOSCM
R5
GND
N9


Similar Part No. - AT572D940HF-CJ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT572D940HF-CJ ATMEL-AT572D940HF-CJ Datasheet
3Mb / 745P
   DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
More results

Similar Description - AT572D940HF-CJ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT572D940HF ATMEL-AT572D940HF_08 Datasheet
3Mb / 745P
   DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D740 ATMEL-AT572D740 Datasheet
269Kb / 22P
   DIOPSIS 740 Dual Core DSP
AT91SAM9261 ATMEL-AT91SAM9261 Datasheet
7Mb / 688P
   ARM926EJ-S BASED MICROCONTROLLER
logo
List of Unclassifed Man...
NUC946ADN ETC2-NUC946ADN Datasheet
1Mb / 376P
   32-BIT ARM926EJ-S BASED MCU
logo
Nuvoton Technology Corp...
NUC920ABN NUVOTON-NUC920ABN Datasheet
2Mb / 529P
   32-BIT ARM926EJ-S BASED MCU
NUC910ABN NUVOTON-NUC910ABN Datasheet
3Mb / 669P
   32-bit ARM926EJ-S Based Microcontroller
logo
List of Unclassifed Man...
N3291XUXDN ETC2-N3291XUXDN Datasheet
1Mb / 34P
   ARM926EJ-S Based Media Processor
logo
Nuvoton Technology Corp...
NUC945ADN NUVOTON-NUC945ADN Datasheet
1Mb / 333P
   32-BIT ARM926EJ-S BASED MCU
NUC951ADN NUVOTON-NUC951ADN Datasheet
3Mb / 590P
   32-bit ARM926EJ-S Based Microcontroller
logo
ATMEL Corporation
AT91SAM9261S ATMEL-AT91SAM9261S_14 Datasheet
643Kb / 39P
   Incorporates the ARM926EJ-S ARM Thumb Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com