Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT572D940HF-CJ Datasheet(PDF) 37 Page - ATMEL Corporation

Part # AT572D940HF-CJ
Description  DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT572D940HF-CJ Datasheet(HTML) 37 Page - ATMEL Corporation

Back Button AT572D940HF-CJ Datasheet HTML 31Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 32Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 33Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 34Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 35Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 36Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 37Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 38Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 39Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 37 / 39 page
background image
37
7010AS–DSP–07/07
AT572D940HF Preliminary
8.
Ordering Guide
Table 8-1.
Ordering Information
Part Number
Temp. Range
Speed Grade
(Max)
Operating
Voltage
Package
Notes
Status
AT572D940HF
0°C to 70°C
160 MHz
3.3V (I/O)
1.1V (core)
CA324BGA
(RoHS)
Full
Peripheral Set
Sampling
AT572D940HF-CL
0°C to 70°C
160 MHz
1.8V-2.5V-3.3V (I/O)
1.2V (core)
CA324BGA
(RoHS)
Reduced
Periperal
Set (1)
Contact:
diopsis@atmel.com
AT572D940HF-CJ
-40°C to 85°C
200 MHz
1.8V-2.5V-3.3V (I/O)
1.2V (core)
CA324BGA
(RoHS)
Full
Peripheral Set
Contact:
diopsis@atmel.com
1.
Some peripherals are not accessible by the user in this low-cost version. Reduced Peripheral Set = Full Peripheral Set - 2 CANs
-3 SSCs - 1 SPI - 1 TWI - 2 USARTs. Consequently the related PIO lines can be used only as SW controlled PIO lines (not linked
to any peripherals).


Similar Part No. - AT572D940HF-CJ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT572D940HF-CJ ATMEL-AT572D940HF-CJ Datasheet
3Mb / 745P
   DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
More results

Similar Description - AT572D940HF-CJ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT572D940HF ATMEL-AT572D940HF_08 Datasheet
3Mb / 745P
   DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D740 ATMEL-AT572D740 Datasheet
269Kb / 22P
   DIOPSIS 740 Dual Core DSP
AT91SAM9261 ATMEL-AT91SAM9261 Datasheet
7Mb / 688P
   ARM926EJ-S BASED MICROCONTROLLER
logo
List of Unclassifed Man...
NUC946ADN ETC2-NUC946ADN Datasheet
1Mb / 376P
   32-BIT ARM926EJ-S BASED MCU
logo
Nuvoton Technology Corp...
NUC920ABN NUVOTON-NUC920ABN Datasheet
2Mb / 529P
   32-BIT ARM926EJ-S BASED MCU
NUC910ABN NUVOTON-NUC910ABN Datasheet
3Mb / 669P
   32-bit ARM926EJ-S Based Microcontroller
logo
List of Unclassifed Man...
N3291XUXDN ETC2-N3291XUXDN Datasheet
1Mb / 34P
   ARM926EJ-S Based Media Processor
logo
Nuvoton Technology Corp...
NUC945ADN NUVOTON-NUC945ADN Datasheet
1Mb / 333P
   32-BIT ARM926EJ-S BASED MCU
NUC951ADN NUVOTON-NUC951ADN Datasheet
3Mb / 590P
   32-bit ARM926EJ-S Based Microcontroller
logo
ATMEL Corporation
AT91SAM9261S ATMEL-AT91SAM9261S_14 Datasheet
643Kb / 39P
   Incorporates the ARM926EJ-S ARM Thumb Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com