Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT572D940HF-CJ Datasheet(PDF) 32 Page - ATMEL Corporation

Part # AT572D940HF-CJ
Description  DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT572D940HF-CJ Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button AT572D940HF-CJ Datasheet HTML 28Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 29Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 30Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 31Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 32Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 33Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 34Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 35Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
32
7010AS–DSP–07/07
AT572D940HF Preliminary
• 8-level Priority Controller
• Fast Forcing: allows redirection of any normal interrupt source on the nFIQ
5.11.6
Parallel Input/Output (PIO)
The three PIOs provide globally 96 programmable I/O Lines.
These lines are fully programmable through Set/Clear Registers or linked to one of the two
peripheral functions.
Each I/O Line (assigned to a peripheral or used as a general purpose I/O) provides:
• Input change interrupt
• Glitch filter
• Multi-drive option enables driving in open drain
• Programmable pull up on each I/O line
• Pin data status register, supplies visibility of the level on the pin at any time
5.11.7
Universal Synchronous Bus Device (USBD)
The USB Device provides communication services between an external host and D940HF. The
USB device is connected to the APB through a FIFO.
The USB Device features:
• USB V2.0 full-speed compliant, 12 Mbits per second
• Embedded USB V2.0 full-speed transceiver
• Embedded dual-port RAM for endpoints
• Suspend/Resume logic
• Embedded Transceivers
5.11.8
Timer Counter (TC)
The TC consists of three 16-bit Timer Counter Channels providing a wide range of functions
including:
• Frequency Measurement
• Event Counting
• Interval Measurement
• Pulse Generation
•Delay Timing
• Pulse Width Modulation
• Up/down Capabilities
Each channel is user-configurable and contains:
• Three external clock inputs
• Five internal clock inputs
• Two multi-purpose input/output signals
5.11.9
Two Wire Interface (TWI)
The D940HF provides two independent TWIs.


Similar Part No. - AT572D940HF-CJ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT572D940HF-CJ ATMEL-AT572D940HF-CJ Datasheet
3Mb / 745P
   DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
More results

Similar Description - AT572D940HF-CJ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT572D940HF ATMEL-AT572D940HF_08 Datasheet
3Mb / 745P
   DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D740 ATMEL-AT572D740 Datasheet
269Kb / 22P
   DIOPSIS 740 Dual Core DSP
AT91SAM9261 ATMEL-AT91SAM9261 Datasheet
7Mb / 688P
   ARM926EJ-S BASED MICROCONTROLLER
logo
List of Unclassifed Man...
NUC946ADN ETC2-NUC946ADN Datasheet
1Mb / 376P
   32-BIT ARM926EJ-S BASED MCU
logo
Nuvoton Technology Corp...
NUC920ABN NUVOTON-NUC920ABN Datasheet
2Mb / 529P
   32-BIT ARM926EJ-S BASED MCU
NUC910ABN NUVOTON-NUC910ABN Datasheet
3Mb / 669P
   32-bit ARM926EJ-S Based Microcontroller
logo
List of Unclassifed Man...
N3291XUXDN ETC2-N3291XUXDN Datasheet
1Mb / 34P
   ARM926EJ-S Based Media Processor
logo
Nuvoton Technology Corp...
NUC945ADN NUVOTON-NUC945ADN Datasheet
1Mb / 333P
   32-BIT ARM926EJ-S BASED MCU
NUC951ADN NUVOTON-NUC951ADN Datasheet
3Mb / 590P
   32-bit ARM926EJ-S Based Microcontroller
logo
ATMEL Corporation
AT91SAM9261S ATMEL-AT91SAM9261S_14 Datasheet
643Kb / 39P
   Incorporates the ARM926EJ-S ARM Thumb Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com