Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT572D940HF-CJ Datasheet(PDF) 31 Page - ATMEL Corporation

Part # AT572D940HF-CJ
Description  DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT572D940HF-CJ Datasheet(HTML) 31 Page - ATMEL Corporation

Back Button AT572D940HF-CJ Datasheet HTML 27Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 28Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 29Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 30Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 31Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 32Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 33Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 34Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 35Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 39 page
background image
31
7010AS–DSP–07/07
AT572D940HF Preliminary
5.11.3
System Controller (SYSC)
The SYSC includes the Reset Controller (RSTC) and the System Timers (SYST).
The RSTC manages all system resets: external devices reset, processors reset and peripheral
reset.
The sources of reset can be: Power-On, Watch Dog, SW reset, External reset.
The SYST features:
• One 16-bit Period Interval Timer
• One 12-bit key-protected Watchdog Timer
• One 20-bit Free-running Real-time Timer
5.11.4
Power Management Controller (PMC)
The PMC features two clock sources: Slow Clock Oscillator (32.768 Hz) and Main Oscillator (8
to 20 MHz).
Two dividers, A and B, and two Phase Lock Loops, A and B, allow a wide range of frequencies
to be generated from either the slow clock and/or the main clock.
The PMC provides dedicated clocks toward: ARM926, the AHB Matrix, mAgicV, mAgicV Memo-
ries, the USB, the Ethernet MAC and all Peripherals.
5.11.5
Advanced Interrupt Controller (AIC)
The AIC features:
• Controls the interrupt lines (nIRQ and nFIQ) of ARM926
• Thirty-two individually maskable and vectored interrupt sources
• Programmable Edge-triggered or Level-sensitive Internal Sources
• Programmable Positive/Negative Edge-triggered or High/Low Level sensitive
PIO C [20]
TWI 1 bi-directional: TWD
SSC: TD3 (III)
PIO C [21]
TWI 1 bi-directional: TWCK
SPI 1 output: CS3 (III)
PIO C [22]
MCI bidir: MCCK
CAN 1: dout (II)
PIO C [23]
MCI bidir: MCCDA
mAgicV output: M_SIRQ2 (III)
PIO C [24]
MCI bidir: MCDA0
EBI: SMOE (II)
PIO C [25]
MCI bidir: MCDA1
EBI: SMWE (II)
PIO C [26]
MCI bidir: MCDA2
EBI: NCS4/CFCS0 (II)
PIO C [27]
MCI bidir: MCDA3
EBI: NCS5/CFCS1 (II)
PIO C [28]
CAN 1: din
EBI: NCS6 (II)
PIO C [29]
CAN 1: dout
EBI: NCS7 (II)
PIO C [30]
DBGU input: DRXD
EBI: CFCE1 (II)
PIO C [31]
DBGU output: DTXD
EBI: CFCE2 (II)
Table 5-8.
PIO C Line Resource mapping (Continued)
PIO C
Periph INPUT A
Periph OUTPUT A
Periph INPUT B
Periph OUTPUT B


Similar Part No. - AT572D940HF-CJ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT572D940HF-CJ ATMEL-AT572D940HF-CJ Datasheet
3Mb / 745P
   DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
More results

Similar Description - AT572D940HF-CJ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT572D940HF ATMEL-AT572D940HF_08 Datasheet
3Mb / 745P
   DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D740 ATMEL-AT572D740 Datasheet
269Kb / 22P
   DIOPSIS 740 Dual Core DSP
AT91SAM9261 ATMEL-AT91SAM9261 Datasheet
7Mb / 688P
   ARM926EJ-S BASED MICROCONTROLLER
logo
List of Unclassifed Man...
NUC946ADN ETC2-NUC946ADN Datasheet
1Mb / 376P
   32-BIT ARM926EJ-S BASED MCU
logo
Nuvoton Technology Corp...
NUC920ABN NUVOTON-NUC920ABN Datasheet
2Mb / 529P
   32-BIT ARM926EJ-S BASED MCU
NUC910ABN NUVOTON-NUC910ABN Datasheet
3Mb / 669P
   32-bit ARM926EJ-S Based Microcontroller
logo
List of Unclassifed Man...
N3291XUXDN ETC2-N3291XUXDN Datasheet
1Mb / 34P
   ARM926EJ-S Based Media Processor
logo
Nuvoton Technology Corp...
NUC945ADN NUVOTON-NUC945ADN Datasheet
1Mb / 333P
   32-BIT ARM926EJ-S BASED MCU
NUC951ADN NUVOTON-NUC951ADN Datasheet
3Mb / 590P
   32-bit ARM926EJ-S Based Microcontroller
logo
ATMEL Corporation
AT91SAM9261S ATMEL-AT91SAM9261S_14 Datasheet
643Kb / 39P
   Incorporates the ARM926EJ-S ARM Thumb Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com