Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT572D940HF-CJ Datasheet(PDF) 28 Page - ATMEL Corporation

Part # AT572D940HF-CJ
Description  DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT572D940HF-CJ Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button AT572D940HF-CJ Datasheet HTML 24Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 25Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 26Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 27Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 28Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 29Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 30Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 31Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
28
7010AS–DSP–07/07
AT572D940HF Preliminary
5.11.2
Peripheral Multiplexing
The D940HF features three PIO controllers, PIOA, PIOB and PIOC, that multiplex the I/O lines
of the peripheral set. Each PIO controller manages up to thirty-two lines. Each line can be
assigned to one of the two peripheral functions, A or B. Table 5-6 to Table 5-8 define how the I/O
lines of the peripherals A and B are multiplexed on the PIO Controllers. Note that some output
only peripheral functions might be duplicated within the tables and are indicated with the suffix II
and III.
29
30
31
Table 5-5.
Peripheral ID (Continued)
Peripheral ID
Peripheral Clock Assignment
Host Clock Assignment
Table 5-6.
PIO A Line Resource Mapping
PIO A
Periph INPUT A
Periph OUTPUT A
Periph INPUT B
Periph OUTPUT B
PIO A [0]
SPI 0 bidir: MISO
mAgicV output: M_SIRQ0
PIO A [1]
SPI 0 bidir: MOSI
EBI: output: CFCE1 (III)
PIO A [2]
SPI 0 bidir: CLK
EBI: output: CFCE2 (III)
PIO A [3]
SPI 0 bidir: CS0
CAN 1: dout (III)
PIO A [4]
SPI 0 output: CS1
mAgicV output: M_SIRQ2
PIO A [5]
SPI 0 output: CS2
TIMER bidir: TIMER_OUT A0
PIO A [6]
SPI 0 output: CS3
TIMER bidir: TIMER_OUT B1
PIO A [7]
USART 0 input: RXD
DBGU output: DTXD(III)
PIO A [8]
USART 0 bidir: TXD
PMC output: CKOUT 1
PIO A [9]
USART 0 input: CTS
SPI 0 output: CS1 (III)
PIO A [10]
USART 0 output: RTS
TIMER input: TIMER_IN 1
PIO A [11]
USART 0 bidir: SCK
SPI 0 output: CS2 (III)
PIO A [12]
AIC input: EXT_IRQ1
(also to mAgicV)
USART 0 output: RTS (III)
PIO A [13]
ETH bidir MDIO
mAgicV output: M_SIRQ1
PIO A [14]
ETH output MDC
AIC input: EXT_IRQ2
(also to mAgicV)
PIO A [15]
ETH output: FCE100
TIMER input: TIMER_IN 2
PIO A [016
ETH input: EREFCK
PMC output: CKOUT 0
PIO A [17]
ETH input: ECRSDV
EBI: output: NCS4/CFCS0 (III)
PIO A [18]
ETH input: ERX0
EBI: output: NCS5/CFCS1 (III)
PIO A [19]
ETH input: ERX1
EBI: output: NCS6 (III)
PIO A [20]
ETH input: ERXER
EBI: output: NCS7 (III)
PIO A [21]
ETH output: ETX0
TEST output: m_ck
PIO A [22]
ETH output: ETX1
TEST output: a_ck


Similar Part No. - AT572D940HF-CJ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT572D940HF-CJ ATMEL-AT572D940HF-CJ Datasheet
3Mb / 745P
   DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
More results

Similar Description - AT572D940HF-CJ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT572D940HF ATMEL-AT572D940HF_08 Datasheet
3Mb / 745P
   DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D740 ATMEL-AT572D740 Datasheet
269Kb / 22P
   DIOPSIS 740 Dual Core DSP
AT91SAM9261 ATMEL-AT91SAM9261 Datasheet
7Mb / 688P
   ARM926EJ-S BASED MICROCONTROLLER
logo
List of Unclassifed Man...
NUC946ADN ETC2-NUC946ADN Datasheet
1Mb / 376P
   32-BIT ARM926EJ-S BASED MCU
logo
Nuvoton Technology Corp...
NUC920ABN NUVOTON-NUC920ABN Datasheet
2Mb / 529P
   32-BIT ARM926EJ-S BASED MCU
NUC910ABN NUVOTON-NUC910ABN Datasheet
3Mb / 669P
   32-bit ARM926EJ-S Based Microcontroller
logo
List of Unclassifed Man...
N3291XUXDN ETC2-N3291XUXDN Datasheet
1Mb / 34P
   ARM926EJ-S Based Media Processor
logo
Nuvoton Technology Corp...
NUC945ADN NUVOTON-NUC945ADN Datasheet
1Mb / 333P
   32-BIT ARM926EJ-S BASED MCU
NUC951ADN NUVOTON-NUC951ADN Datasheet
3Mb / 590P
   32-bit ARM926EJ-S Based Microcontroller
logo
ATMEL Corporation
AT91SAM9261S ATMEL-AT91SAM9261S_14 Datasheet
643Kb / 39P
   Incorporates the ARM926EJ-S ARM Thumb Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com