Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT572D940HF-CJ Datasheet(PDF) 24 Page - ATMEL Corporation

Part # AT572D940HF-CJ
Description  DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT572D940HF-CJ Datasheet(HTML) 24 Page - ATMEL Corporation

Back Button AT572D940HF-CJ Datasheet HTML 20Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 21Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 22Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 23Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 24Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 25Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 26Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 27Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 28Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
24
7010AS–DSP–07/07
AT572D940HF Preliminary
5.9.1
Static Memory Controller (SMC)
The SMC gives to the AHB enabled Hosts the capability to access to the following type of exter-
nal memories: SRAM, Nor-Flash, EPROM, EEPROM.
The additional NAND LOGIC also provides the SMC with the capability to interface the Smart-
Media removable non-volatile memory cards and the Nand FLASH memory chips.
The additional Compact Flash logic provides the SMC with the capability to interface the Com-
pact Flash removable non-volatile memory cards.
5.9.2
Synchronous Dynamic RAM Controller (SDRAMC)
The SDRAMC provides the interface to an external 16-bit or 32-bit SDRAM device.
The page size supports ranges from 2048 to 8192 and the number of columns from 256 to 2048.
It supports byte (8-bit), half-word (16-bit) and word (32-bit) accesses.
The SDRAMC supports a read or write burst length of one location. It does not support byte
read/write bursts or half-word write bursts. It keeps track of the active row in each bank (avoiding
precharge and active when, changing bank, the old row is accessed), thus maximizing SDRAM
performance, e.g., the application may be placed in one bank and data in the other banks. So it
is advisable to avoid accessing different rows in the same bank in order to optimize
performance.
The maximum number of SDRAM locations that can be randomly accessed without penalty
cycles (precharge, active) corresponds to the device row size x the number of banks. The
SDRAMC can support row size up to 2048 locations and 4 banks: hence maximum 8K locations
can be accessed without penalties. Anyway, typical SDRAM row size are 512/256 locations so
maximum 2K/1K locations can be accessed without penalties.
5.10
Memory Mapping
The present section describes the memory mapping of ARM9System.
Table 5-1 shows the D940HF global memory map:
Table 5-1.
D940HF Global Memory Map
Start
Address
Size (MB)
masters
ARM9-I
mst # 0
ARM9-D
mst #1
PDC
mst # 2
magicV
mst # 3
USB
mst # 4
ETH
mst # 5
m-JTAG
mst # 6
0x0000 0000
256
Internal Memories (See
Table 5-3)
0x1000 0000
8 x 256
External Memories (See
Table 5-2)
0x9000 0000
6 x 256
Undefined (Abort)
0xF000 0000
256
Internal Peripherals (See
Table 5-4)


Similar Part No. - AT572D940HF-CJ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT572D940HF-CJ ATMEL-AT572D940HF-CJ Datasheet
3Mb / 745P
   DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
More results

Similar Description - AT572D940HF-CJ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT572D940HF ATMEL-AT572D940HF_08 Datasheet
3Mb / 745P
   DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D740 ATMEL-AT572D740 Datasheet
269Kb / 22P
   DIOPSIS 740 Dual Core DSP
AT91SAM9261 ATMEL-AT91SAM9261 Datasheet
7Mb / 688P
   ARM926EJ-S BASED MICROCONTROLLER
logo
List of Unclassifed Man...
NUC946ADN ETC2-NUC946ADN Datasheet
1Mb / 376P
   32-BIT ARM926EJ-S BASED MCU
logo
Nuvoton Technology Corp...
NUC920ABN NUVOTON-NUC920ABN Datasheet
2Mb / 529P
   32-BIT ARM926EJ-S BASED MCU
NUC910ABN NUVOTON-NUC910ABN Datasheet
3Mb / 669P
   32-bit ARM926EJ-S Based Microcontroller
logo
List of Unclassifed Man...
N3291XUXDN ETC2-N3291XUXDN Datasheet
1Mb / 34P
   ARM926EJ-S Based Media Processor
logo
Nuvoton Technology Corp...
NUC945ADN NUVOTON-NUC945ADN Datasheet
1Mb / 333P
   32-BIT ARM926EJ-S BASED MCU
NUC951ADN NUVOTON-NUC951ADN Datasheet
3Mb / 590P
   32-bit ARM926EJ-S Based Microcontroller
logo
ATMEL Corporation
AT91SAM9261S ATMEL-AT91SAM9261S_14 Datasheet
643Kb / 39P
   Incorporates the ARM926EJ-S ARM Thumb Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com