Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT572D940HF-CJ Datasheet(PDF) 23 Page - ATMEL Corporation

Part # AT572D940HF-CJ
Description  DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT572D940HF-CJ Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button AT572D940HF-CJ Datasheet HTML 19Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 20Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 21Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 22Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 23Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 24Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 25Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 26Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
23
7010AS–DSP–07/07
AT572D940HF Preliminary
– Compliance with Open HCI Rev 1.0 specification
– Compliance with USB V2.0 Full-speed and Low-speed Specification
– Supports both Low-speed 1.5 Mbps and Full-speed 12 Mbps USB devices
– Root hub integrated with two downstream USB ports
– Two embedded USB transceivers
5.7
Ethernet MAC 10/100
The Ethernet MAC acting as an AHB master controls the data exchange between the ethernet
channel and the ARM Internal RAM or the external memories.
The Ethernet MAC is the hardware implementation of the MAC sub-layer OSI reference model
between the physical layer (PHY) and the logical link layer (LLC). It controls the data exchange
between a host and a PHY layer according to Ethernet IEEE 802.3u data frame format. The Eth-
ernet MAC contains the required logic and transmits and receives FIFOs for the DMA
management. In addition, it is interfaced through MDIO/MDC pins for the PHY layer manage-
ment. The Ethernet MAC can transfer data through the Reduced Media Independent Interface
(RMII).
The aim of the interface reduction is to lower the pin count for a switch product that can be con-
nected to multiple PHY interfaces. The characteristics specific to RMII mode are:
• Single clock at 50 MHz frequency
• Reduction of required control pins
• Reduction of data paths to di-bit (2-bit wide) by doubling clock frequency
• 10 Mbits/sec. and 100 Mbits/sec. data capability
5.8
mAgicV JTAG
The mAgicV-JTAG provides the JTAG interface to the mAgicV core. It converts JTAG com-
mands coming from a JTAG probe into AHB cycles. Acting as an AHB master it can access all
mAgicV memories and registers, thus allowing mAgicV debug software to control the core and
its resources: to upload/download data and programs and to configure functional and debug
registers.
5.9
External Bus Interface (EBI)
Each enabled AHB master can access the external memory resources through the EBI. The
External Bus IF incorporates the Static Memory Controller (SMC) and Synchronous Dynamic
RAM controller (SDRAMC).
The EBI features:
• Eight Chip Select Lines (four via PIO lines)
• 26-bit Address Bus (four msb via PIO lines)
• 32-bit Data Bus
• Multiple Access Modes supported
• Byte Write Lines
• Programmable Wait State Generation
• Programmable Data Float Time
• Slow clock mode supported


Similar Part No. - AT572D940HF-CJ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT572D940HF-CJ ATMEL-AT572D940HF-CJ Datasheet
3Mb / 745P
   DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
More results

Similar Description - AT572D940HF-CJ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT572D940HF ATMEL-AT572D940HF_08 Datasheet
3Mb / 745P
   DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D740 ATMEL-AT572D740 Datasheet
269Kb / 22P
   DIOPSIS 740 Dual Core DSP
AT91SAM9261 ATMEL-AT91SAM9261 Datasheet
7Mb / 688P
   ARM926EJ-S BASED MICROCONTROLLER
logo
List of Unclassifed Man...
NUC946ADN ETC2-NUC946ADN Datasheet
1Mb / 376P
   32-BIT ARM926EJ-S BASED MCU
logo
Nuvoton Technology Corp...
NUC920ABN NUVOTON-NUC920ABN Datasheet
2Mb / 529P
   32-BIT ARM926EJ-S BASED MCU
NUC910ABN NUVOTON-NUC910ABN Datasheet
3Mb / 669P
   32-bit ARM926EJ-S Based Microcontroller
logo
List of Unclassifed Man...
N3291XUXDN ETC2-N3291XUXDN Datasheet
1Mb / 34P
   ARM926EJ-S Based Media Processor
logo
Nuvoton Technology Corp...
NUC945ADN NUVOTON-NUC945ADN Datasheet
1Mb / 333P
   32-BIT ARM926EJ-S BASED MCU
NUC951ADN NUVOTON-NUC951ADN Datasheet
3Mb / 590P
   32-bit ARM926EJ-S Based Microcontroller
logo
ATMEL Corporation
AT91SAM9261S ATMEL-AT91SAM9261S_14 Datasheet
643Kb / 39P
   Incorporates the ARM926EJ-S ARM Thumb Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com