Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT572D940HF-CJ Datasheet(PDF) 19 Page - ATMEL Corporation

Part # AT572D940HF-CJ
Description  DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT572D940HF-CJ Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button AT572D940HF-CJ Datasheet HTML 15Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 16Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 17Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 18Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 19Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 20Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 21Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 22Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
19
7010AS–DSP–07/07
AT572D940HF Preliminary
5.3.11
mAgicV AHB master interface
mAgicV VLIW DSP is equipped with an AHB master which supports mAgicV DMA engine.
5.3.12
AHB DMA on Data Memory System
At every cycle, one port of the on-chip Data Memory System is reserved to fetch/store the activ-
ity driven by the DMA Engine. The DMA to the external memories or to the other devices
mapped on the AHB System Bus is supported by mAgicV AHB master interface. The DMA
engine can generate stride access to the external memory. The DMA transfers to and from the
on-chip Memory can be executed in parallel with the full speed core instructions execution with
zero-overhead and without the intervention of the core processor, except for initiating it.
5.3.13
AHB DMA on Program Memory
The on-chip Program Memory of mAgicV is a dual port. One port is reserved to the instruction
fetch and the other to the DMA engine. In parallel with the activities of the core, a DMA can be
activated between the external memories and the other devices mapped on the AHB System
Bus.
5.3.14
mAgicV AHB slave interface
External AHB masters, like ARM and JTAG can access the memories and the registers of mAg-
icV DSP through mAgicV AHB slave interface. In Debug mode (see Section 5.3.15.3 below) all
the internal resources are memory mapped, while in run mode or sleep mode access restrictions
apply (see Section 5.3.15.1 and Section 5.3.15.2 below). At every cycle, one port of the Data
Memory System is reserved to read/store accesses performed through the AHB slave interface.
Example of usage: data sampled by AD Converters can be written inside the mAgicV Data Mem-
ory in parallel to the DMA (through the master port) and the VLIW operations.
5.3.15
Operating Modes of mAgicV
mAgicV VLIW DSP can operate in three operating modes: Run mode, Sleep mode and Debug
mode. The access allowed to the different resources through the AHB slave port depends on the
status mode:
5.3.15.1
Run Mode
In Run Mode, a mAgicV VLIW program is under execution. mAgicV can access external
resources through its AHB master interface. Control and status registers are visible. One port of
the Data Memory System is accessible through the AHB Slave port.
5.3.15.2
Sleep Mode
In Sleep Mode, the AHB Master and Slave port and the DMA engine are still active. However,
only “non-destructive access paths” are guaranteed through the AHB slave interface. Control
and Status registers are active. Data and Address Registers are frozen (readable but not
writable).
5.3.15.3
Debug Mode
In Debug Mode, mAgicV suspends its execution (if any) and debug paths are allowed. Data and
Program memories are readable. Data and Address registers are readable. Pipeline registers
are frozen. Any external master, like JTAG or the ARM can access the internal resources of
mAgicV DSP for debug purpose. The ability of the ARM to access internal mAgicV resources in
Debug Mode can be used for initialization and also for debugging purposes. By accessing the
Command Register, the ARM can change the operating status of the DSP (Run/System Mode),


Similar Part No. - AT572D940HF-CJ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT572D940HF-CJ ATMEL-AT572D940HF-CJ Datasheet
3Mb / 745P
   DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
More results

Similar Description - AT572D940HF-CJ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT572D940HF ATMEL-AT572D940HF_08 Datasheet
3Mb / 745P
   DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D740 ATMEL-AT572D740 Datasheet
269Kb / 22P
   DIOPSIS 740 Dual Core DSP
AT91SAM9261 ATMEL-AT91SAM9261 Datasheet
7Mb / 688P
   ARM926EJ-S BASED MICROCONTROLLER
logo
List of Unclassifed Man...
NUC946ADN ETC2-NUC946ADN Datasheet
1Mb / 376P
   32-BIT ARM926EJ-S BASED MCU
logo
Nuvoton Technology Corp...
NUC920ABN NUVOTON-NUC920ABN Datasheet
2Mb / 529P
   32-BIT ARM926EJ-S BASED MCU
NUC910ABN NUVOTON-NUC910ABN Datasheet
3Mb / 669P
   32-bit ARM926EJ-S Based Microcontroller
logo
List of Unclassifed Man...
N3291XUXDN ETC2-N3291XUXDN Datasheet
1Mb / 34P
   ARM926EJ-S Based Media Processor
logo
Nuvoton Technology Corp...
NUC945ADN NUVOTON-NUC945ADN Datasheet
1Mb / 333P
   32-BIT ARM926EJ-S BASED MCU
NUC951ADN NUVOTON-NUC951ADN Datasheet
3Mb / 590P
   32-bit ARM926EJ-S Based Microcontroller
logo
ATMEL Corporation
AT91SAM9261S ATMEL-AT91SAM9261S_14 Datasheet
643Kb / 39P
   Incorporates the ARM926EJ-S ARM Thumb Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com