Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT572D940HF-CJ Datasheet(PDF) 18 Page - ATMEL Corporation

Part # AT572D940HF-CJ
Description  DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT572D940HF-CJ Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button AT572D940HF-CJ Datasheet HTML 14Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 15Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 16Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 17Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 18Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 19Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 20Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 21Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
18
7010AS–DSP–07/07
AT572D940HF Preliminary
can also be used to perform 16-bit signed integer arithmetic operations in parallel with the activ-
ities of the operators block (40-bit floating point and 32 signed integer operations). The MAGU
also performs the loop control computations needed to verify if the end of a loop is reached.
5.3.6
Flow Controller
The Flow Controller is dedicated to program address generation, conditioning, predication and
software pipelining of systematic loops. The Program Address Generation Unit is devoted to
control the correct Program Counter generation according to the program flow. It generates
addresses for linear code execution as well as for non-sequential program flow. The Condition
Generation Unit combines the flags generated by the operators and by the MAGU to produce
complex conditions flags used to control the program execution. The Program Address Genera-
tion Unit also allows to perform conditioned and unconditioned branch instructions, loops, call to
subroutines and return from subroutines.
5.3.7
Dual-Port On-Chip Program Memory
The Program Memory stores the VLIW program to be executed by mAgicV. It is 8K words by
128-bit dual port memory. One port is driven by the Flow Controller to fetch the compressed
VLIW word. The other port is accessed by the DMA engine, supported by the AHB master inter-
face, or by the external devices through mAgicV AHB slave port.
5.3.8
5 predicated VLIW Issues
At every cycle, a typical mAgicV VLIW instruction activates 5 issues named AGU0, AGU1, ADD,
MULT and FLOW. The first two issues are associated to the pair of independent Address Gener-
ation Units in the MAGU. The third issue drives the Arithmetic Add/Subtract section of the
Operators Block, the fourth drives the Multiplier section, and the last issue drives the Flow Con-
troller. Each issue is predicated by a specific predication field, for conditional execution without
pipeline breaking penalties. Using different instruction formats, the VLIW word can also contain
initialization requests for the DMA engine, single cycle loading of multiple immediate values and
other service instructions.
5.3.9
Software pipelining
Software pipelining of systematic loops is optimally supported by a dedicated engine which acti-
vates the VLIW issues only during the appropriate loop iterations. This mechanism is designed
to reach optimal program memory usage of the DSP library and completes the general purpose
Code Compression scheme.
5.3.10
Program Compression
The mAgicV VLIW architecture is natively designed for optimal program density. Moreover, a
program compression scheme allows an average additional program compression between 2
and 3. Therefore, more than 10 issues are stored for each 128 bit program memory locations. A
high Program Memory density is achieved thanks to the combined effect of Program Compres-
sion and Software Pipelining. The DSP side of many applications can be implemented on the
D940HF using only the internal memory. In fact, the 8K by 128-bit program memory size pro-
vides, with code compression, ~50K DSP assembler instructions stored on-chip (typical). For
DSP libraries, the density is even greater where software pipelining is activated. If the on-chip
program memory is not large enough to contain the full DSP application, a DMA must be
launched to refill the dual-port Program Memory. Thanks to the program compression, the pro-
gram memory refill does not stall the activities of the DSP core.


Similar Part No. - AT572D940HF-CJ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT572D940HF-CJ ATMEL-AT572D940HF-CJ Datasheet
3Mb / 745P
   DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
More results

Similar Description - AT572D940HF-CJ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT572D940HF ATMEL-AT572D940HF_08 Datasheet
3Mb / 745P
   DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D740 ATMEL-AT572D740 Datasheet
269Kb / 22P
   DIOPSIS 740 Dual Core DSP
AT91SAM9261 ATMEL-AT91SAM9261 Datasheet
7Mb / 688P
   ARM926EJ-S BASED MICROCONTROLLER
logo
List of Unclassifed Man...
NUC946ADN ETC2-NUC946ADN Datasheet
1Mb / 376P
   32-BIT ARM926EJ-S BASED MCU
logo
Nuvoton Technology Corp...
NUC920ABN NUVOTON-NUC920ABN Datasheet
2Mb / 529P
   32-BIT ARM926EJ-S BASED MCU
NUC910ABN NUVOTON-NUC910ABN Datasheet
3Mb / 669P
   32-bit ARM926EJ-S Based Microcontroller
logo
List of Unclassifed Man...
N3291XUXDN ETC2-N3291XUXDN Datasheet
1Mb / 34P
   ARM926EJ-S Based Media Processor
logo
Nuvoton Technology Corp...
NUC945ADN NUVOTON-NUC945ADN Datasheet
1Mb / 333P
   32-BIT ARM926EJ-S BASED MCU
NUC951ADN NUVOTON-NUC951ADN Datasheet
3Mb / 590P
   32-bit ARM926EJ-S Based Microcontroller
logo
ATMEL Corporation
AT91SAM9261S ATMEL-AT91SAM9261S_14 Datasheet
643Kb / 39P
   Incorporates the ARM926EJ-S ARM Thumb Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com