Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT572D940HF-CJ Datasheet(PDF) 17 Page - ATMEL Corporation

Part # AT572D940HF-CJ
Description  DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT572D940HF-CJ Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button AT572D940HF-CJ Datasheet HTML 13Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 14Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 15Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 16Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 17Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 18Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 19Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 20Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
17
7010AS–DSP–07/07
AT572D940HF Preliminary
move to and from the operators block and the memory, plus the ports for the debug accesses.
The total data bandwidth between the register file, the operators block and the data memory is
80 bytes per clock cycle, thus avoiding bottlenecks in the data flow inside the VLIW core.
The Operators block, the Data Register File, the Multiple Address Generation Unit and the Flow-
Controller are the computing part of the core processor. The core is integrated with a 6-
access/cycle, 16Kx40-bit on-chip Data Memory System and a 2-port, 8Kx128-bit on-chip VLIW
Program Memory. The mAgicV VLIW DSP is equipped with an integrated AHB master and a
DMA Engine plus an AHB Slave interface.
5.3.3
DSP Operators Block
The Operators Block contains the hardware that performs arithmetical operations. It works on
32-bit signed integers and IEEE 754 extended precision 40-bit floating-point data. The Opera-
tors Block is composed of four integer/floating point multipliers, an adder, a subtractor and two
add-subtract integer/floating point units; moreover, it has two shift/logic units, a Min/Max opera-
tor and two seed generators for efficient division and inverse square root computation. The
operators block is arranged in order to natively support complex arithmetic (single cycle complex
multiply or multiply and add), fast FFT (single cycle butterfly computation) and vectorial compu-
tations (e.g. for Audio Stereo Channel support). The peak performance of mAgicV is achieved
during single cycle FFT butterfly execution, when mAgicV delivers 10 floating-point operations
per clock cycle.
5.3.4
6-port On-Chip Data Memory System
The Data Memory System of mAgicV contains 16K*40-bit on-chip memory locations supporting
up to 6 accesses/cycle. 4-accesses/cycle are reserved to the activities driven by the Multiple
Address Generation unit of mAgicV: these accesses are reserved to the computing part of the
core. 1 access/cycle is assigned to serve the DMA activity launched by the core itself, through
mAgicV AHB master port. 1 additional access/cycle can be simultaneously requested by exter-
nal devices through mAgicV AHB slave port (e.g for data exchange with the interfaces of the
ADC and the DAC converters). The Data Memory System is physically organized using two
banks (assigned to even and odd addresses) of quadruple-port memories. The total bandwidth
available is 28 bytes/cycle; for the computing part of the core it is 20 bytes per clock cycle, allow-
ing full speed implementation of numerically intensive algorithms (e.g. complex FFT and FIR),
plus 8 bytes/cycle assigned to the AHB master and slave interfaces.
5.3.5
Multiple DSP Address Generation Unit (MAGU)
The core can access vectorial and single data stored in the Data Memory. Accessing complex
data is equivalent to accessing vectorial data (a pair of consecutive even and odd addresses
pointing to the pair of banks). In vectorial mode, the Multiple Address Generation Unit (MAGU) is
able to generate up to 4 addresses/cycle: two pairs of vectorial addresses, one to access the
Data Memory System for reading a consecutive pair of memory locations and one address for
writing a consecutive pair of memory locations. The MAGU can also generate any combination
of two scalar accesses to the Data Memory System (Read-Read, Read-Write, Write-Write of any
pair of single location accesses), or the combination of one vectorial access and one scalar
access. The MAGU supports linear addressing and DSP oriented features like stride access and
circular buffers. The address generation unit is supported by 16 multi field addressing registers
each one composed of 4 16-bit individually addressable registers, for a total of 64 signed 16-bit
integer registers. Registers named A0-A15 are used for the storage of pointers, while registers
M0-M15 are for the 16-bit integer modifiers. For circular buffers, S0-S15 store the Start
Addresses of the buffers, and L0-L15 are initialized with the circular buffer lengths. The MAGU


Similar Part No. - AT572D940HF-CJ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT572D940HF-CJ ATMEL-AT572D940HF-CJ Datasheet
3Mb / 745P
   DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
More results

Similar Description - AT572D940HF-CJ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT572D940HF ATMEL-AT572D940HF_08 Datasheet
3Mb / 745P
   DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D740 ATMEL-AT572D740 Datasheet
269Kb / 22P
   DIOPSIS 740 Dual Core DSP
AT91SAM9261 ATMEL-AT91SAM9261 Datasheet
7Mb / 688P
   ARM926EJ-S BASED MICROCONTROLLER
logo
List of Unclassifed Man...
NUC946ADN ETC2-NUC946ADN Datasheet
1Mb / 376P
   32-BIT ARM926EJ-S BASED MCU
logo
Nuvoton Technology Corp...
NUC920ABN NUVOTON-NUC920ABN Datasheet
2Mb / 529P
   32-BIT ARM926EJ-S BASED MCU
NUC910ABN NUVOTON-NUC910ABN Datasheet
3Mb / 669P
   32-bit ARM926EJ-S Based Microcontroller
logo
List of Unclassifed Man...
N3291XUXDN ETC2-N3291XUXDN Datasheet
1Mb / 34P
   ARM926EJ-S Based Media Processor
logo
Nuvoton Technology Corp...
NUC945ADN NUVOTON-NUC945ADN Datasheet
1Mb / 333P
   32-BIT ARM926EJ-S BASED MCU
NUC951ADN NUVOTON-NUC951ADN Datasheet
3Mb / 590P
   32-bit ARM926EJ-S Based Microcontroller
logo
ATMEL Corporation
AT91SAM9261S ATMEL-AT91SAM9261S_14 Datasheet
643Kb / 39P
   Incorporates the ARM926EJ-S ARM Thumb Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com