Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT572D940HF-CJ Datasheet(PDF) 16 Page - ATMEL Corporation

Part # AT572D940HF-CJ
Description  DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT572D940HF-CJ Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button AT572D940HF-CJ Datasheet HTML 12Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 13Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 14Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 15Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 16Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 17Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 18Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 19Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
16
7010AS–DSP–07/07
AT572D940HF Preliminary
5.3
mAgicV VLIW DSP Processor
The mAgicV VLIW DSP is the numeric processor of the D940HF. It operates on IEEE 754 40-bit
extended precision floating-point and 32-bit integer numeric format. The main components of the
DSP subsystem are the core processor, the on-chip memories, the DMA engine and its AHB
master and slave interfaces. The operators block, the register file, the multiple address genera-
tion unit and the program decoding and sequencing unit are the computing part of the core
processor. A short description of each block is given in the following paragraphs.
Figure 5-1.
mAgicV DSP Block Diagram
5.3.1
RISC-like VLIW DSP
mAgicV is a Very Long Instruction Word engine, but from an user point of view, it works like a
RISC machine by implementing triadic computing operations on data coming from the register
file, and data move operations between the local memories and the register file. The operators
are pipelined for maximum performance. The pipeline depth depends on the operator used. The
scheduling and parallelism operations are automatically defined and managed at compile time
by the assembler-optimizer, allowing efficient code execution. The architecture is designed for
efficient C-language support.
5.3.2
16-port, 256x40-bit Data Register File System
In order to provide optimal data bandwidth and to give the best support to the RISC-like pro-
gramming model, mAgicV arithmetic computations are supported by a 16-ported, 256x40-bit
entries, Data Register File System. The Data Register File can also be viewed as a complex
128-entry register file. It can be used as a complex register file (real + imaginary part), or as a
dual register file for vectorial operations. When performing scalar instructions on the real
domain, the register file can be used as an ordinary 256 register file. Both the odd and even
sides of the register file are 9-ported (4-read ports and 4-write ports for computing/move opera-
tions + 1 port for independent debug access), making a total of 16 I/O ports available for the data
AHB
Master
DMA
Engine
4-address/cycle
Multiple DSP
Address Generation
Unit
16 multi-field
Address Register
File
Operators: 10-float
ops/cycle
16-port 256x40-bit
Data Register File
System
2-port, 8Kx128-bit, VLIW Program Memory
Flow Controller, VLIW Decoder
Instruction
Decoder
Condition
Generation
Status
Register
Program
Counter
VLIW Decompressor
6-access/cycle
Data Memory
System
16Kx40-bit
AHB
Slave,
e.g.
DMA
Target
AHB layer-x
Multi Layer
AHB
System Bus
AHB layer-y


Similar Part No. - AT572D940HF-CJ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT572D940HF-CJ ATMEL-AT572D940HF-CJ Datasheet
3Mb / 745P
   DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
More results

Similar Description - AT572D940HF-CJ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT572D940HF ATMEL-AT572D940HF_08 Datasheet
3Mb / 745P
   DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D740 ATMEL-AT572D740 Datasheet
269Kb / 22P
   DIOPSIS 740 Dual Core DSP
AT91SAM9261 ATMEL-AT91SAM9261 Datasheet
7Mb / 688P
   ARM926EJ-S BASED MICROCONTROLLER
logo
List of Unclassifed Man...
NUC946ADN ETC2-NUC946ADN Datasheet
1Mb / 376P
   32-BIT ARM926EJ-S BASED MCU
logo
Nuvoton Technology Corp...
NUC920ABN NUVOTON-NUC920ABN Datasheet
2Mb / 529P
   32-BIT ARM926EJ-S BASED MCU
NUC910ABN NUVOTON-NUC910ABN Datasheet
3Mb / 669P
   32-bit ARM926EJ-S Based Microcontroller
logo
List of Unclassifed Man...
N3291XUXDN ETC2-N3291XUXDN Datasheet
1Mb / 34P
   ARM926EJ-S Based Media Processor
logo
Nuvoton Technology Corp...
NUC945ADN NUVOTON-NUC945ADN Datasheet
1Mb / 333P
   32-BIT ARM926EJ-S BASED MCU
NUC951ADN NUVOTON-NUC951ADN Datasheet
3Mb / 590P
   32-bit ARM926EJ-S Based Microcontroller
logo
ATMEL Corporation
AT91SAM9261S ATMEL-AT91SAM9261S_14 Datasheet
643Kb / 39P
   Incorporates the ARM926EJ-S ARM Thumb Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com