Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT572D940HF-CJ Datasheet(PDF) 15 Page - ATMEL Corporation

Part # AT572D940HF-CJ
Description  DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT572D940HF-CJ Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button AT572D940HF-CJ Datasheet HTML 11Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 12Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 13Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 14Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 15Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 16Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 17Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 18Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
15
7010AS–DSP–07/07
AT572D940HF Preliminary
5.
Architectural Overview
DIOPSIS 940 HF (also named D940HF) is a high performance dual-core processing platform for
audio, communication and beam-forming applications, integrating a floating-point DSP (mAgicV
VLIW DSP) and an ARM926EJ-S Reduced Instruction Set Computer (RISC). The D940HF is
optimally suited for floating point applications with a significant need for complex domain compu-
tations like FFT and frequency domain phase-shift algorithms, requiring high dynamic range and
maximum numerical precision.
The D940HF combines the flexibility of the ARM926 RISC controller with the very high perfor-
mance of the DSP oriented VLIW architecture of mAgicV.
5.1
System management
The availability of a standard RISC on-chip lowers software development effort for non critical
and control segments of the application. ARM926 features an MMU for virtual memory and
sophisticated memory protection, making it an ideal platform for operating systems such as
WinCE or Linux. This leaves mAgicV fully available for the numerically intensive part of the appli-
cation. The synchronization between the two processors can be either based on interrupts or on
software polling on semaphores.
The ARM926 is the D940HF master processor. The bootstrap sequence of the D940HF starts
from the bootstrap of the ARM926 from its internal ROM or external non-volatile memory. The
ARM then boots mAgicV from a non-volatile memory. After bootstrap the D940HF can start its
normal operations. The DSP side of many applications can be implemented on the D940HF by
using only the internal memory. In fact, the program memory size of 8K by 128-bit coupled with
the availability of the general purpose code compression and software pipelining of systematic
loops, gives an equivalent on-chip program memory size of about 24K cycles, corresponding to
~50K DSP assembler instructions (typical).
5.2
AMBA Architecture
The architecture is based on AMBAbus: the multilayer AHB matrix and the APB.
The AHB matrix consists of seven masters:
0.
ARM926 Instruction
1.
ARM926-Data
2.
Peripheral Data Controller (PDC)
3.
mAgicV
4.
USB Host
5.
Ethernet MAC 10/100
6.
mAgicV JTAG
and of five slaves:
0. ARM926 SRAM
1.
ARM926 ROM
2.
mAgicV Registers and Memories + USB Host Registers
3.
The External Bus Interface
4.
The AHB-APB bridge


Similar Part No. - AT572D940HF-CJ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT572D940HF-CJ ATMEL-AT572D940HF-CJ Datasheet
3Mb / 745P
   DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
More results

Similar Description - AT572D940HF-CJ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT572D940HF ATMEL-AT572D940HF_08 Datasheet
3Mb / 745P
   DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D740 ATMEL-AT572D740 Datasheet
269Kb / 22P
   DIOPSIS 740 Dual Core DSP
AT91SAM9261 ATMEL-AT91SAM9261 Datasheet
7Mb / 688P
   ARM926EJ-S BASED MICROCONTROLLER
logo
List of Unclassifed Man...
NUC946ADN ETC2-NUC946ADN Datasheet
1Mb / 376P
   32-BIT ARM926EJ-S BASED MCU
logo
Nuvoton Technology Corp...
NUC920ABN NUVOTON-NUC920ABN Datasheet
2Mb / 529P
   32-BIT ARM926EJ-S BASED MCU
NUC910ABN NUVOTON-NUC910ABN Datasheet
3Mb / 669P
   32-bit ARM926EJ-S Based Microcontroller
logo
List of Unclassifed Man...
N3291XUXDN ETC2-N3291XUXDN Datasheet
1Mb / 34P
   ARM926EJ-S Based Media Processor
logo
Nuvoton Technology Corp...
NUC945ADN NUVOTON-NUC945ADN Datasheet
1Mb / 333P
   32-BIT ARM926EJ-S BASED MCU
NUC951ADN NUVOTON-NUC951ADN Datasheet
3Mb / 590P
   32-bit ARM926EJ-S Based Microcontroller
logo
ATMEL Corporation
AT91SAM9261S ATMEL-AT91SAM9261S_14 Datasheet
643Kb / 39P
   Incorporates the ARM926EJ-S ARM Thumb Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com