Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT572D940HF-CJ Datasheet(PDF) 14 Page - ATMEL Corporation

Part # AT572D940HF-CJ
Description  DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT572D940HF-CJ Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button AT572D940HF-CJ Datasheet HTML 10Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 11Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 12Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 13Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 14Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 15Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 16Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 17Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
14
7010AS–DSP–07/07
AT572D940HF Preliminary
4.
Block Diagram
Figure 4-1.
AT572D940HF Architecture
ARM
JTAG
Fast ROM
32 Kbytes
Peripheral
Bridge
SYSC
RST CNTL
PIT
RTT
WDG
7 x 5
AHB
MATRIX
PMC
AIC
mAgic
+
memories
DBGU
ICE
ARM926EJ-S
Instruction Cache
16K bytes
MMU
Data Cache
16K bytes
TCM IF
BIU
ICE
ARM926EJ-S
Instruction Cache
16K bytes
MMU
Data Cache
16K bytes
TCM IF
BIU
D0-D31
A0/NBS0
A1/NBS2/NWR2
A2-A15/A18-A21
A17/SD_BA1
A22-A25/CF_RNW
NCS1/SD_NCS
NCS2
NWR0/NWE/CF_NWE
NWR1/NBS1/CF_NIOR
NRD/NOE/CF_NOE
A16/SD_BA0
NCS0
SD_CK
SD_CKE
SD_NWE
SD_A10
NCS4/CF_NCS0
NCS5/CF_NCS1
CF_NCE2
NCS6/SM_NOE
CF_NCE1
SD_NRAS-SD_NCAS
NWR3/NBS3/CF_NIOW
NCS7/SM_NWE
NWAIT
EBI
CompactFlash
SmartMedia
NAND Flash
SDRAM
CNTL
Static
Memory
CNTL
ITCM DTCM
Fast SRAM
48 Kbytes
I
D
I
D
BMS
PDC
PLL B
PLL A
MAIN OSC
32K OSC
POR
VDDCORE
X32IN
X32OUT
XIN
XOUT
PLL_RCA
PCK0-PCK3
PLL_RCB
M_CK
A_CK
DBG_RXD
DBG_TXD
EXT_IRQ0-EXT_IRQ2
A_JCFG
A_TDI
A_TMS
A_RTCK
A_TDO
USARTx_SCK
USARTx_CTS
USARTx_RTS
USARTx_TXD
USARTx_RXD
SPIx_MISO
SPIx_NCS0
SPIx_MOSI
SPIx_CK
SPIx_NCS1-SPIx_NCS3
SSCx_RXD
SSCx_TXD
CANx_RX
CANx_TX
NRST
TEST
FIFO
USB
DEVICE
FIFO
USB
DEVICE
USBD_M
USBD_P
USBHA_M
USBHA_P
DMA
USB
HOST
FIFO
DMA
USB
HOST
FIFO
USBHB_M
USBHB_P
DMA
ETH
MAC
FIFO
E_RXER
E_TX0-E_TX1
E_REFCK
E_CRSDV
E_TXEN
E_RX0-E_RX1
A_TCK
TWx_D
TWx_CK
TC_OUT_B_0
TC_OUT_B_1
TC_IN_0
TC_IN_1
TC_OUT_B_2
TC_IN_2
TC_OUT_A_1
TC_OUT_A_2
TC_OUT_A_0
APB
mAgic
JTAG
M_TDI
M_TMS
M_NTRST
M_TDO
M_TCK
M_MODE
M_SIRQ0-M_SIRQ3
PDC
PDC
TC0
TC1
TC2
Timer Counter
NCS3/SM_NCS
SSCx_TF
SSCx_TK
SSCx_RF
SSCx_RK
X32EN
MCI
PDC
MCCK
MCCDA
MCDA0-MCDA3
USART 0-1-2
PDC
USART 0-1-2
PDC
SPI 0-1
PDC
SPI 0-1
PDC
PIO A-B-C
Controllers
SSC 0-1-2-3
CAN 0-1
TWI 0-1
E_FCE100
E_MDC
E_MDIO
PDC
PDC


Similar Part No. - AT572D940HF-CJ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT572D940HF-CJ ATMEL-AT572D940HF-CJ Datasheet
3Mb / 745P
   DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
More results

Similar Description - AT572D940HF-CJ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT572D940HF ATMEL-AT572D940HF_08 Datasheet
3Mb / 745P
   DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D740 ATMEL-AT572D740 Datasheet
269Kb / 22P
   DIOPSIS 740 Dual Core DSP
AT91SAM9261 ATMEL-AT91SAM9261 Datasheet
7Mb / 688P
   ARM926EJ-S BASED MICROCONTROLLER
logo
List of Unclassifed Man...
NUC946ADN ETC2-NUC946ADN Datasheet
1Mb / 376P
   32-BIT ARM926EJ-S BASED MCU
logo
Nuvoton Technology Corp...
NUC920ABN NUVOTON-NUC920ABN Datasheet
2Mb / 529P
   32-BIT ARM926EJ-S BASED MCU
NUC910ABN NUVOTON-NUC910ABN Datasheet
3Mb / 669P
   32-bit ARM926EJ-S Based Microcontroller
logo
List of Unclassifed Man...
N3291XUXDN ETC2-N3291XUXDN Datasheet
1Mb / 34P
   ARM926EJ-S Based Media Processor
logo
Nuvoton Technology Corp...
NUC945ADN NUVOTON-NUC945ADN Datasheet
1Mb / 333P
   32-BIT ARM926EJ-S BASED MCU
NUC951ADN NUVOTON-NUC951ADN Datasheet
3Mb / 590P
   32-bit ARM926EJ-S Based Microcontroller
logo
ATMEL Corporation
AT91SAM9261S ATMEL-AT91SAM9261S_14 Datasheet
643Kb / 39P
   Incorporates the ARM926EJ-S ARM Thumb Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com