Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT572D940HF-CJ Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT572D940HF-CJ
Description  DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT572D940HF-CJ Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT572D940HF-CJ Datasheet HTML 9Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 10Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 11Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 12Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 13Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 14Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 15Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 16Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
13
7010AS–DSP–07/07
AT572D940HF Preliminary
USBH
USBHA_DP
USB Host Port A Data +
usb-bi
USBH
USBHB_DM
USB Host Port B Data -
usb-bi
USBH
USBHB_DP
USB Host Port B Data +
usb-bi
USART
USART0_RXD
USART 0 Data in
bi-03
input through PIO line
USART
USART0_TXD
USART 0 Data out
bi-03
bidirectional through PIO line
USART
USART0_SCK
USART 0 Serial clock
bi-03
bidirectional through PIO line
for synchronous mode only
USART
USART0_CTS
USART 0 Clear to send
bi-03
input through PIO line
USART
USART0_RTS
USART 0 Request to send
bi-03
output through PIO line
USART
USART1_RXD
USART 1 Data in
bi-03
input through PIO line
USART
USART1_TXD
USART 1 Data out
bi-03
bidirectional through PIO line
USART
USART1_SCK
USART 1 Serial clock
bi-03
bidirectional through PIO line
for synchronous mode only
USART
USART1_CTS
USART 1 Clear to send
bi-03
input through PIO line
USART
USART1_RTS
USART 1 Request to send
bi-03
output through PIO line
USART
USART2_RXD
USART 2 Data in
bi-03
input through PIO line
USART
USART2_TXD
USART 2 Data out
bi-03
bidirectional through PIO line
USART
USART2_SCK
USART 2 Serial clock
bi-03
bidirectional through PIO line
for synchronous mode only
USART
USART2_CTS
USART 2 Clear to send
bi-03
input through PIO line
USART
USART2_RTS
USART 2 Request to send
bi-03
output through PIO line
Power
VDDCORE
Core power supply
Power
1.1V / 1.2V
Power
VDDIOP
Peripherals I/O Lines Power Supply
Power
3.3V
Power
VDDIOM
EBI I/O Lines Power Supply
Power
3.3V
Power
VDDOSC32
32KHz Oscillator Power Supply
Power
1.1V / 1.2V
Power
VDDOSCM
Main Oscillator PLLB Power Supply
Power
1.1V / 1.2V
Power
VDDPLLA
PLLA power supply
Power
3.3V
Ground
GND
Core and IO Ground
Ground
Ground
GNDOSC32
32KHz Oscillator Ground
Ground
Ground
GNDOSCM
Main Oscillator PLLB Ground
Ground
Ground
GNDPLLA
PLLA Ground
Ground
Table 3-1.
AT572D940HF Pin Description (Continued)
Module
Name
Function
Type
Active
Level
Notes


Similar Part No. - AT572D940HF-CJ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT572D940HF-CJ ATMEL-AT572D940HF-CJ Datasheet
3Mb / 745P
   DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
More results

Similar Description - AT572D940HF-CJ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT572D940HF ATMEL-AT572D940HF_08 Datasheet
3Mb / 745P
   DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D740 ATMEL-AT572D740 Datasheet
269Kb / 22P
   DIOPSIS 740 Dual Core DSP
AT91SAM9261 ATMEL-AT91SAM9261 Datasheet
7Mb / 688P
   ARM926EJ-S BASED MICROCONTROLLER
logo
List of Unclassifed Man...
NUC946ADN ETC2-NUC946ADN Datasheet
1Mb / 376P
   32-BIT ARM926EJ-S BASED MCU
logo
Nuvoton Technology Corp...
NUC920ABN NUVOTON-NUC920ABN Datasheet
2Mb / 529P
   32-BIT ARM926EJ-S BASED MCU
NUC910ABN NUVOTON-NUC910ABN Datasheet
3Mb / 669P
   32-bit ARM926EJ-S Based Microcontroller
logo
List of Unclassifed Man...
N3291XUXDN ETC2-N3291XUXDN Datasheet
1Mb / 34P
   ARM926EJ-S Based Media Processor
logo
Nuvoton Technology Corp...
NUC945ADN NUVOTON-NUC945ADN Datasheet
1Mb / 333P
   32-BIT ARM926EJ-S BASED MCU
NUC951ADN NUVOTON-NUC951ADN Datasheet
3Mb / 590P
   32-bit ARM926EJ-S Based Microcontroller
logo
ATMEL Corporation
AT91SAM9261S ATMEL-AT91SAM9261S_14 Datasheet
643Kb / 39P
   Incorporates the ARM926EJ-S ARM Thumb Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com