Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT572D940HF-CJ Datasheet(PDF) 12 Page - ATMEL Corporation

Part # AT572D940HF-CJ
Description  DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT572D940HF-CJ Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button AT572D940HF-CJ Datasheet HTML 8Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 9Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 10Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 11Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 12Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 13Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 14Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 15Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
12
7010AS–DSP–07/07
AT572D940HF Preliminary
SSC
SSC2_RF
Synchronous Serial Controller 2
Receive Frame Clock
bi-03
through PIO line
SSC
SSC2_TK
Synchronous Serial Controller 2
Transmit Bit Clock
bi-03
through PIO line
SSC
SSC2_RK
Synchronous Serial Controller 2
Receive Bit Clock
bi-03
through PIO line
SSC
SSC2_RXD
Synchronous Serial Controller 2
Data In
bi-03
input through PIO line
SSC
SSC3_TXD
Synchronous Serial Controller 3
Data Out
bi-03
output through PIO line
SSC
SSC3_RXD
Synchronous Serial Controller 3
Data In
bi-03
input through PIO line
SSC
SSC3_TF
Synchronous Serial Controller 3
Transmit Frame Clock
bi-03
through PIO line
SSC
SSC3_RF
Synchronous Serial Controller 3
Receive Frame Clock
bi-03
through PIO line
SSC
SSC3_TK
Synchronous Serial Controller 3
Transmit Bit Clock
bi-03
through PIO line
SSC
SSC3_RK
Synchronous Serial Controller 3
Receive Bit Clock
bi-03
through PIO line
SYSC
NRST
Chip Reset
bi-03
low
open drain
TC
TC_OUT_A0
Timer Counter A out 0
bi-03
through PIO line
TC
TC_OUT_A1
Timer Counter A out 1
bi-03
bidirectional through PIO line
TC
TC_OUT_A2
Timer Counter A out 2
bi-03
bidirectional through PIO line
TC
TC_OUT_B0
Timer Counter B out 0
bi-03
bidirectional through PIO line
TC
TC_OUT_B1
Timer Counter B out 1
bi-03
bidirectional through PIO line
TC
TC_OUT_B2
Timer Counter B out 2
bi-03
bidirectional through PIO line
TC
TC_IN_0
Timer Counter in 0
bi-03
input through PIO line
TC
TC_IN_1
Timer Counter in 1
bi-03
input through PIO line
TC
TC_IN_2
Timer Counter in 2
bi-03
input through PIO line
TST
TEST
Test Mode Select
in
high
pull-down resistor (Functional Mode
selected)
TWI
TW0_D
Two Wire 0 Data
bi-03
bidirectional through PIO line
TWI
TW0_CK
Two Wire 0 Clock
bi-03
bidirectional through PIO line
TWI
TW1_D
Two Wire 1 Data
bi-03
bidirectional through PIO line
TWI
TW1_CK
Two Wire 1 Clock
bi-03
bidirectional through PIO line
USBD
USBD_DM
USB Device Port Data -
usb-bi
USBD
USBD_DP
USB Device Port Data +
usb-bi
USBH
USBHA_DM
USB Host Port A Data -
usb-bi
Table 3-1.
AT572D940HF Pin Description (Continued)
Module
Name
Function
Type
Active
Level
Notes


Similar Part No. - AT572D940HF-CJ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT572D940HF-CJ ATMEL-AT572D940HF-CJ Datasheet
3Mb / 745P
   DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
More results

Similar Description - AT572D940HF-CJ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT572D940HF ATMEL-AT572D940HF_08 Datasheet
3Mb / 745P
   DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D740 ATMEL-AT572D740 Datasheet
269Kb / 22P
   DIOPSIS 740 Dual Core DSP
AT91SAM9261 ATMEL-AT91SAM9261 Datasheet
7Mb / 688P
   ARM926EJ-S BASED MICROCONTROLLER
logo
List of Unclassifed Man...
NUC946ADN ETC2-NUC946ADN Datasheet
1Mb / 376P
   32-BIT ARM926EJ-S BASED MCU
logo
Nuvoton Technology Corp...
NUC920ABN NUVOTON-NUC920ABN Datasheet
2Mb / 529P
   32-BIT ARM926EJ-S BASED MCU
NUC910ABN NUVOTON-NUC910ABN Datasheet
3Mb / 669P
   32-bit ARM926EJ-S Based Microcontroller
logo
List of Unclassifed Man...
N3291XUXDN ETC2-N3291XUXDN Datasheet
1Mb / 34P
   ARM926EJ-S Based Media Processor
logo
Nuvoton Technology Corp...
NUC945ADN NUVOTON-NUC945ADN Datasheet
1Mb / 333P
   32-BIT ARM926EJ-S BASED MCU
NUC951ADN NUVOTON-NUC951ADN Datasheet
3Mb / 590P
   32-bit ARM926EJ-S Based Microcontroller
logo
ATMEL Corporation
AT91SAM9261S ATMEL-AT91SAM9261S_14 Datasheet
643Kb / 39P
   Incorporates the ARM926EJ-S ARM Thumb Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com