Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT572D940HF-CJ Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT572D940HF-CJ
Description  DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT572D940HF-CJ Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT572D940HF-CJ Datasheet HTML 5Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 6Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 7Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 8Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 9Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 10Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 11Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 12Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
9
7010AS–DSP–07/07
AT572D940HF Preliminary
ETH
E_TXD0 -
E_TXD1
Ethernet RMII Transmit Data Bus
bi-03
output through PIO line
ETH
E_TXEN
Ethernet RMII Transmit Enable
bi-03
output through PIO line
ETH
E_REFCK
Ethernet RMII Reference Clock
bi-03
input through PIO line
ETH
E_CRSDV
Ethernet RMII Carrier Sense/Data
Valid
bi-03
input through PIO line
ETH
E_RXD0 -
E_RXD1
Ethernet RMII Receive Data Bus
bi-03
input through PIO line
ETH
E_FCE100
Ethernet RMII Force 100 Mb/s
operation
bi-03
high
output through PIO line
ETH
E_MDIO
Ethernet RMII PHY Management
Data
bi-03
through PIO line
ETH
E_MDCK
Ethernet RMII PHY Management
Clock
bi-03
output through PIO line
MCI
MCCK
Multimedia Card Clock
bi-03
through PIO line
MCI
MCCDA
Multimedia Card Command
bi-03
through PIO line
MCI
MCDA0-
MCDA3
Multimedia Card Data
bi-03
through PIO line
M JTAG
M_NTRST
mAgicV JTAG Test Reset
in
M JTAG
M_TCK
mAgicV JTAG Test Clock
in
no pull-up resistor
M JTAG
M_TDI
mAgicV JTAG Test Data Input
in
no pull-up resistor
M JTAG
M_TDO
mAgicV JTAG Test Data Output
out-03
M JTAG
M_TMS
mAgicV JTAG Test Mode Select
in
no pull-up resistor
OSC
XIN
Main Oscillator Quartz
in
OSC
XOUT
Main Oscillator Quartz
out
OSC
X32IN
Slow Clock Oscillator Quartz
in
OSC
X32OUT
Slow Clock Oscillator Quartz
out
OSC
X32EN
Slow Clock Oscillator Enable
in
high
internal pull-up resistor (internal
oscillator enabled)
PIO A
PIOA0 -
PIOA31
Parallel Input/Output A
bi-03
general purpose programmable I/Os or
peripheral I/Os; Pulled-up input at reset
PIO B
PIOB0 -
PIOB31
Parallel Input/Output B
bi-03
general purpose programmable I/Os or
peripheral I/Os; Pulled-up input at reset
PIO C
PIOC0 -
PIOC31
Parallel Input/Output C
bi-03
general purpose programmable I/Os or
peripheral I/Os; Pulled-up input at reset
PLL
PLL_RCA
PLL A Filter
in
PLL
PLL_RCB
PLL B Filter
in
to be left floating (test input)
PMC
A_CK
ARM Clock
bi-03
output through PIO line
for test purpose
Table 3-1.
AT572D940HF Pin Description (Continued)
Module
Name
Function
Type
Active
Level
Notes


Similar Part No. - AT572D940HF-CJ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT572D940HF-CJ ATMEL-AT572D940HF-CJ Datasheet
3Mb / 745P
   DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
More results

Similar Description - AT572D940HF-CJ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT572D940HF ATMEL-AT572D940HF_08 Datasheet
3Mb / 745P
   DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D740 ATMEL-AT572D740 Datasheet
269Kb / 22P
   DIOPSIS 740 Dual Core DSP
AT91SAM9261 ATMEL-AT91SAM9261 Datasheet
7Mb / 688P
   ARM926EJ-S BASED MICROCONTROLLER
logo
List of Unclassifed Man...
NUC946ADN ETC2-NUC946ADN Datasheet
1Mb / 376P
   32-BIT ARM926EJ-S BASED MCU
logo
Nuvoton Technology Corp...
NUC920ABN NUVOTON-NUC920ABN Datasheet
2Mb / 529P
   32-BIT ARM926EJ-S BASED MCU
NUC910ABN NUVOTON-NUC910ABN Datasheet
3Mb / 669P
   32-bit ARM926EJ-S Based Microcontroller
logo
List of Unclassifed Man...
N3291XUXDN ETC2-N3291XUXDN Datasheet
1Mb / 34P
   ARM926EJ-S Based Media Processor
logo
Nuvoton Technology Corp...
NUC945ADN NUVOTON-NUC945ADN Datasheet
1Mb / 333P
   32-BIT ARM926EJ-S BASED MCU
NUC951ADN NUVOTON-NUC951ADN Datasheet
3Mb / 590P
   32-bit ARM926EJ-S Based Microcontroller
logo
ATMEL Corporation
AT91SAM9261S ATMEL-AT91SAM9261S_14 Datasheet
643Kb / 39P
   Incorporates the ARM926EJ-S ARM Thumb Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com