Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA58670 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # SA58670
Description  2.1 W/channel stereo class-D audio amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SA58670 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button SA58670_08 Datasheet HTML 10Page - NXP Semiconductors SA58670_08 Datasheet HTML 11Page - NXP Semiconductors SA58670_08 Datasheet HTML 12Page - NXP Semiconductors SA58670_08 Datasheet HTML 13Page - NXP Semiconductors SA58670_08 Datasheet HTML 14Page - NXP Semiconductors SA58670_08 Datasheet HTML 15Page - NXP Semiconductors SA58670_08 Datasheet HTML 16Page - NXP Semiconductors SA58670_08 Datasheet HTML 17Page - NXP Semiconductors SA58670_08 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
SA58670_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 23 October 2008
14 of 25
NXP Semiconductors
SA58670
2.1 W/channel stereo class-D audio amplifier
(1) left channel; RL =8 Ω.
(2) right channel; RL =4 Ω.
(3) right channel; RL =8 Ω.
Fig 11. Supply voltage as a function of shutdown
voltage
Fig 12. Supply current as a function of supply voltage
VSDR; VSDL (V)
03
2
1
001aah507
2
4
6
VDD
(V)
0
2.5 V
3.6 V
5 V
VDD (V)
2.5
5.5
4.5
3.5
001aah508
3.5
4.5
5.5
IDD
(mA)
2.5
(1)
(2)
(3)
a. RL =4 Ω
b. RL =8 Ω
(1) VDD = 2.5 V.
(2) VDD = 3.6 V.
(3) VDD = 5.0 V.
Fig 13. Supply current as a function of output power
0
1200
800
400
1600
IDD
(mA)
Po (W)
0
2.0
1.6
0.8
1.2
0.4
001aah509
(1)
(2)
(3)
0
600
400
200
800
IDD
(mA)
Po (W)
0
1.6
1.2
0.4
0.8
001aah510
(1)
(2)
(3)


Similar Part No. - SA58670_08

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA58670A NXP-SA58670A Datasheet
169Kb / 24P
2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
SA58670ABS NXP-SA58670ABS Datasheet
169Kb / 24P
2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
SA58670BS PHILIPS-SA58670BS Datasheet
338Kb / 18P
2.1 W/channel stereo Class D audio amplifier
Rev. 01-22 June 2007
SA58670BS NXP-SA58670BS Datasheet
165Kb / 25P
2.1 W/channel stereo class-D audio amplifier
Rev. 01-4 January 2008
More results

Similar Description - SA58670_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA032D02 TI-TPA032D02 Datasheet
329Kb / 23P
10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2012D2 TI-TPA2012D2 Datasheet
431Kb / 15P
2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2012D2 TI-TPA2012D2_07 Datasheet
757Kb / 20P
2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
SA58670 PHILIPS-SA58670 Datasheet
338Kb / 18P
2.1 W/channel stereo Class D audio amplifier
Rev. 01-22 June 2007
SA58670 NXP-SA58670 Datasheet
165Kb / 25P
2.1 W/channel stereo class-D audio amplifier
Rev. 01-4 January 2008
SA58670A NXP-SA58670A Datasheet
169Kb / 24P
2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
SA58671 NXP-SA58671 Datasheet
188Kb / 24P
1.2 W/channel stereo class-D audio amplifier
Rev. 02-24 October 2008
logo
Texas Instruments
TPA2012D2 TI-TPA2012D2_15 Datasheet
1Mb / 23P
2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2 TI-TPA3123D2_15 Datasheet
911Kb / 31P
25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2012D2 TI1-TPA2012D2_17 Datasheet
1Mb / 33P
2.1-W/Channel Stereo Filter-Free Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com