Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA58670 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # SA58670
Description  2.1 W/channel stereo class-D audio amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SA58670 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button SA58670_08 Datasheet HTML 12Page - NXP Semiconductors SA58670_08 Datasheet HTML 13Page - NXP Semiconductors SA58670_08 Datasheet HTML 14Page - NXP Semiconductors SA58670_08 Datasheet HTML 15Page - NXP Semiconductors SA58670_08 Datasheet HTML 16Page - NXP Semiconductors SA58670_08 Datasheet HTML 17Page - NXP Semiconductors SA58670_08 Datasheet HTML 18Page - NXP Semiconductors SA58670_08 Datasheet HTML 19Page - NXP Semiconductors SA58670_08 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
SA58670_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 23 October 2008
16 of 25
NXP Semiconductors
SA58670
2.1 W/channel stereo class-D audio amplifier
11. Application information
11.1 Power supply decoupling considerations
The SA58670 is a stereo class-D audio amplifier that requires proper supply voltage
decoupling to ensure the rated performance for THD+N and power efficiency. To decouple
high frequency transients, supply voltage spikes and digital noise on the supply voltage
bus line, a low Equivalent Series Resistance (ESR) capacitor of typically 1
µF is placed as
close as possible to the PVDD pins of the SA58670. It is important to place the decoupling
capacitor at the supply voltage pins of the SA58670 because any resistance or inductance
in the PCB trace between the SA58670 and the capacitor can cause a loss in efficiency.
Additional decoupling using a larger capacitor, 4.7
µF or greater, may be done on the
supply voltage connection on the PCB to filter low frequency signals. Usually this is not
required due to high PSRR of the SA58670.
11.2 Input capacitor selection
The SA58670 does not require input coupling capacitors when used with a differential
audio source that is biased from 0.5 V to VDD − 0.8 V. In other words, the input signal must
be biased within the common-mode input voltage (Vi(cm)) range. If high-pass filtering is
required or if it is driven using a single-ended source, input coupling capacitors are
required.
The 3 dB cut-off frequency created by the input coupling capacitor and the input resistors
(see Table 6) is calculated by Equation 1:
(1)
Fig 16. SA58670 application schematic
001aah515
SA58670
OUTRP
OUTRN
10
µF
1 nF
1 nF
FB
FB
1 nF
1 nF
OUTLP
OUTLN
VDD
G1
VDD
PVDD
PGND
1
µF
VDD
10
µF
1
µF
VDD
SDL
SDR
AVDD
10
µF
1
µF
PGND
VDD
PVDD
G0
INLP
1
µF
INLN
1
µF
differential inputs
left channel
INRN
1
µF
INRP
1
µF
differential inputs
right channel
AGND
FB
FB
f
3dB
1
2
π R
i
×
C
i
×
------------------------------
=


Similar Part No. - SA58670_08

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA58670A NXP-SA58670A Datasheet
169Kb / 24P
2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
SA58670ABS NXP-SA58670ABS Datasheet
169Kb / 24P
2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
SA58670BS PHILIPS-SA58670BS Datasheet
338Kb / 18P
2.1 W/channel stereo Class D audio amplifier
Rev. 01-22 June 2007
SA58670BS NXP-SA58670BS Datasheet
165Kb / 25P
2.1 W/channel stereo class-D audio amplifier
Rev. 01-4 January 2008
More results

Similar Description - SA58670_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA032D02 TI-TPA032D02 Datasheet
329Kb / 23P
10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2012D2 TI-TPA2012D2 Datasheet
431Kb / 15P
2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2012D2 TI-TPA2012D2_07 Datasheet
757Kb / 20P
2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
SA58670 PHILIPS-SA58670 Datasheet
338Kb / 18P
2.1 W/channel stereo Class D audio amplifier
Rev. 01-22 June 2007
SA58670 NXP-SA58670 Datasheet
165Kb / 25P
2.1 W/channel stereo class-D audio amplifier
Rev. 01-4 January 2008
SA58670A NXP-SA58670A Datasheet
169Kb / 24P
2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
SA58671 NXP-SA58671 Datasheet
188Kb / 24P
1.2 W/channel stereo class-D audio amplifier
Rev. 02-24 October 2008
logo
Texas Instruments
TPA2012D2 TI-TPA2012D2_15 Datasheet
1Mb / 23P
2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2 TI-TPA3123D2_15 Datasheet
911Kb / 31P
25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2012D2 TI1-TPA2012D2_17 Datasheet
1Mb / 33P
2.1-W/Channel Stereo Filter-Free Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com