Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT88SC0404CA-SU Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT88SC0404CA-SU
Description  CryptoMemory
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC0404CA-SU Datasheet(HTML) 5 Page - ATMEL Corporation

  AT88SC0404CA-SU Datasheet HTML 1Page - ATMEL Corporation AT88SC0404CA-SU Datasheet HTML 2Page - ATMEL Corporation AT88SC0404CA-SU Datasheet HTML 3Page - ATMEL Corporation AT88SC0404CA-SU Datasheet HTML 4Page - ATMEL Corporation AT88SC0404CA-SU Datasheet HTML 5Page - ATMEL Corporation AT88SC0404CA-SU Datasheet HTML 6Page - ATMEL Corporation AT88SC0404CA-SU Datasheet HTML 7Page - ATMEL Corporation AT88SC0404CA-SU Datasheet HTML 8Page - ATMEL Corporation AT88SC0404CA-SU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
5203AS–CRYPT–7/08
AT88SC0404CA
7.
Device Operations for Synchronous Protocols
7.1
Clock and Data Transitions
The SDA pin is normally pulled high with an external device. Data on the SDA pin may change
only during SCL low time periods (see Figure 7-3 on page 6). Data changes during SCL high
periods will indicate a start or stop condition as defined below.
7.1.1
Start Condition
A high-to-low transition of SDA with SCL high defines a START condition which must precede all
commands (see Figure 7-4 on page 7).
7.1.2
Stop Condition
A low-to-high transition of SDA with SCL high defines a STOP condition. After a read sequence,
the STOP condition will place the EEPROM in a standby power mode (see Figure 7-4 on page
7).
7.1.3
ACKNOWLEDGE
All addresses and data words are serially transmitted to and from the EEPROM in 8-bit words.
The EEPROM sends a zero to acknowledge that it has received each word. This happens dur-
ing the ninth clock cycle (see Figure 7-5 on page 7).
Table 6-2.
AC Characteristics
Applicable over recommended operating range from V
CC = +2.7 to 3.6V, TAC = -40°C to +85°C, CL = 30pF (unless otherwise noted)
Parameter
Min
Max
Units
f
CLK
Async Clock Frequency
1
4
MHz
f
CLK
Synch Clock Frequency
0
1
MHz
Clock Duty cycle
40
60
%
t
R
“Rise Time - SDA/IO, RST”
1
uS
tF
“Fall Time - SDA/IO, RST”
1
uS
tR
Rise Time - SCL/CLK
9% x period
uS
t
F
Fall Time - SCL/CLK
9% x period
uS
tAA
Clock Low to Data Out Valid
250
nS
tHD.STA
Start Hold Time
200
nS
t
SU.STA
Start Set-up Time
200
nS
tHD.DAT
Data In Hold Time
10
nS
tSU.DAT
Data In Set-up Time
100
nS
t
SU.STO
Stop Set-up Time
200
nS
tDH
Data Out Hold Time
20
nS
tWR
Write Cycle Time
5mS


Similar Part No. - AT88SC0404CA-SU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC0404CA ATMEL-AT88SC0404CA Datasheet
1Mb / 58P
   CryptoMemory Specification for Standard Mode of Operation
AT88SC0404CA ATMEL-AT88SC0404CA Datasheet
664Kb / 66P
   Atmel CryptoMemory Specification Datasheet
AT88SC0404CA ATMEL-AT88SC0404CA_14 Datasheet
444Kb / 24P
   Atmel CryptoMemory
AT88SC0404CA ATMEL-AT88SC0404CA_14 Datasheet
902Kb / 71P
   Atmel CryptoMemory Low Density Full Specification
More results

Similar Description - AT88SC0404CA-SU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC0104CA ATMEL-AT88SC0104CA Datasheet
530Kb / 20P
   CryptoMemory
AT88SC0204CA ATMEL-AT88SC0204CA_09 Datasheet
219Kb / 24P
   CryptoMemory
AT88SC0204CA ATMEL-AT88SC0204CA Datasheet
553Kb / 20P
   CryptoMemory
AT88SC0808CA ATMEL-AT88SC0808CA_09 Datasheet
219Kb / 24P
   CryptoMemory
AT88SC0808CA ATMEL-AT88SC0808CA Datasheet
600Kb / 20P
   CryptoMemory
AT88SC0204CA ATMEL-AT88SC0204CA_11 Datasheet
307Kb / 23P
   Atmel CryptoMemory
AT88SC0104CA ATMEL-AT88SC0104CA_14 Datasheet
440Kb / 24P
   Atmel CryptoMemory
AT88SC0204CA ATMEL-AT88SC0204CA_14 Datasheet
457Kb / 24P
   Atmel CryptoMemory
AT88SC0404CA ATMEL-AT88SC0404CA_14 Datasheet
444Kb / 24P
   Atmel CryptoMemory
AT88SC0104C ATMEL-AT88SC0104C_07 Datasheet
423Kb / 18P
   CryptoMemory 1 Kbit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com