Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT88SC0404CA-SU Datasheet(PDF) 16 Page - ATMEL Corporation

Part # AT88SC0404CA-SU
Description  CryptoMemory
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC0404CA-SU Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button AT88SC0404CA-SU Datasheet HTML 12Page - ATMEL Corporation AT88SC0404CA-SU Datasheet HTML 13Page - ATMEL Corporation AT88SC0404CA-SU Datasheet HTML 14Page - ATMEL Corporation AT88SC0404CA-SU Datasheet HTML 15Page - ATMEL Corporation AT88SC0404CA-SU Datasheet HTML 16Page - ATMEL Corporation AT88SC0404CA-SU Datasheet HTML 17Page - ATMEL Corporation AT88SC0404CA-SU Datasheet HTML 18Page - ATMEL Corporation AT88SC0404CA-SU Datasheet HTML 19Page - ATMEL Corporation AT88SC0404CA-SU Datasheet HTML 20Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
5203AS–CRYPT–7/08
AT88SC0404CA
16. Packaging Information
Note:
The module dimensions listed refer to the dimensions of the exposed metal contact area. The actual dimensions of the module
after excise or punching from the carrier tape are generally 0.4 mm greater in both directions (i.e., a punched M2 module will
yield 13.0 x 11.8 mm).
Module Size: M2
Dimension*: 12.6 x 11.4 [mm]
Glob Top: Square - 8.8 x 8.8 [mm]
Thickness: 0.58 [mm]
Pitch: 14.25 mm
Ordering Code: MP
Module Size: M2
Dimension*: 12.6 x 11.4 [mm]
Glob Top: Round -
8.5 [mm]
Thickness: 0.58 [mm]
Pitch: 14.25 mm
Ordering Code: MJ
*Note: The module dimensions listed refer to the dimensions of the exposed metal contact area. The actual dimensions
of the module after excise or punching from the carrier tape are generally 0.4 mm greater in both directions
(i.e., a punched M2 module will yield 13.0 x 11.8 mm).
Module Size: M2
Dimension*: 12.6 x 11.4 [mm]
Glob Top: Square - 8.8 x 8.8 [mm]
Thickness: 0.58 [mm]
Pitch: 14.25 mm
Ordering Code: MP
Module Size: M2
Dimension*: 12.6 x 11.4 [mm]
Glob Top: Round -
8.5 [mm]
Thickness: 0.58 [mm]
Pitch: 14.25 mm
Ordering Code: MJ
*Note: The module dimensions listed refer to the dimensions of the exposed metal contact area. The actual dimensions
of the module after excise or punching from the carrier tape are generally 0.4 mm greater in both directions
(i.e., a punched M2 module will yield 13.0 x 11.8 mm).


Similar Part No. - AT88SC0404CA-SU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC0404CA ATMEL-AT88SC0404CA Datasheet
1Mb / 58P
   CryptoMemory Specification for Standard Mode of Operation
AT88SC0404CA ATMEL-AT88SC0404CA Datasheet
664Kb / 66P
   Atmel CryptoMemory Specification Datasheet
AT88SC0404CA ATMEL-AT88SC0404CA_14 Datasheet
444Kb / 24P
   Atmel CryptoMemory
AT88SC0404CA ATMEL-AT88SC0404CA_14 Datasheet
902Kb / 71P
   Atmel CryptoMemory Low Density Full Specification
More results

Similar Description - AT88SC0404CA-SU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC0104CA ATMEL-AT88SC0104CA Datasheet
530Kb / 20P
   CryptoMemory
AT88SC0204CA ATMEL-AT88SC0204CA_09 Datasheet
219Kb / 24P
   CryptoMemory
AT88SC0204CA ATMEL-AT88SC0204CA Datasheet
553Kb / 20P
   CryptoMemory
AT88SC0808CA ATMEL-AT88SC0808CA_09 Datasheet
219Kb / 24P
   CryptoMemory
AT88SC0808CA ATMEL-AT88SC0808CA Datasheet
600Kb / 20P
   CryptoMemory
AT88SC0204CA ATMEL-AT88SC0204CA_11 Datasheet
307Kb / 23P
   Atmel CryptoMemory
AT88SC0104CA ATMEL-AT88SC0104CA_14 Datasheet
440Kb / 24P
   Atmel CryptoMemory
AT88SC0204CA ATMEL-AT88SC0204CA_14 Datasheet
457Kb / 24P
   Atmel CryptoMemory
AT88SC0404CA ATMEL-AT88SC0404CA_14 Datasheet
444Kb / 24P
   Atmel CryptoMemory
AT88SC0104C ATMEL-AT88SC0104C_07 Datasheet
423Kb / 18P
   CryptoMemory 1 Kbit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com