Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT88SC0404CA-SU Datasheet(PDF) 12 Page - ATMEL Corporation

Part # AT88SC0404CA-SU
Description  CryptoMemory
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC0404CA-SU Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button AT88SC0404CA-SU Datasheet HTML 8Page - ATMEL Corporation AT88SC0404CA-SU Datasheet HTML 9Page - ATMEL Corporation AT88SC0404CA-SU Datasheet HTML 10Page - ATMEL Corporation AT88SC0404CA-SU Datasheet HTML 11Page - ATMEL Corporation AT88SC0404CA-SU Datasheet HTML 12Page - ATMEL Corporation AT88SC0404CA-SU Datasheet HTML 13Page - ATMEL Corporation AT88SC0404CA-SU Datasheet HTML 14Page - ATMEL Corporation AT88SC0404CA-SU Datasheet HTML 15Page - ATMEL Corporation AT88SC0404CA-SU Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
5203AS–CRYPT–7/08
AT88SC0404CA
Figure 12-1. Password and Authentication Operations
Note:
Authentication and password verification may be attempted at any time and in any order. Exceeding corresponding authentica-
tion or password attempts trial limit renders subsequent authentication or password verification attempts futile.
12.5
Cryptographic Message Authentication Codes
AT88SC0404CA implements a data validity check function in the standard, authentication or
encryption modes of operation.
In the standard mode, data validity check is done through a Modification Detection Code (MDC),
in which the host may read an MDC from the device in order to verify that the data sent was
received correctly.
In authentication and encryption modes, the data validity check becomes more powerful since it
provides a bidirectional data integrity check and data origin authentication capability in the form
of a Message Authentication Codes (MAC). Only the host/device that carried out a valid authen-
tication is capable of computing a valid MAC. While operating in the authentication or encryption
modes, the use of MAC is required. For an ingoing command, if the device calculates a MAC dif-
ferent from the MAC transmitted by the host, not only is the command abandoned but the
security privilege is revoked. A new authentication and/or encryption activation will be required
to reactivate the MAC.
CS
VERIFY CS
Write DATA
VERIFY RPW
DATA
Checksum (CS)
VERIFY CS


Similar Part No. - AT88SC0404CA-SU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC0404CA ATMEL-AT88SC0404CA Datasheet
1Mb / 58P
   CryptoMemory Specification for Standard Mode of Operation
AT88SC0404CA ATMEL-AT88SC0404CA Datasheet
664Kb / 66P
   Atmel CryptoMemory Specification Datasheet
AT88SC0404CA ATMEL-AT88SC0404CA_14 Datasheet
444Kb / 24P
   Atmel CryptoMemory
AT88SC0404CA ATMEL-AT88SC0404CA_14 Datasheet
902Kb / 71P
   Atmel CryptoMemory Low Density Full Specification
More results

Similar Description - AT88SC0404CA-SU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC0104CA ATMEL-AT88SC0104CA Datasheet
530Kb / 20P
   CryptoMemory
AT88SC0204CA ATMEL-AT88SC0204CA_09 Datasheet
219Kb / 24P
   CryptoMemory
AT88SC0204CA ATMEL-AT88SC0204CA Datasheet
553Kb / 20P
   CryptoMemory
AT88SC0808CA ATMEL-AT88SC0808CA_09 Datasheet
219Kb / 24P
   CryptoMemory
AT88SC0808CA ATMEL-AT88SC0808CA Datasheet
600Kb / 20P
   CryptoMemory
AT88SC0204CA ATMEL-AT88SC0204CA_11 Datasheet
307Kb / 23P
   Atmel CryptoMemory
AT88SC0104CA ATMEL-AT88SC0104CA_14 Datasheet
440Kb / 24P
   Atmel CryptoMemory
AT88SC0204CA ATMEL-AT88SC0204CA_14 Datasheet
457Kb / 24P
   Atmel CryptoMemory
AT88SC0404CA ATMEL-AT88SC0404CA_14 Datasheet
444Kb / 24P
   Atmel CryptoMemory
AT88SC0104C ATMEL-AT88SC0104C_07 Datasheet
423Kb / 18P
   CryptoMemory 1 Kbit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com