![]() |
Electronic Components Datasheet Search |
|
AT88SC0404CA-SU Datasheet(PDF) 9 Page - ATMEL Corporation |
|
|
AT88SC0404CA-SU Datasheet(HTML) 9 Page - ATMEL Corporation |
9 / 20 page ![]() 9 5203AS–CRYPT–7/08 AT88SC0404CA 9. Control Logic Access to the user zones occur only through the control logic built into the device. This logic is configurable through access registers, key registers and keys programmed into the configuration memory during device personalization. Also implemented in the control logic is a cryptographic engine for performing the various higher-level security functions of the device. 10. Configuration Memory The configuration memory consists of 2048 bits of EEPROM memory used for storage of pass- words, keys, codes, and also used for definition of security access rights for the user zones. Access rights to the configuration memory are defined in the control logic and are not alterable by the user after completion of personalization. Figure 10-1. Configuration Memory $0 $1 $2 $3 $4 $5 $6 $7 $00 Answer To Reset Identification $08 Fab Code MTZ Card Manufacturer Code $10 Lot History Code Read Only $18 DCR Identification Number Nc Access Control $20 AR0PR0 AR1PR1 AR2PR2 AR3PR3 $28 Reserved $30 $38 $40 Issuer Code $48 $50 For Authentication and Encryption use Cryptography $58 $60 $68 $70 $78 $80 $88 $90 For Authentication and Encryption use Secret $98 $A0 $A8 $B0 PAC Write 0 PAC Read 0 Password $B8 PAC Write 1 PAC Read 1 $C0 PAC Write 2 PAC Read 2 $C8 PAC Write 3 PAC Read 3 $D0 PAC Write 4 PAC Read 4 $D8 PAC Write 5 PAC Read 5 $E0 PAC Write 6 PAC Read 6 $E8 PAC Write 7 PAC Read 7 $F0 Reserved Forbidden $F8 |
Similar Part No. - AT88SC0404CA-SU |
|
Similar Description - AT88SC0404CA-SU |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |