Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT88SC0104CA-SU Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT88SC0104CA-SU
Description  CryptoMemory
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC0104CA-SU Datasheet(HTML) 4 Page - ATMEL Corporation

  AT88SC0104CA-SU Datasheet HTML 1Page - ATMEL Corporation AT88SC0104CA-SU Datasheet HTML 2Page - ATMEL Corporation AT88SC0104CA-SU Datasheet HTML 3Page - ATMEL Corporation AT88SC0104CA-SU Datasheet HTML 4Page - ATMEL Corporation AT88SC0104CA-SU Datasheet HTML 5Page - ATMEL Corporation AT88SC0104CA-SU Datasheet HTML 6Page - ATMEL Corporation AT88SC0104CA-SU Datasheet HTML 7Page - ATMEL Corporation AT88SC0104CA-SU Datasheet HTML 8Page - ATMEL Corporation AT88SC0104CA-SU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
5200AS–CRYPT–7/08
AT88SC0104CA
6.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at these or any other conditions beyond those indicated in the oper-
ational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods of
time may affect device reliability.
Absolute Maximum Ratings
Operating Temperature ..................................... -40
⋅C to +85⋅C
Storage Temperature
..........................................−65
C to +150⋅C
Voltage on Any Pin
with Respect to Ground
.................................... −0.7 to V
cc +0.7V
Maximum Operating Voltage............................................. 6.0V
DC Output Current ........................................................ 5.0 mA
Table 6-1.
DC Characteristics
Applicable over recommended operating range from V
CC = +2.7 to 3.6V, TAC = -40⋅C to +85⋅C(unless otherwise noted)
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
VCC
Supply Voltage
2.7
3.6
V
ICC
Supply Current
Async READ at 3.57MHz
5
mA
I
CC
Supply Current
Async WRITE at 3.57MHz
5
mA
ICC
Supply Current
Synch READ at 1MHz
5
mA
I
CC
Supply Current
Synch WRITE at 1MHz
5
mA
I
SB
Standby Current
VIN = VCC or GND
100
uA
VIL
SDA/IO Input Low Voltage
0
VCC x 0.2
V
V
IL
CLK Input Low Voltage
0
VCC x 0.2
V
V
IL
RST Input Low Voltage
0
VCC x 0.2
V
VIH
SDA/IO Input High Voltage
VCC x 0.7
VCC
V
V
IH
SCL/CLK Input High Voltage
VCC x 0.7
VCC
V
V
IH
RST Input High Voltage
VCC x 0.7
VCC
V
IIL
SDA/IO Input Low Current
0 < VIL < VCC x 0.15
15
uA
I
IL
SCL/CLK Input Low Current
0 < VIL < VCC x 0.15
15
uA
I
IL
RST Input Low Current
0 < VIL < VCC x 0.15
50
uA
IIH
SDA/IO Input High Current
VCC x 0.7 < VIH < VCC
20
uA
I
IH
SCL/CLK Input High Current
VCC x 0.7 < VIH < VCC
100
uA
I
IH
RST Input High Current
VCC x 0.7 < VIH < VCC
150
uA
VOH
SDA/IO Output High Voltage
20K ohm external pull-up
VCC x 0.7
VCC
V
V
OL
SDA/IO Output Low Voltage
IOL = 1mA
0
VCC x 0.15
V
IOH
SDA/IO Output High Current
VOH
20
uA
IOL
SDA/IO Output Low Current
VOL
10
mA


Similar Part No. - AT88SC0104CA-SU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC0104CA-SU ATMEL-AT88SC0104CA-SU Datasheet
219Kb / 24P
CryptoMemory짰
More results

Similar Description - AT88SC0104CA-SU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC0104C ATMEL-AT88SC0104C_07 Datasheet
423Kb / 18P
CryptoMemory 1 Kbit
AT88SC0204CA ATMEL-AT88SC0204CA Datasheet
553Kb / 20P
CryptoMemory
AT88SC0404CA ATMEL-AT88SC0404CA Datasheet
574Kb / 20P
CryptoMemory
AT88SC0808CA ATMEL-AT88SC0808CA Datasheet
600Kb / 20P
CryptoMemory
AT88SC0204CA ATMEL-AT88SC0204CA_09 Datasheet
219Kb / 24P
CryptoMemory
AT88SC0808CA ATMEL-AT88SC0808CA_09 Datasheet
219Kb / 24P
CryptoMemory
AT88SC0204CA ATMEL-AT88SC0204CA_11 Datasheet
307Kb / 23P
Atmel CryptoMemory
AT88SC0104CA ATMEL-AT88SC0104CA_14 Datasheet
440Kb / 24P
Atmel CryptoMemory
AT88SC0204CA ATMEL-AT88SC0204CA_14 Datasheet
457Kb / 24P
Atmel CryptoMemory
AT88SC0404CA ATMEL-AT88SC0404CA_14 Datasheet
444Kb / 24P
Atmel CryptoMemory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com