Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT88SC0104CA-SU Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT88SC0104CA-SU
Description  CryptoMemory
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC0104CA-SU Datasheet(HTML) 2 Page - ATMEL Corporation

  AT88SC0104CA-SU Datasheet HTML 1Page - ATMEL Corporation AT88SC0104CA-SU Datasheet HTML 2Page - ATMEL Corporation AT88SC0104CA-SU Datasheet HTML 3Page - ATMEL Corporation AT88SC0104CA-SU Datasheet HTML 4Page - ATMEL Corporation AT88SC0104CA-SU Datasheet HTML 5Page - ATMEL Corporation AT88SC0104CA-SU Datasheet HTML 6Page - ATMEL Corporation AT88SC0104CA-SU Datasheet HTML 7Page - ATMEL Corporation AT88SC0104CA-SU Datasheet HTML 8Page - ATMEL Corporation AT88SC0104CA-SU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
5200AS–CRYPT–7/08
AT88SC0104CA
2.
Description
The AT88SC0104CA member of the CryptoMemory
® family is a high-performance secure mem-
ory providing 1 Kbit of user memory with advanced security and cryptographic features built in.
The user memory is divided into four 32-byte zones, each of which may be individually set with
different security access rights or effectively combined together to provide space for 1 to 4 data
files. The AT88SC0104CA features an enhanced command set that allows direct communica-
tion with microcontroller hardware 2-Wire interface thereby allowing for faster firmware
development with reduced code space requirements.
3.
Smart Card Applications
The AT88SC0104CA provides high security, low cost, and ease of implementation without the
need for a microprocessor operating system. The embedded cryptographic engine provides for
dynamic, symmetric-mutual authentication between the device and host, as well as performing
stream encryption for all data and passwords exchanged between the device and host. Up to
four unique key sets may be used for these operations. The AT88SC0104CA offers the ability to
communicate with virtually any smart card reader using the asynchronous T = 0 protocol (Gem-
plus Patent) defined in ISO 7816-3.
4.
Embedded Applications
Through dynamic, symmetric-mutual authentication, data encryption, and the use of crypto-
graphic Message Authentication Codes (MAC), the AT88SC0104CA provides a secure place for
storage of sensitive information within a system. With its tamper detection circuits, this informa-
tion remains safe even under attack. A 2-wire serial interface running at speeds up to 1.0 MHz
provides fast and efficient communications with up to 15 individually addressable devices. The
AT88SC0104CA is available in industry standard 8-lead packages with the same familiar pin
configuration as AT24CXXX serial EEPROM devices.
Note:
Does not apply to TSSOP pinout.
1
2
3
4
8
7
6
5
Smart Card Module
VCC=C1
RST=C2
SCL/CLK=C3
NC=C4
C5=GND
C6=NC
C7=SDA/IO
C8=NC
8-lead SOIC, PDIP
NC
NC
NC
GND
VCC
NC
SCL
SDA
8-lead TSSOP
NC
1
8
VCC
NC
27
NC
8-Lead TSSOP
NC
3
6
SCL
GND
45
SDA


Similar Part No. - AT88SC0104CA-SU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC0104CA-SU ATMEL-AT88SC0104CA-SU Datasheet
219Kb / 24P
CryptoMemory짰
More results

Similar Description - AT88SC0104CA-SU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC0404CA ATMEL-AT88SC0404CA Datasheet
574Kb / 20P
CryptoMemory
AT88SC0204CA ATMEL-AT88SC0204CA_09 Datasheet
219Kb / 24P
CryptoMemory
AT88SC0204CA ATMEL-AT88SC0204CA Datasheet
553Kb / 20P
CryptoMemory
AT88SC0808CA ATMEL-AT88SC0808CA_09 Datasheet
219Kb / 24P
CryptoMemory
AT88SC0808CA ATMEL-AT88SC0808CA Datasheet
600Kb / 20P
CryptoMemory
AT88SC0204CA ATMEL-AT88SC0204CA_11 Datasheet
307Kb / 23P
Atmel CryptoMemory
AT88SC0104CA ATMEL-AT88SC0104CA_14 Datasheet
440Kb / 24P
Atmel CryptoMemory
AT88SC0204CA ATMEL-AT88SC0204CA_14 Datasheet
457Kb / 24P
Atmel CryptoMemory
AT88SC0404CA ATMEL-AT88SC0404CA_14 Datasheet
444Kb / 24P
Atmel CryptoMemory
AT88SC0104C ATMEL-AT88SC0104C_07 Datasheet
423Kb / 18P
CryptoMemory 1 Kbit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com