Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT88SC0104CA-SU Datasheet(PDF) 14 Page - ATMEL Corporation

Part # AT88SC0104CA-SU
Description  CryptoMemory
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC0104CA-SU Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button AT88SC0104CA-SU Datasheet HTML 10Page - ATMEL Corporation AT88SC0104CA-SU Datasheet HTML 11Page - ATMEL Corporation AT88SC0104CA-SU Datasheet HTML 12Page - ATMEL Corporation AT88SC0104CA-SU Datasheet HTML 13Page - ATMEL Corporation AT88SC0104CA-SU Datasheet HTML 14Page - ATMEL Corporation AT88SC0104CA-SU Datasheet HTML 15Page - ATMEL Corporation AT88SC0104CA-SU Datasheet HTML 16Page - ATMEL Corporation AT88SC0104CA-SU Datasheet HTML 17Page - ATMEL Corporation AT88SC0104CA-SU Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
5200AS–CRYPT–7/08
AT88SC0104CA
Once synchronous mode has been selected, it is not possible to switch to asynchronous mode
without first powering off the device.
Figure 13-1. Synchronous 2-Wire Protocol
Note:
Five clock pulses must be sent before the first command is issued.
13.2
Asynchronous T = 0 Protocol
This power-up sequence complies to ISO 7816-3 for a cold reset in smart card applications.
V
CC goes high; RST, I/O (SDA) and CLK (SCL) are low.
Set I/O (SDA) in receive mode.
Provide a clock signal to CLK (SCL).
RST goes high after 400 clock cycles.
The device will respond with a 64-bit ATR code, including historical bytes to indicate the memory
density within the CryptoMemory family.
Once asynchronous mode has been selected, it is not possible to switch to synchronous mode
without first powering off the device.
Figure 13-2. Asynchronous T = 0 Protocol (Gemplus Patent)
14. Initial Device Programming
Enabling the security features of CryptoMemory requires prior personalization. Personalization
entails setting up of desired access rights by zones, passwords and key values, programming
these values into the configuration memory with verification using simple WRITE and READ
commands, and then blowing fuses to lock this information in place.
Gaining access to the configuration memory requires successful presentation of a secure (or
transport) code. The initial signature of the secure (transport) code for the AT88SC0104CA
Vcc
I/O-SDA
RST
CLK-SCL
1
2
3
45
Vcc
I/O-SDA
RST
CLK-SCL
ATR


Similar Part No. - AT88SC0104CA-SU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC0104CA-SU ATMEL-AT88SC0104CA-SU Datasheet
219Kb / 24P
   CryptoMemory짰
More results

Similar Description - AT88SC0104CA-SU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC0404CA ATMEL-AT88SC0404CA Datasheet
574Kb / 20P
   CryptoMemory
AT88SC0204CA ATMEL-AT88SC0204CA_09 Datasheet
219Kb / 24P
   CryptoMemory
AT88SC0204CA ATMEL-AT88SC0204CA Datasheet
553Kb / 20P
   CryptoMemory
AT88SC0808CA ATMEL-AT88SC0808CA_09 Datasheet
219Kb / 24P
   CryptoMemory
AT88SC0808CA ATMEL-AT88SC0808CA Datasheet
600Kb / 20P
   CryptoMemory
AT88SC0204CA ATMEL-AT88SC0204CA_11 Datasheet
307Kb / 23P
   Atmel CryptoMemory
AT88SC0104CA ATMEL-AT88SC0104CA_14 Datasheet
440Kb / 24P
   Atmel CryptoMemory
AT88SC0204CA ATMEL-AT88SC0204CA_14 Datasheet
457Kb / 24P
   Atmel CryptoMemory
AT88SC0404CA ATMEL-AT88SC0404CA_14 Datasheet
444Kb / 24P
   Atmel CryptoMemory
AT88SC0104C ATMEL-AT88SC0104C_07 Datasheet
423Kb / 18P
   CryptoMemory 1 Kbit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com