Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT88SC0104CA-SU Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT88SC0104CA-SU
Description  CryptoMemory
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC0104CA-SU Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT88SC0104CA-SU Datasheet HTML 9Page - ATMEL Corporation AT88SC0104CA-SU Datasheet HTML 10Page - ATMEL Corporation AT88SC0104CA-SU Datasheet HTML 11Page - ATMEL Corporation AT88SC0104CA-SU Datasheet HTML 12Page - ATMEL Corporation AT88SC0104CA-SU Datasheet HTML 13Page - ATMEL Corporation AT88SC0104CA-SU Datasheet HTML 14Page - ATMEL Corporation AT88SC0104CA-SU Datasheet HTML 15Page - ATMEL Corporation AT88SC0104CA-SU Datasheet HTML 16Page - ATMEL Corporation AT88SC0104CA-SU Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
5200AS–CRYPT–7/08
AT88SC0104CA
12.6
Encryption
The data exchanged between the device and the host during read, write and verify password
commands may be encrypted to ensure data confidentiality.
The issuer may choose to require encryption for a user zone by settings made in the configura-
tion memory. Any one of four keys may be selected for use with a user zone. In this case,
activation of the encryption mode is required in order to read/write data in the zone and only
encrypted data will be transmitted. Even if not required, the host may still elect to activate
encryption provided the proper keys are known.
12.7
Supervisor Mode
Enabling this feature allows the holder of one specific password to gain full access to all eight
password sets, including the ability to change passwords.
12.8
Modify Forbidden
No write access is allowed in a user zone protected with this feature at any time. The user zone
must be written during device personalization prior to blowing the security fuses.
12.9
Program Only
For a user zones protected by this feature, data can only be programmed (bits change from a “1”
to a “0”), but not erased (bits change from a “0” to a “1”).
13. Protocol Selection
The AT88SC0104CA supports two different communication protocols.
Smartcard Applications:
Smartcard applications use ISO 7816-B protocol in asynchronous T = 0 mode for compatibil-
ity and interoperability with industry standard smartcard readers.
Embedded Applications:
A 2-wire serial interface provides fast and efficient connectivity with other logic devices or
microcontrollers.
The power-up sequence determines establishes the communication protocol for use within that
power cycle. Protocol selection is allowed only during power-up.
13.1
Synchronous 2-Wire Serial Interface
The synchronous mode is the default mode after power up. This is due to the presence of an
internal pull-up on RST. For embedded applications using CryptoMemory in standard plastic
packages, this is the only available communication protocol.
Power-up VCC, RST goes high also.
After stable VCC, SCL(CLK) and SDA(I/O) may be driven.


Similar Part No. - AT88SC0104CA-SU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC0104CA-SU ATMEL-AT88SC0104CA-SU Datasheet
219Kb / 24P
   CryptoMemory짰
More results

Similar Description - AT88SC0104CA-SU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC0404CA ATMEL-AT88SC0404CA Datasheet
574Kb / 20P
   CryptoMemory
AT88SC0204CA ATMEL-AT88SC0204CA_09 Datasheet
219Kb / 24P
   CryptoMemory
AT88SC0204CA ATMEL-AT88SC0204CA Datasheet
553Kb / 20P
   CryptoMemory
AT88SC0808CA ATMEL-AT88SC0808CA_09 Datasheet
219Kb / 24P
   CryptoMemory
AT88SC0808CA ATMEL-AT88SC0808CA Datasheet
600Kb / 20P
   CryptoMemory
AT88SC0204CA ATMEL-AT88SC0204CA_11 Datasheet
307Kb / 23P
   Atmel CryptoMemory
AT88SC0104CA ATMEL-AT88SC0104CA_14 Datasheet
440Kb / 24P
   Atmel CryptoMemory
AT88SC0204CA ATMEL-AT88SC0204CA_14 Datasheet
457Kb / 24P
   Atmel CryptoMemory
AT88SC0404CA ATMEL-AT88SC0404CA_14 Datasheet
444Kb / 24P
   Atmel CryptoMemory
AT88SC0104C ATMEL-AT88SC0104C_07 Datasheet
423Kb / 18P
   CryptoMemory 1 Kbit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com