Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT88SC0104CA-SU Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT88SC0104CA-SU
Description  CryptoMemory
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC0104CA-SU Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT88SC0104CA-SU Datasheet HTML 7Page - ATMEL Corporation AT88SC0104CA-SU Datasheet HTML 8Page - ATMEL Corporation AT88SC0104CA-SU Datasheet HTML 9Page - ATMEL Corporation AT88SC0104CA-SU Datasheet HTML 10Page - ATMEL Corporation AT88SC0104CA-SU Datasheet HTML 11Page - ATMEL Corporation AT88SC0104CA-SU Datasheet HTML 12Page - ATMEL Corporation AT88SC0104CA-SU Datasheet HTML 13Page - ATMEL Corporation AT88SC0104CA-SU Datasheet HTML 14Page - ATMEL Corporation AT88SC0104CA-SU Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
5200AS–CRYPT–7/08
AT88SC0104CA
12.2
Write Lock
If a user zone is configured in the write lock mode, the lowest address byte of an 8-byte page
constitutes a write access byte for the bytes of that page. For example, the write lock byte at
$080 controls the bytes from $081 to $087.
Figure 12-1. Write Lock Example
The Write-Lock byte itself may be locked by writing its least significant (rightmost) bit to “0”.
Moreover, when write lock mode is activated, the write lock byte can only be programmed – that
is, bits written to “0” cannot return to “1”.
In the write lock configuration, write operations are limited to writing only one byte at a time.
Attempts to write more than one byte will result in writing of just the first byte into the device.
12.3
Password Verification
Passwords may be used to protect READ and/or WRITE access of any user zone. When a valid
password is presented, it is memorized and active until power is turned off, unless a new pass-
word is presented or RST becomes active. There are eight password sets that may be used to
protect any user zone. Only one password is active at a time.
Presenting the correct WRITE password also grants READ access privileges.
12.4
Authentication Protocol
The access to a user zone may be protected by an authentication protocol. Any one of four keys
may be selected to use with a user zone.
Authentication success is memorized and active as long as the chip is powered, unless a new
authentication is initialized or RST becomes active. If the new authentication request is not vali-
dated, the card loses its previous authentication which must be presented again to gain access.
Only the latest request is memorized.
Address
$0$1$2$3$4$5$6$7
$080
11011001
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
locked
locked
locked


Similar Part No. - AT88SC0104CA-SU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC0104CA-SU ATMEL-AT88SC0104CA-SU Datasheet
219Kb / 24P
   CryptoMemory짰
More results

Similar Description - AT88SC0104CA-SU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC0404CA ATMEL-AT88SC0404CA Datasheet
574Kb / 20P
   CryptoMemory
AT88SC0204CA ATMEL-AT88SC0204CA_09 Datasheet
219Kb / 24P
   CryptoMemory
AT88SC0204CA ATMEL-AT88SC0204CA Datasheet
553Kb / 20P
   CryptoMemory
AT88SC0808CA ATMEL-AT88SC0808CA_09 Datasheet
219Kb / 24P
   CryptoMemory
AT88SC0808CA ATMEL-AT88SC0808CA Datasheet
600Kb / 20P
   CryptoMemory
AT88SC0204CA ATMEL-AT88SC0204CA_11 Datasheet
307Kb / 23P
   Atmel CryptoMemory
AT88SC0104CA ATMEL-AT88SC0104CA_14 Datasheet
440Kb / 24P
   Atmel CryptoMemory
AT88SC0204CA ATMEL-AT88SC0204CA_14 Datasheet
457Kb / 24P
   Atmel CryptoMemory
AT88SC0404CA ATMEL-AT88SC0404CA_14 Datasheet
444Kb / 24P
   Atmel CryptoMemory
AT88SC0104C ATMEL-AT88SC0104C_07 Datasheet
423Kb / 18P
   CryptoMemory 1 Kbit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com